Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97519AIUZ-TK Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL97519AIUZ-TK
Description  600kHz/1.2MHz PWM Step-Up Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97519AIUZ-TK Datasheet(HTML) 1 Page - Intersil Corporation

  ISL97519AIUZ-TK Datasheet HTML 1Page - Intersil Corporation ISL97519AIUZ-TK Datasheet HTML 2Page - Intersil Corporation ISL97519AIUZ-TK Datasheet HTML 3Page - Intersil Corporation ISL97519AIUZ-TK Datasheet HTML 4Page - Intersil Corporation ISL97519AIUZ-TK Datasheet HTML 5Page - Intersil Corporation ISL97519AIUZ-TK Datasheet HTML 6Page - Intersil Corporation ISL97519AIUZ-TK Datasheet HTML 7Page - Intersil Corporation ISL97519AIUZ-TK Datasheet HTML 8Page - Intersil Corporation ISL97519AIUZ-TK Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
FN6683.2
ISL97519A
600kHz/1.2MHz PWM Step-Up Regulator
The ISL97519A is a high frequency, high efficiency step-up
voltage regulator operated at constant frequency PWM
mode. With an internal 2.0A, 200m
Ω MOSFET, it can deliver
up to 1A output current at over 90% efficiency. Two
selectable frequencies, 600kHz and 1.2MHz, allow trade offs
between smaller components and faster transient response.
An external compensation pin gives the user greater
flexibility in setting frequency compensation allowing the use
of low ESR Ceramic output capacitors.
When shut down, it draws <1µA of current and can operate
down to 2.3V input supply. These features along with
1.2MHz switching frequency makes it an ideal device for
portable equipment and TFT-LCD displays.
The ISL97519A is available in an 8 Ld MSOP package with a
maximum height of 1.1mm. The device is specified for
operation over the full -40°C to +85°C temperature range.
Pinout
ISL97519A
(8 LD MSOP)
TOP VIEW
Features
• >90% Efficiency
• 2.0A, 200m
Ω Power MOSFET
• 2.3V to 5.5V Input
• Up to 25V Output
• 600kHz/1.2MHz Switching Frequency Selection
• Adjustable Soft-Start
• Internal Thermal Protection
• 1.1mm Max Height 8 Ld MSOP Package
• Pb-Free (RoHS compliant)
• Halogen Free
Applications
• TFT-LCD displays
• DSL modems
• PCMCIA cards
• Digital cameras
• GSM/CDMA phones
• Portable equipment
• Handheld devices
FB
FSEL
EN
VDD
GND
LX
COMP
SS
1
2
3
4
8
7
6
5
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL97519AIUZ
7519A
8 Ld MSOP
MDP0043
ISL97519AIUZ-T*
7519A
8 Ld MSOP
MDP0043
ISL97519AIUZ-TK*
7519A
8 Ld MSOP
MDP0043
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations). Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
June 30, 2008
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL97519AIUZ-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97519AIUZ-TK RENESAS-ISL97519AIUZ-TK Datasheet
681Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
More results

Similar Description - ISL97519AIUZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
EL7516 INTERSIL-EL7516 Datasheet
381Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7516 RENESAS-EL7516 Datasheet
580Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
EL7516 INTERSIL-EL7516_06 Datasheet
299Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
ISL97516 RENESAS-ISL97516 Datasheet
659Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
ISL97516 INTERSIL-ISL97516 Datasheet
482Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
International Rectifier
EL7516 IRF-EL7516 Datasheet
303Kb / 11P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Intersil Corporation
ISL97516 INTERSIL-ISL97516_07 Datasheet
322Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
ISL97519A RENESAS-ISL97519A Datasheet
681Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com