Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5370IUZ-T13 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5370IUZ-T13
Description  100MHz Differential Twisted-Pair Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5370IUZ-T13 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5370IUZ-T13 Datasheet HTML 5Page - Intersil Corporation EL5370IUZ-T13 Datasheet HTML 6Page - Intersil Corporation EL5370IUZ-T13 Datasheet HTML 7Page - Intersil Corporation EL5370IUZ-T13 Datasheet HTML 8Page - Intersil Corporation EL5370IUZ-T13 Datasheet HTML 9Page - Intersil Corporation EL5370IUZ-T13 Datasheet HTML 10Page - Intersil Corporation EL5370IUZ-T13 Datasheet HTML 11Page - Intersil Corporation EL5370IUZ-T13 Datasheet HTML 12Page - Intersil Corporation EL5370IUZ-T13 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
FN7309.8
September 14, 2010
Description of Operation and Application
Information
Product Description
The EL5170 and EL5370 are wide bandwidth, low power
and single/differential ended to differential output amplifiers.
They have a fixed gain of 2. The EL5170 is a single channel
differential amplifier. The EL5370 is a triple channel
differential amplifier. The EL5170 and EL5370 have a -3dB
bandwidth of 100MHz while driving a 200
Ω differential load.
The EL5170 and EL5370 are available with a power-down
feature to reduce the power while the amplifiers are
disabled.
Input, Output and Supply Voltage Range
The EL5170 and EL5370 have been designed to operate
with a single supply voltage of 5V to 10V or split supplies
with its total voltage from 5V to 10V. The amplifiers have an
input common mode voltage range from -4.5V to 3.4V for
±5V supply. The differential mode input range (DMIR)
between the two inputs is from -2.3V to +2.3V. The input
voltage range at the REF pin is from -3.3V to 3.8V. If the
input common mode or differential mode signal is outside the
above-specified ranges, it will cause the output signal to
become distorted.
The output of the EL5170 and EL5370 can swing from -3.3V
to 3.6V at 200
Ω differential load at ±5V supply. As the load
resistance becomes lower, the output swing is reduced.
Differential and Common Mode Gain Settings
As shown in the “Simplified Schematic” on page 8, since the
feedback resistors RF and the gain resistor are integrated with
200
Ω and 400Ω, the EL5170 and EL5370 have a fixed gain of
2. The common mode gain is always one.
Driving Capacitive Loads and Cables
The EL5170 and EL5370 can drive 75pF differential
capacitor in parallel with 200
Ω differential load with less than
3.5dB of peaking. If less peaking is desired in applications, a
small series resistor (usually between 5
Ω to 50Ω) can be
placed in series with each output to eliminate most peaking.
However, this will reduce the gain slightly.
When used as a cable driver, double termination is always
recommended for reflection-free performance. For those
applications, a back-termination series resistor at the
amplifier’s output will isolate the amplifier from the cable and
allow extensive capacitive drive. However, other applications
may have high capacitive loads without a back-termination
resistor. Again, a small series resistor at the output can help
to reduce peaking.
Disable/Power-Down
The EL5170 and EL5370 can be disabled and their outputs
placed in a high impedance state. The turn-off time is about
1µs and the turn-on time is about 200ns. When disabled, the
amplifier’s supply current is reduced to 2µA for IS+ and
120µA for IS- typically, thereby effectively eliminating the
power consumption. The amplifier’s power-down can be
controlled by standard CMOS signal levels at the ENABLE
pin. The applied logic signal is relative to VS+ pin. Letting the
EN pin float or applying a signal that is less than 1.5V below
VS+ will enable the amplifier. The amplifier will be disabled
when the signal at EN pin is above VS+ -0.5V.
Output Drive Capability
The EL5170 and EL5370 have internal short circuit
protection. Its typical short circuit current is ±80mA. If the
output is shorted indefinitely, the power dissipation could
easily increase such that the part will be destroyed.
Maximum reliability is maintained if the output current never
exceeds ±60mA. This limit is set by the design of the internal
metal interconnect.
Power Dissipation
With the high output drive capability of the EL5170 and
EL5370 it is possible to exceed the +125°C absolute
maximum junction temperature under certain load current
conditions. Therefore, it is important to calculate the maximum
junction temperature for the application to determine if the
load conditions or package types need to be modified for the
amplifier to remain in the safe operating area.
The maximum power dissipation allowed in a package is
determined according to Equation 1:
Where:
TJMAX = Maximum junction temperature
TAMAX = Maximum ambient temperature
θJA = Thermal resistance of the package
The maximum power dissipation actually produced by an IC
is the total quiescent supply current times the total power
supply voltage, plus the power in the IC due to the load, or
as expressed in Equation 2:
Where:
VS = Total supply voltage
ISMAX = Maximum quiescent supply current per channel
ΔVO = Maximum differential output voltage of the
application
RLD = Differential load resistance
ILOAD = Load current
i = Number of channels
PDMAX
TJMAX TAMAX
Θ
JA
---------------------------------------------
=
(EQ. 1)
PD
i
VS ISMAX VS
ΔV
O
RLD
------------
×
+
×
⎝⎠
⎜⎟
⎛⎞
×
=
(EQ. 2)
EL5170, EL5370


Similar Part No. - EL5370IUZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5370IUZ-T13 INTERSIL-EL5370IUZ-T13 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
EL5370IUZ-T13 INTERSIL-EL5370IUZ-T13 Datasheet
311Kb / 15P
   100MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5370IUZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5170 RENESAS-EL5170 Datasheet
720Kb / 14P
   100MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5170 INTERSIL-EL5170_07 Datasheet
311Kb / 15P
   100MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com