Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5152IS Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL5152IS
Description  270MHz Ultra-Accurate Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5152IS Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL5152IS Datasheet HTML 3Page - Intersil Corporation EL5152IS Datasheet HTML 4Page - Intersil Corporation EL5152IS Datasheet HTML 5Page - Intersil Corporation EL5152IS Datasheet HTML 6Page - Intersil Corporation EL5152IS Datasheet HTML 7Page - Intersil Corporation EL5152IS Datasheet HTML 8Page - Intersil Corporation EL5152IS Datasheet HTML 9Page - Intersil Corporation EL5152IS Datasheet HTML 10Page - Intersil Corporation EL5152IS Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
FN7385.6
March 2, 2009
FIGURE 17. RISE TIME - LARGE SIGNAL RESPONSE
FIGURE 18. FALL TIME - LARGE SIGNAL RESPONSE
FIGURE 19. RISE TIME - SMALL SIGNAL RESPONSE
FIGURE 20. FALL TIME - SMALL SIGNAL RESPONSE
FIGURE 21. EL5152 SMALL SIGNAL OPEN LOOP GAIN vs
FREQUENCY INVERTING
FIGURE 22. EL5252 SMALL SIGNAL FREQUENCY vs
CROSSTALK
Typical Performance Curves (Continued)
TIME (4ns/DIV)
AV = +1
RL = 500Ω
CL = 5pF
0V
TIME (4ns/DIV)
AV = +1
RL = 500Ω
CL = 5pF
0V
TIME (2ns/DIV)
AV = +1
RL = 500Ω
CL = 5pF
0V
TIME (2ns/DIV)
AV = +1
RL = 500Ω
CL = 5pF
0V
10k
100k
100M
FREQUENCY (Hz)
1k
10M
1M
500M
80
60
40
20
0
90
70
50
30
10
-10
-45
0
45
90
135
180
GAIN
PHASE
-20
-40
-60
-80
-10
-30
-50
-70
-90
100k
1M
10M
1G
FREQUENCY (Hz)
100M
AV = +1
RL = 500Ω
CL = 0pF
-100
IN #2
OUT #1
IN #1
OUT #2
EL5152, EL5153, EL5252, EL5455


Similar Part No. - EL5152IS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5152IS INTERSIL-EL5152IS Datasheet
357Kb / 14P
   300MHz Amplifiers
EL5152IS INTERSIL-EL5152IS Datasheet
705Kb / 16P
   270MHz Ultra-Accurate Amplifiers
EL5152IS INTERSIL-EL5152IS Datasheet
371Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Renesas Technology Corp
EL5152IS RENESAS-EL5152IS Datasheet
805Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Intersil Corporation
EL5152IS-T13 INTERSIL-EL5152IS-T13 Datasheet
357Kb / 14P
   300MHz Amplifiers
More results

Similar Description - EL5152IS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5152 INTERSIL-EL5152_07 Datasheet
371Kb / 16P
   270MHz Ultra-Accurate Amplifiers
EL5152 INTERSIL-EL5152_05 Datasheet
705Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Renesas Technology Corp
EL5152 RENESAS-EL5152 Datasheet
805Kb / 16P
   270MHz Ultra-Accurate Amplifiers
logo
Texas Instruments
THS4001 TI1-THS4001 Datasheet
887Kb / 21P
[Old version datasheet]   270MHZ HIGH SPEED AMPLIFIERS
LMH6657 TI1-LMH6657 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
LMH6658 TI1-LMH6658 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
logo
National Semiconductor ...
LMH6657 NSC-LMH6657_14 Datasheet
1Mb / 29P
   270MHz Single Supply, Single & Dual Amplifiers
LMH6657 NSC-LMH6657 Datasheet
788Kb / 20P
   270MHz Single Supply, Single & Dual Amplifiers
logo
Texas Instruments
LMH6658MAX TI-LMH6658MAX Datasheet
1Mb / 29P
[Old version datasheet]   LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
logo
Analog Devices
SMP-10 AD-SMP-10 Datasheet
540Kb / 9P
   Low Droop Rate/Accurate Sample-andHold Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com