Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9211A Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL9211A
Description  Charging System Safety Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9211A Datasheet(HTML) 3 Page - Intersil Corporation

  ISL9211A Datasheet HTML 1Page - Intersil Corporation ISL9211A Datasheet HTML 2Page - Intersil Corporation ISL9211A Datasheet HTML 3Page - Intersil Corporation ISL9211A Datasheet HTML 4Page - Intersil Corporation ISL9211A Datasheet HTML 5Page - Intersil Corporation ISL9211A Datasheet HTML 6Page - Intersil Corporation ISL9211A Datasheet HTML 7Page - Intersil Corporation ISL9211A Datasheet HTML 8Page - Intersil Corporation ISL9211A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ISL9211A
3
FN6702.1
August 25, 2010
Pin Configuration
ISL9211A
(8 LD µTDFN)
TOP VIEW
4
5
FAULT
EN
1
2
3
8
6
7
VIN
GND
NC
OUT
ILIM
VB
PAD
Pin Descriptions
SYMBOL PIN NUMBER
DESCRIPTION
VIN
1
The input power source. The VIN can withstand 24V input.
GND
2
System ground reference.
NC
3
No connection and must be left floating.
FAULT
4FAULT is an open-drain logic output that turns LOW when any protection event occurs.
EN
5
IC enable pin. Pull this pin to LO to enable the device and pull it to HI to disable.
VB
6
Battery voltage monitoring input. This pin is connected to the battery pack positive terminal via an
isolation resistor.
ILIM
7
Overcurrent protection threshold setting pin. Connect a resistor between this pin and GND to set the
OCP threshold.
OUT
8
Output pin.
-
PD
Exposed pad. Connect to system ground
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP RANGE
(°C)
PACKAGE
Tape and Reel
(Pb-free)
PKG.
DWG. #
ISL9211AIRU48XZ-T
4XE
-40 to +85
8 Ld µTDFN
L8.2x2B
ISL9211AIRU58XZ-T
5XX
-40 to +85
8 Ld µTDFN
L8.2x2B
ISL9211AIRU68XZ-T
6XX
-40 to +85
8 Ld µTDFN
L8.2x2B
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach
materials and NiPdAu plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free
soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL9211A. For more information on MSL please
see techbrief TB363.


Similar Part No. - ISL9211A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9211A INTERSIL-ISL9211A Datasheet
202Kb / 12P
   Charging System Safety Circuit
August 25, 2010
logo
Renesas Technology Corp
ISL9211A RENESAS-ISL9211A Datasheet
624Kb / 13P
   Charging System Safety Circuit
ISL9211AIRU48EVZ RENESAS-ISL9211AIRU48EVZ Datasheet
624Kb / 13P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9211AIRU48XZ-T INTERSIL-ISL9211AIRU48XZ-T Datasheet
202Kb / 12P
   Charging System Safety Circuit
August 25, 2010
logo
Renesas Technology Corp
ISL9211AIRU48XZ-T RENESAS-ISL9211AIRU48XZ-T Datasheet
624Kb / 13P
   Charging System Safety Circuit
More results

Similar Description - ISL9211A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9209C INTERSIL-ISL9209C Datasheet
611Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9211A RENESAS-ISL9211A Datasheet
624Kb / 13P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9212A INTERSIL-ISL9212A Datasheet
489Kb / 11P
   Charging System Safety Circuit
ISL9212B INTERSIL-ISL9212B Datasheet
534Kb / 11P
   Charging System Safety Circuit
ISL9209B INTERSIL-ISL9209B Datasheet
599Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9212B RENESAS-ISL9212B Datasheet
877Kb / 11P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9212 INTERSIL-ISL9212 Datasheet
535Kb / 11P
   Charging System Safety Circuit
ISL9209BIRZ INTERSIL-ISL9209BIRZ Datasheet
602Kb / 11P
   Charging System Safety Circuit
March 21, 2007
ISL9211BIRU58XZ-T INTERSIL-ISL9211BIRU58XZ-T Datasheet
380Kb / 12P
   Charging System Safety Circuit
November 4, 2014
ISL9211A INTERSIL-ISL9211A Datasheet
202Kb / 12P
   Charging System Safety Circuit
August 25, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com