Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL22449WFV14Z Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL22449WFV14Z
Description  Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22449WFV14Z Datasheet(HTML) 3 Page - Intersil Corporation

  ISL22449WFV14Z Datasheet HTML 1Page - Intersil Corporation ISL22449WFV14Z Datasheet HTML 2Page - Intersil Corporation ISL22449WFV14Z Datasheet HTML 3Page - Intersil Corporation ISL22449WFV14Z Datasheet HTML 4Page - Intersil Corporation ISL22449WFV14Z Datasheet HTML 5Page - Intersil Corporation ISL22449WFV14Z Datasheet HTML 6Page - Intersil Corporation ISL22449WFV14Z Datasheet HTML 7Page - Intersil Corporation ISL22449WFV14Z Datasheet HTML 8Page - Intersil Corporation ISL22449WFV14Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
FN6333.3
July 17, 2009
Absolute Maximum Ratings
Thermal Information
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage at any Digital Interface Pin
with Respect to GND . . . . . . . . . . . . . . . . . . . . -0.3V to VCC +0.3
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6V
Voltage at any DCP pin with Respect to GND . . . . . . . -0.3V to VCC
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
Latchup (Note 2) . . . . . . . . . . . . . . . . . . Class II, Level B @ +125°C
ESD (HBM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5kV
(CDM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1kV
Thermal Resistance (Typical, Note 1)
θJA (°C/W)
14 Ld TSSOP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+100
Maximum Junction Temperature (Plastic Package) . . . . . . . .+150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Ambient Temperature . . . . . . . . . . . . . . . . . . . . . . . -40°C to +125°C
VCC Voltage for DCP Operation . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
Wiper Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -3mA to 3mA
Power Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mW
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. Jedec Class II pulse conditions and failure criterion used. Level B exceptions are: using a max positive pulse of 6.5V on the SHDN pin, and using
a max negative pulse of -0.8V for all pins.
Analog Specifications
Over recommended operating conditions unless otherwise stated. Parameters with MIN and/or MAX limits are
100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization and are not
production tested.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(Note 3)
MAX
UNIT
RTOTAL
End-to-End resistance
W option
10
k
Ω
U option
50
k
Ω
End-to-End resistance tolerance
W and U option
-20
+20
%
End-to-End Temperature Coefficient
W option
±50
ppm/°C
(Note 13)
U option
±80
ppm/°C
(Note 13)
RW
Wiper resistance
VCC = 3.3V @ +25°C,
wiper current = VCC/RTOTAL
70
200
Ω
CW
(Note 13)
Wiper capacitance
25
pF
VOLTAGE DIVIDER MODE (measured at RWi, unloaded; i = 0, 1, 2 or 3)
INL
(Note 8)
Integral non-linearity
-1
1
LSB
(Note 4)
DNL
(Note 7)
Differential non-linearity
Monotonic over all tap positions
-0.5
0.5
LSB
(Note 4)
ZSerror
(Note 5)
Zero-scale error
W option
0
1
5
LSB
(Note 4)
U option
0
0.5
2
LSB
(Note 4)
FSerror
(Note 6)
Full-scale error
W option
-5
-1
0
LSB
(Note 4)
U option
-2
-1
0
LSB
(Note 4)
VMATCH
(Note 9)
DCP to DCP matching
Any two DCPs at same tap position
-2
2
LSB
(Note 4)
TCV
(Note 10)
Ratiometric temperature coefficient
DCP register set to 40 hex
±4
ppm/°C
ISL22449


Similar Part No. - ISL22449WFV14Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22449WFV14Z INTERSIL-ISL22449WFV14Z Datasheet
356Kb / 12P
   Quad Digitally Controlled Potentiometer
logo
Renesas Technology Corp
ISL22449WFV14Z RENESAS-ISL22449WFV14Z Datasheet
837Kb / 13P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 128 Taps, Wiper Only
July 17, 2009
More results

Similar Description - ISL22449WFV14Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22419 INTERSIL-ISL22419 Datasheet
406Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
logo
Renesas Technology Corp
ISL22449 RENESAS-ISL22449 Datasheet
837Kb / 13P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 128 Taps, Wiper Only
July 17, 2009
ISL22419 RENESAS-ISL22419 Datasheet
828Kb / 13P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 128 Taps, Wiper Only
September 8, 2009
ISL22429 RENESAS-ISL22429 Datasheet
832Kb / 13P
   Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI®Bus, 128 Taps, Wiper Only
May 28, 2009
ISL22319 RENESAS-ISL22319 Datasheet
873Kb / 13P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C Bus, 128 Taps, Wiper Only
September 9, 2009
ISL22349 RENESAS-ISL22349 Datasheet
830Kb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only
May 28, 2009
ISL22329 RENESAS-ISL22329 Datasheet
828Kb / 13P
   Dual Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only
September 4, 2009
logo
Intersil Corporation
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com