Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL84581IAZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL84581IAZ
Description  Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84581IAZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL84581IAZ Datasheet HTML 3Page - Intersil Corporation ISL84581IAZ Datasheet HTML 4Page - Intersil Corporation ISL84581IAZ Datasheet HTML 5Page - Intersil Corporation ISL84581IAZ Datasheet HTML 6Page - Intersil Corporation ISL84581IAZ Datasheet HTML 7Page - Intersil Corporation ISL84581IAZ Datasheet HTML 8Page - Intersil Corporation ISL84581IAZ Datasheet HTML 9Page - Intersil Corporation ISL84581IAZ Datasheet HTML 10Page - Intersil Corporation ISL84581IAZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
FN6416.3
April 13, 2009
INHIBIT Turn-OFF Time, tOFF
V+ = 3.0V, VNO = 1.5V, RL = 300Ω, CL = 35pF,
VIN = 0V to 3V (see Figure 1, Note 9)
25
-
37
50
ns
Full
-
-
60
ns
Address Transition Time, tTRANS
V+ = 3.0V, VNO = 1.5V, RL = 300Ω, CL = 35pF,
VIN = 0V to 3V (see Figure 1, Note 9)
25
-
96
120
ns
Full
-
-
145
ns
Break-Before-Make Time, tBBM
V+ = 3.6V, VNO = 1.5V, RL = 300Ω, CL = 35pF,
VIN = 0V to 3V (see Figure 3, Note 9)
Full
3
13
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω (see Figure 2, Note 9)
25
-
0.3
1
pC
OFF-Isolation
RL = 50Ω, CL = 15pF, f = 100kHz,
VNO = 1VRMS (see Figures 4 and 18)
25
-
92
-
dB
POWER SUPPLY CHARACTERISTICS
Power Supply Range
(Note 10)
Full
2
-
12
V
NOTES:
3. VIN = Input logic voltage to configure the device in a given state.
4. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
5.
ΔrON = rON (MAX) - rON (MIN).
6. Flatness is defined as the difference between maximum and minimum value of on-resistance over the specified analog signal range.
7. Leakage parameter is 100% tested at high temp, and guaranteed by correlation at +25°C.
8. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
9. Limits established by characterization and are not production tested.
10. Limits should be considered typical and are not production tested.
Electrical Specifications 3.3V SupplyTest Conditions: V+ = +3.0V to +3.6V, V- = GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 3),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 4, 8) TYP
MAX
(Notes 4, 8) UNITS
Test Circuits and Waveforms
Logic input waveform is inverted for switches that have the opposite
logic sense.
FIGURE 1A. INHIBIT tON/tOFF MEASUREMENT POINTS
Repeat test for other switches. CL includes fixture and stray
capacitance.
FIGURE 1B. INHIBIT tON/tOFF TEST CIRCUIT
50%
tr < 20ns
tf < 20ns
tON
3V
0V
tOFF
LOGIC
INPUT
SWITCH
OUTPUT
90%
0V
90%
VOUT
VNO0
V
OUT
V
(NO or NC)
R
L
R
L
r
ON
+
------------------------
=
LOGIC
INPUT
VOUT
RL
COM
NO0
INH
300
Ω
35pF
GND
V-
C
NO1-NO7
CL
V+
ADDA-C
C
V+
C
ISL84581


Similar Part No. - ISL84581IAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84581IAZ INTERSIL-ISL84581IAZ Datasheet
419Kb / 15P
   Low-Voltage, Single and Dual Supply,8-to-1 Multiplexer
April 13, 2009
logo
Renesas Technology Corp
ISL84581IAZ RENESAS-ISL84581IAZ Datasheet
765Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Intersil Corporation
ISL84581IAZ-T INTERSIL-ISL84581IAZ-T Datasheet
419Kb / 15P
   Low-Voltage, Single and Dual Supply,8-to-1 Multiplexer
April 13, 2009
logo
Renesas Technology Corp
ISL84581IAZ-T RENESAS-ISL84581IAZ-T Datasheet
765Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
More results

Similar Description - ISL84581IAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL84581 RENESAS-ISL84581 Datasheet
765Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Intersil Corporation
ISL84581IVZ INTERSIL-ISL84581IVZ Datasheet
419Kb / 15P
   Low-Voltage, Single and Dual Supply,8-to-1 Multiplexer
April 13, 2009
ISL43681 INTERSIL-ISL43681_06 Datasheet
539Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
ISL43681 INTERSIL-ISL43681 Datasheet
604Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Renesas Technology Corp
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Intersil Corporation
ISL84051 INTERSIL-ISL84051 Datasheet
560Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches
ISL84051_0710 INTERSIL-ISL84051_0710 Datasheet
443Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
logo
Renesas Technology Corp
ISL84051 RENESAS-ISL84051 Datasheet
919Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
logo
Intersil Corporation
ISL84051 INTERSIL-ISL84051_07 Datasheet
441Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
ISL84053IAZ-T INTERSIL-ISL84053IAZ-T Datasheet
784Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com