Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97656IRTZ-T Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL97656IRTZ-T
Description  Integrated 4A Switch PWM Step-Up Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97656IRTZ-T Datasheet(HTML) 7 Page - Intersil Corporation

  ISL97656IRTZ-T Datasheet HTML 1Page - Intersil Corporation ISL97656IRTZ-T Datasheet HTML 2Page - Intersil Corporation ISL97656IRTZ-T Datasheet HTML 3Page - Intersil Corporation ISL97656IRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL97656IRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL97656IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL97656IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL97656IRTZ-T Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6439.4
April 2, 2010
Maximum Output Current
The MOSFET current limit is nominally 4.0A and guaranteed
3.8A. This restricts the maximum output current, IOMAX,
based on Equation 7:
where:
IL = MOSFET current limit
IL(AVG) = average inductor current
ΔIL = inductor ripple current
VDIODE = Schottky diode forward voltage, typically, 0.6V
fS = switching frequency, 600kHz or 1.2MHz
D = MOSFET turn-on ratio:
Table 1 gives typical maximum IOUT values for 1.2MHz
switching frequency and 10µH inductor.
Cascaded MOSFET Application
A 24V N-Channel MOSFET is integrated in the boost
regulator. For the applications where the output voltage is
greater than 24V, an external cascaded MOSFET is needed
as shown in Figure 11. The voltage rating of the external
MOSFET should be greater than AIN.
DC PATH BLOCK APPLICATION
Note that there is a DC path in the boost converter from the
input to the output through the inductor and diode, hence the
input voltage will be seen at output with a forward voltage
drop of diode before the part is enabled. If this voltage is not
desired, the following circuit (see Figure 12) can be inserted
between input and inductor to disconnect the DC path when
the part is disabled.
TABLE 1. TYPICAL MAXIMUM IOUT VALUES
VIN (V)
VOUT (V)
IOMAX (mA)
2.5
5
1790
2.5
9
990
2.5
12
750
3.3
5
2370
3.3
9
1300
3.3
12
970
5
9
1970
5
12
1470
IL
ILAVG
()
12
⁄ΔI
L
×
()
+
=
(EQ. 7)
ΔI
L
VIN
VO VDIODE
+
() V
IN
[]
×
LVO
(
VDIODE) fS
×
+
×
------------------------------------------------------------------------------
=
(EQ. 8)
IL-AVG
IOUT
1D
-------------
=
(EQ. 9)
D1
VIN
VOUT VDIODE
+
--------------------------------------------
=
(EQ. 10)
FIGURE 11. CASCADED MOSFET TOPOLOGY FOR HIGH
OUTPUT VOLTAGE APPLICATIONS
INTERSIL
ISL97656
LX
FB
AIN
VIN
FIGURE 12. CIRCUIT TO DISCONNECT THE DC PATH OF
BOOST CONVERTER
INPUT
EN
TO INDUCTOR
ISL97656


Similar Part No. - ISL97656IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97656IRTZ RENESAS-ISL97656IRTZ Datasheet
617Kb / 9P
   Step-Up Regulator with 4A Integrated Switch
More results

Similar Description - ISL97656IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97656 RENESAS-ISL97656 Datasheet
617Kb / 9P
   Step-Up Regulator with 4A Integrated Switch
logo
Linear Technology
LTM4661 LINER-LTM4661 Datasheet
646Kb / 20P
   15V, 4A Step-Up 關Module Regulator
logo
Intersil Corporation
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
EL7515 INTERSIL-EL7515 Datasheet
316Kb / 9P
   High Frequency PWM Step-Up Regulator
ISL97519A INTERSIL-ISL97519A Datasheet
373Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
ISL97516 INTERSIL-ISL97516 Datasheet
482Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
EL7516 INTERSIL-EL7516 Datasheet
381Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7515 RENESAS-EL7515 Datasheet
492Kb / 9P
   High Frequency PWM Step-Up Regulator
EL7516 RENESAS-EL7516 Datasheet
580Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com