Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ501 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SJ501
Description  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ501 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SJ501 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ501 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ501 Datasheet HTML 3Page - Sanyo Semicon Device 2SJ501 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SJ501
No.5948–3/4
1ms
SW Time - I D
A S O
P D - Ta
VDD=-10V
VGS=-4V
IDP=- 2A
Operation in this area
is limited by RDS(on).
Ciss,Coss,Crss - VDS
VGS - Qg
f = 1MHz
Ciss
Coss
Crss
VDS=-10V
ID=-0.5A
td(on)
tr
tf
td (off)
10ms
100
µs
ID=- 0.5A
2
3
5
7
10
100
2
3
5
7
1000
0
-4
-2
-6
-10
-8
-14
-12
-18
-16
-20
-1
-2
-3
-4
-5
-10
-9
-8
-7
-6
0
0
1.0
2.0
3.0
4.0
5.0
2
1.0
3
5
7
10
2
3
5
7
100
2
3
5
7
1000
35
7
-0.1
23
23
57
-1.0
2
-0.01
3
5
7
-0.1
2
3
5
7
-1.0
2
3
5
-0.01
23
5 7 -0.1
23
5 7 -1.0
23
23
57 -10
020
0.1
0.2
0.3
0.25
0
40
60
80
100
120
140
160
Drain Current, ID –A
Drain-to-Source Voltage, VDS –V
Ta=25
°C
Single pulse
Drain-to-Source Voltage, VDS –V
Ambient Temperature, Ta – ˚C
Total Gate Charge, Qg – nC
R DS(on) - Ta
VGS=0
ID=-0.3A,V
GS
=-4V
I F - VSD
ID=-0.05A,V
GS
=-2.5V
100
200
1000
900
500
600
700
800
400
300
0
-60
-40
-20
0
20
40
60
80
100
120
160
140
2
3
5
7
-0.001
-0.01
2
3
5
7
-0.1
2
3
5
7
-1.0
2
3
5
7
-10
0
-0.2
-0.4
-0.6
-1.0
-0.8
-1.2
-1.4
Diode Forward Voltage, VSD –V
Ambient Temperature, Ta – ˚C


Similar Part No. - 2SJ501

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ50 HITACHI-2SJ50 Datasheet
192Kb / 3P
   LOW FREQUENCY POWER AMPLIFIER
logo
Sanyo Semicon Device
2SJ502 SANYO-2SJ502 Datasheet
170Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ503 SANYO-2SJ503 Datasheet
87Kb / 4P
   DC/DC Converter Applications
logo
Hitachi Semiconductor
2SJ504 HITACHI-2SJ504 Datasheet
51Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SJ504 RENESAS-2SJ504 Datasheet
89Kb / 8P
   Silicon P Channel MOS FET
More results

Similar Description - 2SJ501

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com