Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5306ISZ-T7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5306ISZ-T7
Description  350MHz Fixed Gain Amplifiers with Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5306ISZ-T7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5306ISZ-T7 Datasheet HTML 4Page - Intersil Corporation EL5306ISZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5306ISZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5306ISZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5306ISZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5306ISZ-T7 Datasheet HTML 9Page - Intersil Corporation EL5306ISZ-T7 Datasheet HTML 10Page - Intersil Corporation EL5306ISZ-T7 Datasheet HTML 11Page - Intersil Corporation EL5306ISZ-T7 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN7357.6
September 21, 2010
Current Limiting
The EL5106 and EL5306 have no internal current-limiting
circuitry. If the output is shorted, it is possible to exceed the
Absolute Maximum Rating for output current or power
dissipation, potentially resulting in the destruction of the
device.
Power Dissipation
With the high output drive capability of the EL5106 and
EL5306, it is possible to exceed the +125°C Absolute
Maximum junction temperature under certain very high load
current conditions. Generally speaking when RL falls below
about 25
Ω, it is important to calculate the maximum junction
temperature (TJMAX) for the application to determine if
power supply voltages, load conditions, or package type
need to be modified for the EL5106 and EL5306 to remain in
the safe operating area. These parameters are calculated as
shown in Equation 1:
where:
TMAX = Maximum ambient temperature
θJA = Thermal resistance of the package
n = Number of amplifiers in the package
PDMAX = Maximum power dissipation of each amplifier in
the package
PDMAX for each amplifier can be calculated as shown in
Equation 2:
where:
VS = Supply voltage
ISMAX = Maximum bias supply current
VOUTMAX = Maximum output voltage (required)
RL = Load resistance
TJMAX
TMAX θJA nPDMAX
×
×
()
+
=
(EQ. 1)
PDMAX
2
(
VS ISMAX)
VS
(
- VOUTMAX)
VOUTMAX
RL
----------------------------
×
+
×
×
=
(EQ. 2)
Revision History
DATE
REVISION
CHANGE
6/4/09
FN7357.6
Removed obsolete, leaded devices EL5106IW-T7, EL5106IW-T7A; EL5106IS-T7, EL5106IS-
T13; EL5306IS, EL5306IS-T7, EL5306IS-T13; EL5306IU, EL5306IU-T7, EL5306IU-T13
Corrected Figure references in “Gain Setting” on page 7 (Fig 14 callout was referencing Fig
13; Fig 15 callout was referencing Fig 14; Fig 16 callout was referencing Fig 15) .
Updated pin descriptions to match pin names of EL5306.
Applied Intersil Standards: Updated Pb-free bullet in Features, Updated ordering information
by removing tape and reel column and adding standard reference note and updating note to
match lead finish, updated caution statement to legal's suggested verbiage. Changed date
and Rev'd to 6.
Updated POD MDP0038 toP6.064A - P6.064A replaces 6 Ld SOT-23
(same dimensions, just MDP0038 had both 5 & 6 Ld SOT23s w/dimensions listed in table)
Updated POD MDP0027 to M8.15E - M8.15E replaces MDP0027 8 Ld SOIC (same
dimensions, just MDP0027 had 8, 14, 16, 20, 24, 28 Ld SOICS with dimensions listed in table)
P1, added Note 2 "The part marking is located on the bottom of the part" for SOT-23 package
EL5106, EL5306


Similar Part No. - EL5306ISZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5306ISZ-T7 INTERSIL-EL5306ISZ-T7 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
EL5306ISZ-T7 INTERSIL-EL5306ISZ-T7 Datasheet
292Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5306ISZ-T7 RENESAS-EL5306ISZ-T7 Datasheet
717Kb / 14P
   350MHz Fixed Gain Amplifiers with Enable
More results

Similar Description - EL5306ISZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5306 INTERSIL-EL5306 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
5962-0625501QXC INTERSIL-5962-0625501QXC Datasheet
111Kb / 4P
   350MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106_07 Datasheet
292Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106_05 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5106 RENESAS-EL5106 Datasheet
717Kb / 14P
   350MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5108 INTERSIL-EL5108_07 Datasheet
306Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
EL5108 INTERSIL-EL5108_06 Datasheet
337Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5108 RENESAS-EL5108 Datasheet
682Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5108 INTERSIL-EL5108 Datasheet
492Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
logo
National Semiconductor ...
LMV101 NSC-LMV101 Datasheet
769Kb / 12P
   Fixed-Gain Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com