Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

62S22-H5-040PH Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 62S22-H5-040PH
Description  Compact 1/2' Package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

62S22-H5-040PH Datasheet(HTML) 2 Page - Grayhill, Inc

  62S22-H5-040PH Datasheet HTML 1Page - Grayhill, Inc 62S22-H5-040PH Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Optical Encoders
SPECIFICATIONS
Environmental Specifications
Operating Temperture Range: -40°C to 85°C
Storage Temperature Range: -55°C to 100°C
Humidity: 96 Hours at 90–95% humidity at
40°C
Mechanical Vibration: Harmonic motion with
amplitude of 15G's, within a varied frequency
of 10 to 2000 Hz
Mechanical Shock: Test 1: 100G for 6 mS, half
sine wave with a velocity change of 12.3 ft/s;
Test 2: 100G for 6 mS, sawtooth wave with a
velocity change of 9.7 ft/s
Rotary Electrical and Mechanical
Specifications
Operating Voltage: 5.00 ±0.25 Vdc
Supply Current: 30mA maximum at 5Vdc
Output: Open collector phototransistor,
external pull up resistors are required
Output Code: 2-Bit quadrature, channel A
leads channel B by 90° electrically during
clockwise rotation of the shaft
Logic Output Characteristics:
Logic High shall be no less than 3.0 Vdc
Logic Low shall be no greater than 1.0 Vdc
Minimum Sink Current: 2.0 mA
Power Consumption: 150 mW maximum
Mechanical Life:
Non-Detent
3 Million Cycles
Low & Medium
1 Million Cycles
High
1/2 Million Cycles
1 cycle is a rotation through all positions and
a full return
Torque shall be within 50% of initial value
throughout life
Mounting Torque: 15 in-lbs maximum
Shaft Push-Out Force: 45 lbs minimum
Shaft Pull-Out Force: 45 lbs minimum
Terminal Strength: 15 lbs minimum terminal
pull-out force for cable or header termination
Solderability: 95% free of pin holes and voids
Pushbutton Electrical and
Mechanical Specifications
Rating: 10 mA at 5 Vdc
Contact Resistance: <10
Life: 3 million actuations minimum
Contact Bounce: <4 ms Make, <10 ms Break
Actuation Force: 9-950±250 grams, 5-
510±110 grams, 4-400±100 grams, 3-300±90
grams, 2-200±75 grams
Shaft Travel: .020±.010 inch
Materials and Finishes
Bushing: Zamak 2
Shaft: Aluminum or Zamak 2
Retaining Ring: Stainless steel
Pushbutton Actuator: Zytel 70G33L
Detent Spring: Music wire
Detent Ball: Stainless steel
Code Housing: Polyamide polymer, nylon 6/
10 alloy UL94HB
CIRCUITRY, TRUTH TABLE, AND WAVEFORM Standard Quadrature 2-Bit Code
Code Rotor: Delrin 100
Printed Circuit Boards: NEMA grade FR-4,
double clad with copper, plated with gold over
nickel
Infrared Emiting Diode Chips: Gallium
aluminum arsenide
Silicon Phototransistor Chips: Gold and
Aluminum Alloys
Resistor: Metal oxide on ceramic substrate
Solder Pins: Brass, plated with tin
Pushbutton Dome: Stainless steel
Backplate: Stainless steel
Cable: Copper stranded with topcoat in PVC
insulation (Cable version only)
Connector (.050 Center): PA4.6 with tin over
nickel plated phosphor bronze
Connector (.100 Center): Nylon UL94V-2, tin
plated copper alloy
Label: TT406 Thermal transfer cast film
Solder: Sn/Ag/Cu, Lead-Free, No Clean
Lubricating Grease: NYE nyogel 774L
Hex Nut: Nickel, plated with brass
Lockwasher: Stainless steel
Header: Hi-Temp glass filled thermoplastic
UL94V-0, phoshor bronze (pinned versions
only)
Strain Relief: Glass filled thermoplastic (.100
center cable versions only)
OPTIONS
Contact Grayhill for custom terminations, shaft
and bushing configurations, rotational torque
pushbutton force, and code output. Control
knobs are also available.
1
2
3
4
5
6
POWER +5V
OUTPUT A
OUTPUT B
N.O.
PUSH-
BUTTON
SWITCH
GROUND
PIN #
R*
R*
OUTPUT
A
OUTPUT
B
HIGH
LOW
HIGH
LOW
POSITION NUMBER
1
2
3
4
5
6
Indicates logic high; blank indicates
logic low.
Code repeats every 4 positions.
Clockwise Rotation
Position
Output A
Output B
1
2
3
4
••
62SXX-XX-040X
Termination
C = .050 Center Ribbon Cable with Connector
S = .050 Center Ribbon Cable with .100 Stripped End
P = .050 Center Pins with .185 Length
CH = .100 Center Ribbon Cable with Connector
SH = .100 Center Ribbon Cable with .100 Stripped End
PH = .100 Center Pins with .230 Length
Cable Length
Cable Termination: 040=4.0in or 040in. Cable is
terminated with Amp Connector P/N 640442-6
See Amp Mateability Guide for mating connector details.
Pushbutton Option
0 = NO PUSHBUTTON
4 = 400 Grams
9 = 950 Grams
3 = 300 Grams
5 = 510 Grams
2 = 200 Grams
Angle of Throw
45=45° for Code Change and 8 Detent Positions
30=30° for Code Change and 12 Detent Positions
22=22.5° for Code Change and 16 Detent Positions
18=18° for Code Change and 20 Detent Positions
15=15° for Code Change and 24 Detent Positions
11=11.25° for Code Change and 32 Detent Positions
Rotational Torque Option
N = Non-detent
L = Low Torque (available with 0, 4, 5, 9 pushbutton only)
M = Medium Torque (available with 0, 5, 9 pushbutton only)
H = High Torque (available with 0, 9 pushbutton only)
ORDERING INFORMATION
AVERAGE ROTATIONAL TORQUE SPECIFICATIONS
LOW
MEDIUM
HIGH
±0.50 IN-OZ
±1.40 IN-OZ
±1.60 IN-OZ
8 POSITION
1.10
1.85
2.75
12 POSITION
1.00
1.70
2.95
16 POSITION
1.40
2.35
3.40
20 POSITION
1.35
2.05
2.80
24 POSITION
1.25
1.95
2.95
32 POSITION
0.95
1.40
2.15
Encoder
4


Similar Part No. - 62S22-H5-040PH

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
62S22-H5-040PH GRAYHILL-62S22-H5-040PH Datasheet
5Mb / 33P
   Custom, Absolute
More results

Similar Description - 62S22-H5-040PH

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
62A GRAYHILL-62A Datasheet
126Kb / 3P
   1/2' Package
logo
Marktech Corporate
MTRS1070 MARKTECH-MTRS1070 Datasheet
67Kb / 2P
   Compact Package
logo
KODENSHI_AUK CORP.
EL333F1 KODENSHI-EL333F1 Datasheet
132Kb / 3P
   Compact package
logo
Minmax Technology Co., ...
MSCW01 MINMAX-MSCW01 Datasheet
344Kb / 4P
   DC/DC CONVERTER 1W Ultra compact SMD Package Wide 2:1 lnput Range
MAW01 MINMAX-MAW01 Datasheet
330Kb / 4P
   DC/DC CONVERTER 1W Compact SIP-6 Package Wide 2:1 Input Range
logo
Red Lion Controls. Inc
ANT2458Q5P2 REDLION-ANT2458Q5P2 Datasheet
464Kb / 2P
   Compact, Dual-Band, 1/2 Wave Antenna
ANT-DB1-RAF-RPSMA REDLION-ANT-DB1-RAF-RPSMA Datasheet
1Mb / 2P
   Compact Dual-Band 1/2 Wave Antenna
logo
IK Semicon Co., Ltd
IL5009 IKSEMICON-IL5009 Datasheet
226Kb / 3P
   Package is compact
logo
Hubbell Incorporated.
VAULH112 HUBBELL-VAULH112 Datasheet
378Kb / 2P
   Aluminum Compression Terminal for #2 - #1 str AL/CU, #2 6/1, 7/1 ACSR, #1 COMPACT
VAULH112BN HUBBELL-VAULH112BN Datasheet
378Kb / 2P
   Aluminum Compression Terminal for #2 - #1 str AL/CU, #2 6/1, 7/1 ACSR, #1 COMPACT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com