Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54053IRUZ-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL54053IRUZ-T
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54053IRUZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL54053IRUZ-T Datasheet HTML 1Page - Intersil Corporation ISL54053IRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL54053IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54053IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54053IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54053IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54053IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54053IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54053IRUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Ultra Low ON-Resistance, Low Voltage, Single
Supply, SPDT Analog Switch
ISL54053
The Intersil ISL54053 device is a low ON-resistance, low
voltage, bidirectional, single pole/double throw (SPDT)
analog switch designed to operate from a single +1.8V
to +5.5V supply. Targeted applications include battery
powered equipment which benefit from low rON (0.8Ω)
and fast switching speeds (tON = 24ns, tOFF = 10ns).
The digital logic input is 1.8V logic compatible when
using a single +3.0V supply.
Cell phones, for example, often face ASIC functionality
limitations. The number of analog input or GPIO pins
may be limited and digital geometries are not well
suited to analog switch performance. This part may be
used to “mux-in” additional functionality while reducing
ASIC design risk. The ISL54053 is offered in the 6 Ld
1.2mmx1.0mmx0.5mm µTDFN and 6 Ld SOT-23
packages, alleviating board space limitations.
The ISL54053 is a committed SPDT that consists of one
normally open (NO) and one normally closed (NC)
switch. This configuration can also be used as a 2-to-1
multiplexer.
Features
• Drop In replacement for the NLAS5123
• ON-resistance (rON)
-VCC = +5.0V. . . . . . . . . . . . . . . . . . . . . 0.8Ω
-VCC = +3.0V. . . . . . . . . . . . . . . . . . . . . 1.1Ω
-VCC = +1.8V. . . . . . . . . . . . . . . . . . . . . 2.3Ω
•rON matching between channels . . . . . . . . . 0.004Ω
•rON flatness (+4.5V supply) . . . . . . . . . . . . 0.25Ω
• Single supply operation . . . . . . . . +1.8V to +5.5V
• Fast switching action (+4.5V supply)
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . 24ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . 10ns
• Guaranteed break-before-make
• ESD HBM rating . . . . . . . . . . . . . . . . . . . . . . >6kV
• 1.8V CMOS logic compatible (+3V supply)
• Available in 6 Ld µTDFN and 6Ld SOT-23 Packages
• Pb-free (RoHS compliant)
Applications
• Battery powered, handheld, and portable equipment
- Cellular/mobile phones
-Pagers
- Laptops, notebooks, palmtops
• Portable test and measurement
• Medical equipment
• Audio and video switching
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
TABLE 1. FEATURES AT A GLANCE
ISL54053
Number of Switches
1
SW
SPDT or 2-1 MUX
1.8V rON
2.3Ω
1.8V tON/tOFF
68ns/45ns
3V rON
1.1Ω
3V tON/tOFF
29ns/12ns
5V rON
0.8Ω
5V tON/tOFF
24ns/10ns
Packages
6 Ld μTDFN, 6 Ld SOT-23
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2007, 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
October 19, 2009
FN6460.3


Similar Part No. - ISL54053IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54053IRUZ-T INTERSIL-ISL54053IRUZ-T Datasheet
377Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL54053IRUZ-T INTERSIL-ISL54053IRUZ-T Datasheet
444Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
October 19, 2009
logo
Renesas Technology Corp
ISL54053IRUZ-T RENESAS-ISL54053IRUZ-T Datasheet
658Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
More results

Similar Description - ISL54053IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54053IRUZ-T INTERSIL-ISL54053IRUZ-T Datasheet
444Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
October 19, 2009
ISL54053_0709 INTERSIL-ISL54053_0709 Datasheet
377Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Renesas Technology Corp
ISL84714 RENESAS-ISL84714 Datasheet
523Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Intersil Corporation
ISL84714_0411 INTERSIL-ISL84714_0411 Datasheet
345Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL84714 INTERSIL-ISL84714 Datasheet
228Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL84714IH-T INTERSIL-ISL84714IH-T Datasheet
225Kb / 10P
   Ultra Low ON-Resistance, Low Voltage,Single Supply, SPDT Analog Switch
January 19, 2009
logo
Renesas Technology Corp
ISL54053 RENESAS-ISL54053 Datasheet
658Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Intersil Corporation
ISL43L220 INTERSIL-ISL43L220 Datasheet
437Kb / 13P
   Ultra Low ON-Resistance, Low Voltage,Single Supply, Dual SPDT Analog Switch
ISL84684 INTERSIL-ISL84684_07 Datasheet
380Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
logo
Renesas Technology Corp
ISL43L220 RENESAS-ISL43L220 Datasheet
707Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com