Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32523Q1156 Datasheet(PDF) 7 Page - EPCOS

Part # B32523Q1156
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32523Q1156 Datasheet(HTML) 7 Page - EPCOS

Back Button B32523Q1156 Datasheet HTML 3Page - EPCOS B32523Q1156 Datasheet HTML 4Page - EPCOS B32523Q1156 Datasheet HTML 5Page - EPCOS B32523Q1156 Datasheet HTML 6Page - EPCOS B32523Q1156 Datasheet HTML 7Page - EPCOS B32523Q1156 Datasheet HTML 8Page - EPCOS B32523Q1156 Datasheet HTML 9Page - EPCOS B32523Q1156 Datasheet HTML 10Page - EPCOS B32523Q1156 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
Ordering codes and packing units (lead spacing 5 mm)
VR
V DC
VRMS
f
≤60 Hz
V AC
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./
MOQ
Untaped
pcs./
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
100
63
0.0010 2.5
× 6.5 × 7.2
B32529C1102+***
12800
11200
8000
0.0015 2.5
× 6.5 × 7.2
B32529C1152+***
12800
11200
8000
0.0022 2.5
× 6.5 × 7.2
B32529C1222+***
12800
11200
8000
0.0033 2.5
× 6.5 × 7.2
B32529C1332+***
12800
11200
8000
0.0047 2.5
× 6.5 × 7.2
B32529C1472+***
12800
11200
8000
0.0068 2.5
× 6.5 × 7.2
B32529C1682+***
12800
11200
8000
0.010
2.5
× 6.5 × 7.2
B32529C1103+***
12800
11200
8000
0.015
2.5
× 6.5 × 7.2
B32529C1153+***
12800
11200
8000
0.022
2.5
× 6.5 × 7.2
B32529C1223+***
12800
11200
8000
0.033
2.5
× 6.5 × 7.2
B32529C1333+***
12800
11200
8000
0.047
2.5
× 6.5 × 7.2
B32529C1473+***
12800
11200
8000
0.068
2.5
× 6.5 × 7.2
B32529C1683+***
12800
11200
8000
0.10
2.5
× 6.5 × 7.2
B32529C1104+***
12800
11200
8000
0.15
3.0
× 6.5 × 7.2
B32529C1154+***
10800
9600
8000
0.22
3.5
× 8.0 × 7.2
B32529C1224+***
9200
8000
8000
0.33
3.5
× 8.0 × 7.2
B32529C1334+***
9200
8000
8000
0.47
4.5
× 9.5 × 7.3
B32529C1474+***
7200
6000
6000
0.68
6.0
× 10.5 × 7.5
B32529C1684+***
5200
4400
4000
1.0
7.8
× 13.0 × 7.8
B32529D1105+***
4000
3200
4000
B32529
General purpose (stacked)
Page 7 of 46
Please read Important notes
at the end of this document.


Similar Part No. - B32523Q1156

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32523Q1156 EPCOS-B32523Q1156 Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32523Q1156 EPCOS-B32523Q1156 Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32523Q1156

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32671L_672L EPCOS-B32671L_672L Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32794_798 EPCOS-B32794_798 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32601L_602L EPCOS-B32601L_602L Datasheet
484Kb / 25P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32522C1225K EPCOS-B32522C1225K Datasheet
1Mb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com