Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8483E Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL8483E
Description  ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8483E Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL8483E Datasheet HTML 3Page - Intersil Corporation ISL8483E Datasheet HTML 4Page - Intersil Corporation ISL8483E Datasheet HTML 5Page - Intersil Corporation ISL8483E Datasheet HTML 6Page - Intersil Corporation ISL8483E Datasheet HTML 7Page - Intersil Corporation ISL8483E Datasheet HTML 8Page - Intersil Corporation ISL8483E Datasheet HTML 9Page - Intersil Corporation ISL8483E Datasheet HTML 10Page - Intersil Corporation ISL8483E Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
FIGURE 2A. TEST CIRCUIT
FIGURE 2B. MEASUREMENT POINTS
FIGURE 2. DRIVER PROPAGATION DELAY AND DIFFERENTIAL TRANSITION TIMES
FIGURE 3A. TEST CIRCUIT
FIGURE 3B. MEASUREMENT POINTS
FIGURE 3. DRIVER ENABLE AND DISABLE TIMES
Test Circuits and Waveforms (Continued)
D
DE
DI
VCC
SIGNAL
GENERATOR
CL = 100pF
RDIFF
Z
Y
CL = 100pF
OUT (Y)
3V
0V
tPLH
1.5V
1.5V
VOH
VOL
50%
50%
tPHL
OUT (Z)
tPHL
VOH
VOL
50%
50%
tPLH
DIFF OUT (Y - Z)
tR
+VOD
-VOD
90%
90%
tF
10%
10%
DI
SKEW = |tPLH (Y or Z) - tPHL (Z or Y)|
D
DE
DI
CL
500
Z
Y
VCC
GND
SW
(SHDN) FOR ISL8483E ONLY
PARAMETER OUTPUT
RE
DI
SW
CL (pF)
tHZ
Y/Z
X
1 / 0
GND
15
tLZ
Y/Z
X
0 / 1
VCC
15
tZH
Y/Z
0 (Note 5)
1 / 0
GND
100
tZL
Y/Z
0 (Note 5)
0 / 1
VCC
100
tZH(SHDN)
Y/Z
1 (Note 8)
1 / 0
GND
100
tZL(SHDN)
Y/Z
1 (Note 8)
0 / 1
VCC
100
SIGNAL
GENERATOR
OUT (Y, Z)
3V
0V
1.5V
1.5V
VOH
0V
2.3V
VOH - 0.5V
tHZ
OUT (Y, Z)
VCC
VOL
2.3V
VOL + 0.5V
tLZ
DE
OUTPUT HIGH
OUTPUT LOW
tZL, tZL(SHDN)
tZH, tZH(SHDN)
NOTE 7
NOTE 7
NOTE 7
ISL8483E, ISL8485E


Similar Part No. - ISL8483E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8483E INTERSIL-ISL8483E Datasheet
501Kb / 14P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483E RENESAS-ISL8483E Datasheet
856Kb / 15P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8483ECPZ INTERSIL-ISL8483ECPZ Datasheet
501Kb / 14P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8483EIB INTERSIL-ISL8483EIB Datasheet
501Kb / 14P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8483EIB-T INTERSIL-ISL8483EIB-T Datasheet
501Kb / 14P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results

Similar Description - ISL8483E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8483E INTERSIL-ISL8483E_05 Datasheet
501Kb / 14P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483E RENESAS-ISL8483E Datasheet
856Kb / 15P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
logo
Renesas Technology Corp
ISL8488E RENESAS-ISL8488E Datasheet
727Kb / 13P
   짹15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
ISL8487E RENESAS-ISL8487E Datasheet
750Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8483 INTERSIL-ISL8483 Datasheet
507Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8483 INTERSIL-ISL8483_06 Datasheet
574Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483 RENESAS-ISL8483 Datasheet
913Kb / 18P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8488E INTERSIL-ISL8488E_07 Datasheet
468Kb / 13P
   짹15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com