Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6125IRZA Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6125IRZA
Description  Power Sequencing Controllers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6125IRZA Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6125IRZA Datasheet HTML 2Page - Intersil Corporation ISL6125IRZA Datasheet HTML 3Page - Intersil Corporation ISL6125IRZA Datasheet HTML 4Page - Intersil Corporation ISL6125IRZA Datasheet HTML 5Page - Intersil Corporation ISL6125IRZA Datasheet HTML 6Page - Intersil Corporation ISL6125IRZA Datasheet HTML 7Page - Intersil Corporation ISL6125IRZA Datasheet HTML 8Page - Intersil Corporation ISL6125IRZA Datasheet HTML 9Page - Intersil Corporation ISL6125IRZA Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ISL6123, ISL6124, ISL6125, ISL6126, ISL6127, ISL6128, ISL6130
6
FN9005.11
August 25, 2011
Absolute Maximum Ratings (Note 6)
Thermal Information
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6.0V
GATE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD+6V
ISL6125 LOGIC OUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD + 0.3V
UVLO, ENABLE, ENABLE, SYSRST . . . . . . . . . . . . . . . . . . -0.3V to VDD + 0.3V
RESET, DLY_ON, DLYOFF . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD + 0.3V
Operating Conditions
VDD Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . .+1.5V to +5.5V
Temperature Range (
TA) . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
24 Ld 4x4 QFN Package (Notes 4, 5) . . . . .
46
8
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+125°C
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379 for details.
5. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
6. All voltages are relative to GND, unless otherwise specified.
Electrical Specifications VDD = 1.5V to +5V, TA = TJ = -40°C to +85°C, unless otherwise specified. Boldface limits apply over the
operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNIT
UVLO
Falling Undervoltage Lockout Threshold
VUVLOvth
TJ = +25°C
619
633
647
mV
Undervoltage Lockout Threshold Tempco
TCUVLOvth
40
µV/°C
Undervoltage Lockout Hysteresis
VUVLOhys
10
mV
Undervoltage Lockout Threshold Range
RUVLOvth
Max VUVLOvth- Min VUVLOvth
7mV
Undervoltage Lockout Delay
TUVLOdel
ENABLE satisfied
10
ms
Transient Filter Duration
tFIL
VDD, UVLO, ENABLE glitch filter
30
µs
DELAY ON/OFF
Delay Charging Current
DLY_ichg
VDLY = 0V
0.92
1
1.08
µA
Delay Charging Current Range
DLY_ichg_r
DLY_ichg(max) - DLY_ichg(min)
0.08
µA
Delay Charging Current Temperature
Coefficient
TC_DLY_ichg
0.2
nA/°C
Delay Threshold Voltage
DLY_Vth
1.238
1.266
1.294
V
Delay Threshold Voltage Temperature
Coefficient
TC_DLY_Vth
0.2
mV/°C
ENABLE/ENABLE, RESET AND SYSRST I/O
ENABLE Threshold
VENh
1.2
V
ENABLE Threshold
VENh
0.5 VDD
V
ENABLE/ENABLE Hysteresis
VENh -VENl
Measured at VDD = 1.5V
0.2
V
ENABLE/ENABLE Lockout Delay
tdelEN_LO
UVLO satisfied
10
ms
ENABLE/ENABLE Input Capacitance
Cin_en
5
pF
RESET Pull-up Voltage
Vpu_rst
VDD
V
RESET Pull-Down Current
IRSTpd1
VDD = 1.5V, RST = 0.1V
5mA
IRSTpd3
VDD = 3.3V, RST = 0.1V
13
mA
IRSTpd5
VDD = 5V, RST = 0.1V
17
mA


Similar Part No. - ISL6125IRZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6125IRZA INTERSIL-ISL6125IRZA Datasheet
566Kb / 16P
   Single Supply Integrated Current Limiting Controller
ISL6125IRZA INTERSIL-ISL6125IRZA Datasheet
502Kb / 21P
   Power Sequencing Controllers
logo
Renesas Technology Corp
ISL6125IRZA RENESAS-ISL6125IRZA Datasheet
1Mb / 23P
   Enables Arbitrary Turn-on and Turn-off Sequencing of Up to Four Power Supplies (0.7V to 5V)
More results

Similar Description - ISL6125IRZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6123 INTERSIL-ISL6123_07 Datasheet
502Kb / 21P
   Power Sequencing Controllers
ISL8723 INTERSIL-ISL8723 Datasheet
301Kb / 14P
   Power Sequencing Controllers
ISL6123 INTERSIL-ISL6123_11 Datasheet
747Kb / 23P
   Power Sequencing Controllers
logo
Renesas Technology Corp
ISL8723 RENESAS-ISL8723 Datasheet
663Kb / 14P
   Power Sequencing Controllers
logo
Supertex, Inc
HV302 SUTEX-HV302 Datasheet
618Kb / 10P
   Sequencing Hotswap Controllers
logo
Maxim Integrated Produc...
MAX1964 MAXIM-MAX1964 Datasheet
475Kb / 30P
   Tracking/Sequencing Triple/Quintuple Power-Supply Controllers
Rev 0; 7/01
logo
Altera Corporation
ES1021QI ALTERA-ES1021QI Datasheet
904Kb / 14P
   Power Sequencing Controller
logo
RF Micro Devices
RFPA1545 RFMD-RFPA1545 Datasheet
2Mb / 19P
   No Power Supply Sequencing
logo
Supertex, Inc
PS10 SUTEX-PS10 Datasheet
271Kb / 13P
   Quad Power Sequencing Controller
PS12 SUTEX-PS12 Datasheet
933Kb / 10P
   Quad Power Sequencing Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com