Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5308IU Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5308IU
Description  450MHz Fixed Gain Amplifiers with Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5308IU Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL5308IU Datasheet HTML 4Page - Intersil Corporation EL5308IU Datasheet HTML 5Page - Intersil Corporation EL5308IU Datasheet HTML 6Page - Intersil Corporation EL5308IU Datasheet HTML 7Page - Intersil Corporation EL5308IU Datasheet HTML 8Page - Intersil Corporation EL5308IU Datasheet HTML 9Page - Intersil Corporation EL5308IU Datasheet HTML 10Page - Intersil Corporation EL5308IU Datasheet HTML 11Page - Intersil Corporation EL5308IU Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Applications Information
Product Description
The EL5108 and EL5308 are fixed gain amplifiers that offer a
wide -3dB bandwidth of 450MHz and a low supply current of
3.5mA per amplifier. They work with supply voltages ranging
from a single 5V to 10V and they are also capable of
swinging to within 1.2V of either supply on the output. These
combinations of high bandwidth, low power, and high slew
rate make the EL5108 and EL5308 the ideal choice for many
low-power/high-bandwidth applications such as portable,
handheld, or battery-powered equipment.
For varying bandwidth and higher gains, consider the
EL5166 with 1GHz on a 9mA supply current or the EL5164
with 600MHz on a 3.5mA supply current. Versions include
single, dual, and triple amp packages with 6-pin SOT-23,
16-pin QSOP, and 8-pin or 16-pin SO outlines.
Power Supply Bypassing and Printed Circuit
Board Layout
As with any high frequency device, good printed circuit board
layout is necessary for optimum performance. Low
impedance ground plane construction is essential. Surface
mount components are recommended, but if leaded
components are used, lead lengths should be as short as
possible. The power supply pins must be well bypassed to
reduce the risk of oscillation. The combination of a 4.7µF
tantalum capacitor in parallel with a 0.01µF capacitor has
been shown to work well when placed at each supply pin.
Disable/Power-Down
The EL5108 and EL5308 amplifiers can be disabled and
placing their outputs in a high impedance state. When
disabled, the amplifier supply current is reduced to <25µA.
The EL5108 and EL5308 are disabled when the CE pin is
pulled up to within 1V of the positive supply. Similarly, the
amplifier is enabled by floating or pulling its CE pin to at least
3V below the positive supply. For ±5V supply, this means
that the amplifier will be enabled when CE is 2V or less, and
disabled when CE is above 4V. Although the logic levels are
not standard TTL, this choice of logic voltages allow the
EL5108 and EL5308 to be enabled by tying CE to ground,
even in 5V single supply applications. The CE pins can be
driven from CMOS outputs.
Gain Setting
The EL5108 and EL5308 are built with internal feedback and
gain resistors. The internal feedback resistors have equal
value; as a result, the amplifier can be configured into gain of
+1, -1, and +2 without any external resistors. Figure 21
shows the amplifier in gain of +2 configuration. The gain
error is ±2% maximum. Figure 22 shows the amplifier in gain
of -1 configuration. For gain of +1, IN+ and IN- should be
connected together as shown in Figure 23. This
configuration avoids the effects of any parasitic capacitance
on the IN- pin. Since the internal feedback and gain resistors
change with temperature and process, external resistor
should not be used to adjust the gain settings.
FIGURE 19. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 20. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
1
0.9
0.8
0.6
0.4
0.1
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.2
0.7
0.3
0.5
909mW
625mW
633mW
391mW
SO16 (0.150”)
θJA=110°C/W
SO8
θJA=160°C/W
QSOP16
θJA=158°C/W
SOT23-6
θJA=256°C/W
AMBIENT TEMPERATURE (°C)
0
0.4
1.4
1.2
1
0.8
0.6
0.2
0
25
50
75
100
150
125
85
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.1
1.250W
QSOP16
θJA=112°C/W
909mW
893mW
435mW
SO8
θJA=110°C/W
SOT23-6
θJA=230°C/W
SO16 (0.150”)
θJA=80°C/W
FIGURE 21. AV = +2
-
+
325
325
IN-
IN+
EL5108, EL5308


Similar Part No. - EL5308IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5308IU INTERSIL-EL5308IU Datasheet
337Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
EL5308IU INTERSIL-EL5308IU Datasheet
306Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
EL5308IU-T13 INTERSIL-EL5308IU-T13 Datasheet
337Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
EL5308IU-T13 INTERSIL-EL5308IU-T13 Datasheet
306Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
EL5308IU-T7 INTERSIL-EL5308IU-T7 Datasheet
337Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
More results

Similar Description - EL5308IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5108 INTERSIL-EL5108_07 Datasheet
306Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
EL5108 INTERSIL-EL5108_06 Datasheet
337Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5108 RENESAS-EL5108 Datasheet
682Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5106 INTERSIL-EL5106 Datasheet
457Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5106 RENESAS-EL5106 Datasheet
717Kb / 14P
   350MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5306 INTERSIL-EL5306 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
5962-0625501QXC INTERSIL-5962-0625501QXC Datasheet
111Kb / 4P
   350MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106_07 Datasheet
292Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106_05 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
logo
National Semiconductor ...
LMV101 NSC-LMV101 Datasheet
769Kb / 12P
   Fixed-Gain Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com