Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32654 Datasheet(PDF) 5 Page - EPCOS

Part # B32654
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32654 Datasheet(HTML) 5 Page - EPCOS

  B32654 Datasheet HTML 1Page - EPCOS B32654 Datasheet HTML 2Page - EPCOS B32654 Datasheet HTML 3Page - EPCOS B32654 Datasheet HTML 4Page - EPCOS B32654 Datasheet HTML 5Page - EPCOS B32654 Datasheet HTML 6Page - EPCOS B32654 Datasheet HTML 7Page - EPCOS B32654 Datasheet HTML 8Page - EPCOS B32654 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Overview of available types
Lead spacing 22.5 mm
Type
B32653
Page
12
VR (V DC)
250
400
630
1000
1250
1600
2000
2000
VRMS (V AC)
160
200
250
250
500
500
700
1000
CR (nF)
2.2
3.3
4.7
6.8
10
12
15
22
33
47
56
68
82
100
120
150
220
330
470
560
680
1000
1200
1500
2200
3300
B32651 ... B32656
High pulse (wound)
Page 5 of 40
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32654

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32654 EPCOS-B32654 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32654 EPCOS-B32654 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32654 EPCOS-B32654 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32654 TDK-B32654 Datasheet
1Mb / 61P
   Film Capacitors
November 2019
logo
EPCOS
B32654A0105 EPCOS-B32654A0105 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32654

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32671L_672L EPCOS-B32671L_672L Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32794_798 EPCOS-B32794_798 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32601L_602L EPCOS-B32601L_602L Datasheet
484Kb / 25P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32522C1225K EPCOS-B32522C1225K Datasheet
1Mb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com