Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL98001IQZ-140 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL98001IQZ-140
Description  Triple Video Digitizer with Digital PLL
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL98001IQZ-140 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL98001IQZ-140 Datasheet HTML 6Page - Intersil Corporation ISL98001IQZ-140 Datasheet HTML 7Page - Intersil Corporation ISL98001IQZ-140 Datasheet HTML 8Page - Intersil Corporation ISL98001IQZ-140 Datasheet HTML 9Page - Intersil Corporation ISL98001IQZ-140 Datasheet HTML 10Page - Intersil Corporation ISL98001IQZ-140 Datasheet HTML 11Page - Intersil Corporation ISL98001IQZ-140 Datasheet HTML 12Page - Intersil Corporation ISL98001IQZ-140 Datasheet HTML 13Page - Intersil Corporation ISL98001IQZ-140 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
10
FN6148.5
September 21, 2010
Pin Descriptions
SYMBOL
MQFP PIN #(s)
DESCRIPTION
RIN1
7
Analog input. Red Channel 1. DC couple or AC couple through 0.1µF.
GIN1
12
Analog input. Green Channel 1. DC couple or AC couple through 0.1µF.
BIN1
19
Analog input. Blue Channel 1. DC couple or AC couple through 0.1µF.
RGBGND1
13
Analog input. Ground reference for the R, G, and B inputs of channel 1 in the DC coupled configuration.
Connect to the same ground as Channel 1's R, G, and B termination resistors. This signal is not used in the
AC-coupled configuration, but the pin should still be tied to GNDA.
SOGIN1
14
Analog input. Sync on Green. Connect to GIN1 through a 0.01µF capacitor in series with a 500Ω resistor.
HSYNCIN1
33
Digital input, 5V tolerant, 240mV hysteresis, 1.2k
Ω impedance to GNDA. Connect to Channel 1's HSYNC
signal through a 680
Ω series resistor.
VSYNCIN1
44
Digital input, 5V tolerant, 500mV hysteresis. Connect to Channel 1's VSYNC signal.
RIN2
22
Analog input. Red Channel 2. DC couple or AC couple through 0.1µF.
GIN2
24
Analog input. Green Channel 2. DC couple or AC couple through 0.1µF.
BIN2
28
Analog input. Blue Channel 2. DC couple or AC couple through 0.1µF.
RGBGND2
25
Analog input. Ground reference for the R, G, and B inputs of Channel 2 in the DC coupled configuration.
Connect to the same ground as Channel 1's R, G, and B termination resistors. This signal is not used in the
AC-coupled configuration, but the pin should still be tied to GNDA.
SOGIN2
26
Analog input. Sync on Green. Connect to GIN1 through a 0.01µF capacitor in series with a 500Ω resistor.
HSYNCIN2
34
Digital input, 5V tolerant, 240mV hysteresis, 1.2k
Ω impedance to GNDA. Connect to Channel 2's HSYNC
signal through a 680
Ω series resistor.
VSYNCIN2
45
Digital input, 5V tolerant, 500mV hysteresis. Connect to Channel 2's VSYNC signal.
CLOCKINVIN
41
Digital input, 5V tolerant. When high, changes the pixel sampling phase by 180°. Toggle at frame rate during
VSYNC to allow 2x undersampling to sample odd and even pixels on sequential frames. Tie to DGND if
unused.
RESET
46
Digital input, 5V tolerant, active low, 70k
Ω pullup to VD. Take low for at least 1µs and then high again to reset
the ISL98001. This pin is not necessary for normal use and may be tied directly to the VD supply.
XTALIN
39
Analog input. Connect to external 24.5MHz to 27MHz crystal and load capacitor (See crystal spec for
recommended loading). Typical oscillation amplitude is 1.0VP-P centered around 0.5V.
XTALOUT
40
Analog output. Connect to external 24.5MHz to 27MHz crystal and load capacitor (See crystal spec for
recommended loading). Typical oscillation amplitude is 1.0VP-P centered around 0.5V.
XCLKOUT
47
3.3V digital output. Buffered crystal clock output at fXTAL or fXTAL/2. May be used as system clock for other
system components.
SADDR
48
Digital input, 5V tolerant. Address = 0x4C when tied low. Address = 0x4D when tied high.
SCL
50
Digital input, 5V tolerant, 500mV hysteresis. Serial data clock for 2-wire interface.
SDA
49
Bidirectional Digital I/O, open drain, 5V tolerant. Serial data I/O for 2-wire interface.
RP[7:0]
112-119
3.3V digital output. Red channel, primary pixel data. 56k pulldown when three-stated.
RS[7:0]
100-107
3.3V digital output. Red channel, secondary pixel data. 56k pulldown when three-stated.
GP[7:0]
90-97
3.3V digital output. Green channel, primary pixel data. 56k pulldown when three-stated.
GS[7:0]
80-87
3.3V digital output. Green channel, secondary pixel data. 56k pulldown when three-stated.
BP[7:0]
68-75
3.3V digital output. Blue channel, primary pixel data. 56k pulldown when three-stated.
BS[7:0]
55-62
3.3V digital output. Blue channel, secondary pixel data. 56k pulldown when three-stated.
DATACLK
121
3.3V digital output. Data clock output. Equal to pixel clock rate in 24-bit mode, one half of pixel clock rate in
48-bit mode.
DATACLK
122
3.3V digital output. Inverse of DATACLK.
HSOUT
125
3.3V digital output. HSYNC output aligned with pixel data. Use this output to frame the digital output data.
This output is always purely horizontal sync (without any composite sync signals).
ISL98001


Similar Part No. - ISL98001IQZ-140

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL98001IQZ-140 INTERSIL-ISL98001IQZ-140 Datasheet
370Kb / 31P
   Triple Video Digitizer with Digital PLL
ISL98001IQZ-140 INTERSIL-ISL98001IQZ-140 Datasheet
470Kb / 31P
   Triple Video Digitizer with Digital PLL
September 21, 2010
logo
Renesas Technology Corp
ISL98001IQZ-140 RENESAS-ISL98001IQZ-140 Datasheet
1Mb / 31P
   Triple Video Digitizer with Digital PLL
More results

Similar Description - ISL98001IQZ-140

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL98001 INTERSIL-ISL98001_07 Datasheet
370Kb / 31P
   Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
ISL98001 RENESAS-ISL98001 Datasheet
1Mb / 31P
   Triple Video Digitizer with Digital PLL
ISL98002 RENESAS-ISL98002 Datasheet
1Mb / 28P
   Triple Video Digitizer with Digital PLL
logo
Intersil Corporation
ISL98001IQZ-140 INTERSIL-ISL98001IQZ-140 Datasheet
470Kb / 31P
   Triple Video Digitizer with Digital PLL
September 21, 2010
ISL98001 INTERSIL-ISL98001_06 Datasheet
488Kb / 31P
   Triple Video Digitizer with Digital PLL
ISL98002 INTERSIL-ISL98002 Datasheet
510Kb / 28P
   Triple Video Digitizer with Digital PLL
ISL98002CRZ-140 INTERSIL-ISL98002CRZ-140 Datasheet
513Kb / 28P
   Triple Video Digitizer with Digital PLL
March 26, 2008
X98014L128-3.3 INTERSIL-X98014L128-3.3 Datasheet
443Kb / 29P
   140MHz Triple Video Digitizer with Digital PLL
March 8, 2006
X98024 INTERSIL-X98024 Datasheet
295Kb / 29P
   240MHz Triple Video Digitizer with Digital PLL
X98021 INTERSIL-X98021_06 Datasheet
448Kb / 29P
   210MHz Triple Video Digitizer with Digital PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com