Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5156ISZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5156ISZ
Description  1mV Voltage Offset, 600MHz Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5156ISZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL5156ISZ Datasheet HTML 4Page - Intersil Corporation EL5156ISZ Datasheet HTML 5Page - Intersil Corporation EL5156ISZ Datasheet HTML 6Page - Intersil Corporation EL5156ISZ Datasheet HTML 7Page - Intersil Corporation EL5156ISZ Datasheet HTML 8Page - Intersil Corporation EL5156ISZ Datasheet HTML 9Page - Intersil Corporation EL5156ISZ Datasheet HTML 10Page - Intersil Corporation EL5156ISZ Datasheet HTML 11Page - Intersil Corporation EL5156ISZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
FN7386.6
July 7, 2009
FIGURE 23. CMRR
FIGURE 24. OUTPUT IMPEDANCE
FIGURE 25. INPUT TO OUTPUT ISOLATION vs FREQUENCY -
DISABLE
FIGURE 26. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 27. ENABLE/DISABLE RESPONSE
FIGURE 28. PEAKING vs SUPPLY VOLTAGE
Typical Performance Curves (Continued)
-20
FREQUENCY (Hz)
-40
-60
-120
100
1k
10k
1M
100M
100k
10M
-80
-100
FREQUENCY (Hz)
1k
10k
100k
10M
100M
1M
AV = +2
RL = 0Ω
RG = RF = 400Ω
1k
100
10
0.01
1
VS = ±5V
AV = +2
RL = 150Ω
FREQUENCY (Hz)
100k
1M
10M
100M
1G
-10
-30
-50
-110
-70
-90
IS-
IS+
VS (V)
4.55.5
6.57.5
8.59.5
10.5
11.5
6.1
6.0
5.9
5.3
5.5
5.4
5.6
5.8
5.7
TIME (400ns/DIV)
ENABLE
192ns
AV = +2
RL = 500Ω
SUPPLY = ±5V ±12.3mA
DISABLE
322ns
AV = +1
CL = 5pF
RL = 500Ω
VS (V)
4.5
5.5
6.5
7.5
8.5
9.5
10.5 11.5 12.5
0.8
0.7
0.6
0
0.2
0.1
0.3
0.5
0.4
EL5156, EL5157, EL5256, EL5257


Similar Part No. - EL5156ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5156ISZ INTERSIL-EL5156ISZ Datasheet
423Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
EL5156ISZ INTERSIL-EL5156ISZ Datasheet
394Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
logo
Renesas Technology Corp
EL5156ISZ RENESAS-EL5156ISZ Datasheet
855Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
logo
Intersil Corporation
EL5156ISZ-T13 INTERSIL-EL5156ISZ-T13 Datasheet
423Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
EL5156ISZ-T13 INTERSIL-EL5156ISZ-T13 Datasheet
394Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
More results

Similar Description - EL5156ISZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5156 RENESAS-EL5156 Datasheet
855Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
logo
Intersil Corporation
EL5156 INTERSIL-EL5156_07 Datasheet
394Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
EL5156 INTERSIL-EL5156_06 Datasheet
423Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
logo
Renesas Technology Corp
REAC1251G RENESAS-REAC1251G Datasheet
871Kb / 11P
   Low Input Offset Voltage VIO≤1mV Single Power Supply Dual Operational Amplifiers
2021.7.12
REAC1251J RENESAS-REAC1251J Datasheet
871Kb / 11P
   Low Input Offset Voltage VIO≤1mV(@-40℃ to 125℃)
2021.7.12
logo
Elantec Semiconductor
EL4344C ELANTEC-EL4344C Datasheet
36Kb / 5P
   600MHz Multiplexing Amplifiers
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_13 Datasheet
325Kb / 16P
   Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
logo
Rohm
BA8522RF ROHM-BA8522RF Datasheet
171Kb / 5P
   LOW OFFSET VOLTAGE DUAL OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com