Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5256 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5256
Description  1mV Voltage Offset, 600MHz Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5256 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5256 Datasheet HTML 5Page - Intersil Corporation EL5256 Datasheet HTML 6Page - Intersil Corporation EL5256 Datasheet HTML 7Page - Intersil Corporation EL5256 Datasheet HTML 8Page - Intersil Corporation EL5256 Datasheet HTML 9Page - Intersil Corporation EL5256 Datasheet HTML 10Page - Intersil Corporation EL5256 Datasheet HTML 11Page - Intersil Corporation EL5256 Datasheet HTML 12Page - Intersil Corporation EL5256 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
FN7386.6
July 7, 2009
FIGURE 29. SMALL SIGNAL RISE TIME
FIGURE 30. SMALL SIGNAL FALL TIME
FIGURE 31. LARGE SIGNAL RISE TIME
FIGURE 32. LARGE SIGNAL FALL TIME
FIGURE 33. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 34. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
TIME (4ns/DIV)
RISE
20% TO 80%
Δt = 2.025ns
AV = +2
RL = 500Ω
SUPPLY = ±5V ±12.3mA
OUTPUT = 200mVP-P
0
AV = +2
RL = 500Ω
SUPPLY = ±5V ±12.3mA
OUTPUT = 200mVP-P
FALL
80% TO 20%
Δt = 1.7ns
TIME (4ns/DIV)
0
RISE
20% TO 80%
Δt = 1.657ns
AV = +2
RL = 500Ω
SUPPLY = ±5V ±12.3mA
OUTPUT = 2.0VP-P
TIME (2ns/DIV)
0
AV = +2
RL = 500Ω
SUPPLY = ±5V ±12.3mA
OUTPUT = 2.0VP-P
FALL
80% TO 20%
Δt = 1.7ns
TIME (2ns/DIV)
0
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
SO8
θJA = +110°C/W
1.136W
543mW
AMBIENT TEMPERATURE (°C)
0
0.2
0
0.6
0.4
1.0
0.8
1.4
1.2
1.8
1.6
25
75 85 100
125
150
50
870mW
SOT23-5
θJA = +230°C/W
MSOP10
θJA = +115°C/W
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0
0.6
0.2
0.8
0.4
1.2
1.0
AMBIENT TEMPERATURE (°C)
0
25
75 85 100
125
150
50
SO8
θJA = +160°C/W
MSOP10
θJA = +115°C/W
781mW
488mW
486mW
SOT23-5
θJA = +256°C/W
EL5156, EL5157, EL5256, EL5257


Similar Part No. - EL5256

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5256 INTERSIL-EL5256 Datasheet
423Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
EL5256 INTERSIL-EL5256 Datasheet
394Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
logo
Renesas Technology Corp
EL5256 RENESAS-EL5256 Datasheet
855Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
logo
Intersil Corporation
EL5256IY INTERSIL-EL5256IY Datasheet
423Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
EL5256IY INTERSIL-EL5256IY Datasheet
394Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
More results

Similar Description - EL5256

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5156 RENESAS-EL5156 Datasheet
855Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
logo
Intersil Corporation
EL5156 INTERSIL-EL5156_07 Datasheet
394Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
EL5156 INTERSIL-EL5156_06 Datasheet
423Kb / 17P
   <1mV Voltage Offset, 600MHz Amplifiers
logo
Renesas Technology Corp
REAC1251G RENESAS-REAC1251G Datasheet
871Kb / 11P
   Low Input Offset Voltage VIO≤1mV Single Power Supply Dual Operational Amplifiers
2021.7.12
REAC1251J RENESAS-REAC1251J Datasheet
871Kb / 11P
   Low Input Offset Voltage VIO≤1mV(@-40℃ to 125℃)
2021.7.12
logo
Elantec Semiconductor
EL4344C ELANTEC-EL4344C Datasheet
36Kb / 5P
   600MHz Multiplexing Amplifiers
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_13 Datasheet
325Kb / 16P
   Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
logo
Rohm
BA8522RF ROHM-BA8522RF Datasheet
171Kb / 5P
   LOW OFFSET VOLTAGE DUAL OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com