Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9205 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL9205
Description  Li-ion Battery Charger
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9205 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL9205 Datasheet HTML 1Page - Intersil Corporation ISL9205 Datasheet HTML 2Page - Intersil Corporation ISL9205 Datasheet HTML 3Page - Intersil Corporation ISL9205 Datasheet HTML 4Page - Intersil Corporation ISL9205 Datasheet HTML 5Page - Intersil Corporation ISL9205 Datasheet HTML 6Page - Intersil Corporation ISL9205 Datasheet HTML 7Page - Intersil Corporation ISL9205 Datasheet HTML 8Page - Intersil Corporation ISL9205 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
FN9252.2
July 28, 2010
Absolute Maximum Ratings
Thermal Information
Voltage Ratings for All Pins . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
Charge Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0A
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200V
Recommended Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Operating Supply Voltage (VIN Pin). . . . . . . . . . . . . . . 4.25V to 6.5V
Programmed Charge Current . . . . . . . . . . . . . . . . . 50mA to 900mA
Thermal Resistance
θJA(°C/W) θJC(°C/W)
3x3 DFN Package (Note 1) . . . . . . . . .
48
6
3X3 QFN Package (Note 2) . . . . . . . .
54
6
Maximum Junction Temperature (Plastic Package). . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . .-65°C to +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . +300°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
The 150°C maximum junction temperature is for information purposes only. In reality, the current foldback feature will prevent the junction from rising above a worst case
temperature of 125°C.
NOTES:
1.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with "direct attach" features. See
Tech Brief TB379.
2. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications Typical Values Are Tested at VIN = 5V and the Ambient Temperature at +25°C. All Maximum and Minimum
Values Are Guaranteed Under the Recommended Operating Supply Voltage Range and Ambient Temperature
Range, Unless Otherwise Noted.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POWER-ON RESET
Rising POR Threshold
VPOR
VBAT = 3.0V, use V2P8 pin to indicate the
comparator output.
3.2
3.6
3.9
V
Falling POR Threshold
VPOR
2.25
2.5
2.7
V
VIN-BAT OFFSET VOLTAGE
Rising Edge
VOS
VBAT = 4.2V, IBAT = 20mA, use STATUS pin to
indicate the comparator output (Note 3)
45
80
100
mV
STANDBY CURRENT
BAT Pin Sink Current
ISTANDBY Charger disabled or the input is floating
-
-
3.3
μA
VIN Pin Supply Current
IVIN
Charger disabled
-
150
250
μA
VIN Pin Supply Current
IVIN
Charger enabled
-
1.0
-
mA
VOLTAGE REGULATION
Output Voltage (Except ISL9205C)
VCH
Tested at 50mA load, 5V input, and +25°C
4.185
4.20
4.215
V
VCH
-40°C < TA < +85°C, 4.3V < VIN < 6.5V
4.175
4.20
4.225
V
Output Voltage (ISL9205C)
VCH
Tested at 50mA load, 5V input, and +25°C
4.241
4.256
4.271
V
VCH
-40°C < TA < +85°C, 4.3V < VIN < 6.5V
4.231
4.256
4.281
V
PMOS ON-Resistance
rDS(ON)
VBAT = 4.0V, charge current = 0.35A
-
500
-
m
Ω
CHARGE CURRENT (Note 4)
Constant Charge Current
ICC
RIREF = 100kΩ, VBAT = 3.0V to 4.0V
760
800
840
mA
Trickle Charge Current
ITRK
RIREF = 100kΩ, VBAT = 0V to 2.5V
64
80
96
mA
End-of-Charge Current
IMIN
RIMIN = 100kΩ (ISL9205)
70
80
90
mA
End-of-Charge Current
IMIN
RIREF = 100kΩ (ISL9205A, ISL9205B,
ISL9205C and ISL9205D)
70
80
90
mA
V2P8 PIN OUTPUT
V2P8 Pin Output Voltage
VV2P8
Load current less than 1mA
2.8
2.9
3.0
V
ISL9205


Similar Part No. - ISL9205

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9205 INTERSIL-ISL9205 Datasheet
444Kb / 14P
   Li-ion Battery Charger
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205 Datasheet
828Kb / 17P
   Li-ion Battery Charger
ISL9205 RENESAS-ISL9205 Datasheet
788Kb / 17P
   Li-ion Battery Charger
Dec 20, 2018
logo
Intersil Corporation
ISL9205 INTERSIL-ISL9205 Datasheet
515Kb / 14P
   Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205A RENESAS-ISL9205A Datasheet
828Kb / 17P
   Li-ion Battery Charger
More results

Similar Description - ISL9205

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
logo
Kingbor Technology Co
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
   Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
   Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
   Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
   Li-ion Battery Charger
Ver1.0
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
   Li-Ion Battery Charger
LX2203A MICROSEMI-LX2203A Datasheet
183Kb / 11P
   Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
   Li-Ion Battery Charger
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205 Datasheet
828Kb / 17P
   Li-ion Battery Charger
logo
Hotchip Technology Co.,...
HT4921 HOTCHIP-HT4921 Datasheet
434Kb / 7P
   Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com