Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL22416WFRT10Z Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL22416WFRT10Z
Description  Single Digitally Controlled Potentiometer XDCP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22416WFRT10Z Datasheet(HTML) 1 Page - Intersil Corporation

  ISL22416WFRT10Z Datasheet HTML 1Page - Intersil Corporation ISL22416WFRT10Z Datasheet HTML 2Page - Intersil Corporation ISL22416WFRT10Z Datasheet HTML 3Page - Intersil Corporation ISL22416WFRT10Z Datasheet HTML 4Page - Intersil Corporation ISL22416WFRT10Z Datasheet HTML 5Page - Intersil Corporation ISL22416WFRT10Z Datasheet HTML 6Page - Intersil Corporation ISL22416WFRT10Z Datasheet HTML 7Page - Intersil Corporation ISL22416WFRT10Z Datasheet HTML 8Page - Intersil Corporation ISL22416WFRT10Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN6227.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) and XDCP are registered trademarks of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006, 2008, 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL22416
Single Digitally Controlled Potentiometer (XDCP™)
Low Noise, Low Power, SPI® Bus, 128 Taps
The ISL22416 integrates a single digitally controlled
potentiometer (DCP) and non-volatile memory on a
monolithic CMOS integrated circuit.
The digitally controlled potentiometer is implemented with a
combination of resistor elements and CMOS switches. The
position of the wiper is controlled by the user through the SPI
serial interface. The potentiometer has an associated
volatile Wiper Register (WR) and a non-volatile Initial Value
Register (IVR) that can be directly written to and read by the
user. The contents of the WR controls the position of the
wiper. At power-up, the device recalls the contents of the
DCP’s IVR to the WR.
The DCP can be used as a three-terminal potentiometer or
as a two-terminal variable resistor in a wide variety of
applications including control, parameter adjustments, and
signal processing.
Features
• 128 resistor taps
• SPI serial interface
• Non-volatile storage of wiper position
• Wiper resistance: 70
Ω typical @ V
CC = 3.3V
• Shutdown mode
• Shutdown current 5µA max
• Power supply: 2.7V to 5.5V
•50k
Ω or 10kΩ total resistance
• High reliability
- Endurance: 1,000,000 data changes per bit per register
- Register data retention: 50 years @ T
≤ +55°C
• 10 Ld MSOP and 10 Ld TDFN package
• Pb-free (RoHS compliant)
Pinout
ISL22416
(10 LD MSOP)
TOP VIEW
ISL22416
(10 LD TDFN)
TOP VIEW
1
2
3
4
5
6
10
9
8
7
SDO
SHDN
CS
SDI
VCC
SCK
GND
RL
RW
RH
SDO
SHDN
CS
SDI
VCC
SCK
GND
RL
RW
RH
1
2
3
4
5
6
10
9
8
7
O
Ordering Information
PART NUMBER
(Note)
PART MARKING
RESISTANCE OPTION
(k
Ω)
TEMP. RANGE
(°C)
PACKAGE
(Pb-free)
PKG. DWG. #
ISL22416UFU10Z*
416UZ
50
-40 to +125
10 Ld MSOP
M10.118
ISL22416UFRT10Z*
416U
50
-40 to +125
10 Ld 3x3 TDFN
L10.3x3B
ISL22416WFU10Z*
416WZ
10
-40 to +125
10 Ld MSOP
M10.118
ISL22416WFRT10Z*
416W
10
-40 to +125
10 Ld 3x3 TDFN
L10.3x3B
*Add “-TK” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
September 9, 2009


Similar Part No. - ISL22416WFRT10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22416 INTERSIL-ISL22416 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
More results

Similar Description - ISL22416WFRT10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com