Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5123CY-T7 Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL5123CY-T7
Description  12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5123CY-T7 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL5123CY-T7 Datasheet HTML 6Page - Intersil Corporation EL5123CY-T7 Datasheet HTML 7Page - Intersil Corporation EL5123CY-T7 Datasheet HTML 8Page - Intersil Corporation EL5123CY-T7 Datasheet HTML 9Page - Intersil Corporation EL5123CY-T7 Datasheet HTML 10Page - Intersil Corporation EL5123CY-T7 Datasheet HTML 11Page - Intersil Corporation EL5123CY-T7 Datasheet HTML 12Page - Intersil Corporation EL5123CY-T7 Datasheet HTML 13Page - Intersil Corporation EL5123CY-T7 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
FN7176.2
May 3, 2007
FIGURE 13. SLEW RATE vs TEMPERATURE
FIGURE 14. OUTPUT LOW VOLTAGE vs TEMPERATURE
FIGURE 15. VOLTAGE GAIN vs TEMPERATURE
FIGURE 16. SUPPLY CURRENT PER CHANNEL vs
TEMPERATURE
FIGURE 17. SUPPLY CURRENT PER CHANNEL vs SUPPLY
VOLTAGE
FIGURE 18. SMALL SIGNAL TRANSIENT RESPONSE
Typical Performance Curves
15.1
14.1
14.9
14.7
14.5
14.3
VS=±5V
-35
85
TEMPERATURE (°C)
-15
25
65
545
-4.934
-4.938
-4.942
-4.946
-4.954
-4.95
VS=±5V
IOUT=-5mA
-35
85
TEMPERATURE (°C)
-15
25
65
545
1.0014
1.0006
1
0.9998
1.001
VS=±5V
-35
85
TEMPERATURE (°C)
-15
25
65
545
0.62
0.63
0.66
0.65
0.64
VS=±5V
-35
85
TEMPERATURE (°C)
-15
25
65
545
0.71
0.69
0.67
0.65
0.63
18
SUPPLY VOLTAGE (V)
4
6
10
12
14
16
8
TA=25°C
200ns/DIV
50mV/DIV
VS=±5V
RL=10kΩ
CL=12pF
EL5123, EL5223, EL5323, EL5423


Similar Part No. - EL5123CY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5123CY-T7 INTERSIL-EL5123CY-T7 Datasheet
289Kb / 12P
   12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
EL5123CY-T7 INTERSIL-EL5123CY-T7 Datasheet
290Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Renesas Technology Corp
EL5123CY-T7 RENESAS-EL5123CY-T7 Datasheet
777Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
More results

Similar Description - EL5123CY-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5123 RENESAS-EL5123 Datasheet
777Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5123 INTERSIL-EL5123 Datasheet
290Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
EL5423 INTERSIL-EL5423 Datasheet
289Kb / 12P
   12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
logo
Elantec Semiconductor
EL5123C ELANTEC-EL5123C Datasheet
139Kb / 2P
   Product Brief 12MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5127 INTERSIL-EL5127 Datasheet
300Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Renesas Technology Corp
EL5127 RENESAS-EL5127 Datasheet
778Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5127 INTERSIL-EL5127_06 Datasheet
294Kb / 17P
   2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
EL5421T INTERSIL-EL5421T Datasheet
263Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
EL5421TIYZ INTERSIL-EL5421TIYZ Datasheet
260Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
logo
Renesas Technology Corp
EL5421T RENESAS-EL5421T Datasheet
678Kb / 13P
   12MHz Rail-to-Rail Input-Output Buffer
September 25, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com