Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIN232IP Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIN232IP
Description  5V Powered RS-232 Transmitters/Receivers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIN232IP Datasheet(HTML) 1 Page - Intersil Corporation

  HIN232IP Datasheet HTML 1Page - Intersil Corporation HIN232IP Datasheet HTML 2Page - Intersil Corporation HIN232IP Datasheet HTML 3Page - Intersil Corporation HIN232IP Datasheet HTML 4Page - Intersil Corporation HIN232IP Datasheet HTML 5Page - Intersil Corporation HIN232IP Datasheet HTML 6Page - Intersil Corporation HIN232IP Datasheet HTML 7Page - Intersil Corporation HIN232IP Datasheet HTML 8Page - Intersil Corporation HIN232IP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
®
FN3138.16
HIN232, HIN236, HIN237, HIN238,
HIN239, HIN240, HIN241
+5V Powered RS-232
Transmitters/Receivers
The HIN232-HIN241 family of RS-232 transmitters/receivers
interface circuits meet all ElA RS-232E and V.28 specifications,
and are particularly suited for those applications where ±12V is
not available. They require a single +5V power supply (except
HIN239) and feature onboard charge pump voltage converters
which generate +10V and -10V supplies from the 5V supply.
The family of devices offer a wide variety of RS-232
transmitter/receiver combinations to accommodate various
applications (see “Selection Table” on page 1).
The drivers feature true TTL/CMOS input compatibility,
slew-rate-limited output, and 300
Ω power-off source
impedance. The receivers can handle up to ±30V, and have
a 3k
Ω to 7kΩ input impedance. The receivers also feature
hysteresis to greatly improve noise rejection.
Features
• Meets All RS-232E and V.28 Specifications
• Requires Only Single +5V Power Supply
- (+5V and +12V - HIN239)
• High Data Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . 120kbps
• Onboard Voltage Doubler/Inverter
• Low Power Consumption
• Low Power Shutdown Function
• Three-State TTL/CMOS Receiver Outputs
• Multiple Drivers
- ±10V Output Swing for 5V lnput
-300
Ω Power-Off Source Impedance
- Output Current Limiting
- TTL/CMOS Compatible
- 30V/µs Maximum Slew Rate
• Multiple Receivers
- ±30V Input Voltage Range
-3k
Ω to 7kΩ Input Impedance
- 0.5V Hysteresis to Improve Noise Rejection
• Pb-free Available (RoHS compliant)
Applications
• Any System Requiring RS-232 Communication Ports
- Computer - Portable, Mainframe, Laptop
- Peripheral - Printers and Terminals
- Instrumentation
- Modems
Selection Table
PART
NUMBER
POWER SUPPLY
VOLTAGE
NUMBER OF
RS-232
DRIVERS
NUMBER OF
RS-232
RECEIVERS
EXTERNAL
COMPONENTS
LOW POWER
SHUTDOWN/TTL
THREE-STATE
NUMBER OF
LEADS
HIN232
+5V
2
2
4 Capacitors
No/No
16
HIN236
+5V
4
3
4 Capacitors
Yes/Yes
24
HIN237
+5V
5
3
4 Capacitors
No/No
24
HIN238
+5V
4
4
4 Capacitors
No/No
24
HIN239
+5V and +7.5V to 13.2V
3
5
2 Capacitors
No/Yes
24
HIN240
+5V
5
5
4 Capacitors
Yes/Yes
44
HIN241
+5V
4
5
4 Capacitors
Yes/Yes
28
Data Sheet
September 26, 2008
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004, 2005, 2008. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - HIN232IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN232IP INTERSIL-HIN232IP Datasheet
379Kb / 15P
   5V Powered RS-232 Transmitters/Receivers
HIN232IP INTERSIL-HIN232IP Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN232IPZ INTERSIL-HIN232IPZ Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232IPZ RENESAS-HIN232IPZ Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
More results

Similar Description - HIN232IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN232 INTERSIL-HIN232_05 Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN202A INTERSIL-HIN202A Datasheet
247Kb / 17P
   High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232A RENESAS-HIN232A Datasheet
494Kb / 10P
   High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN232A INTERSIL-HIN232A_06 Datasheet
245Kb / 10P
   High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN202 INTERSIL-HIN202 Datasheet
586Kb / 18P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com