Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5174ISZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5174ISZ
Description  550MHz Differential Twisted-Pair Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5174ISZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL5174ISZ Datasheet HTML 4Page - Intersil Corporation EL5174ISZ Datasheet HTML 5Page - Intersil Corporation EL5174ISZ Datasheet HTML 6Page - Intersil Corporation EL5174ISZ Datasheet HTML 7Page - Intersil Corporation EL5174ISZ Datasheet HTML 8Page - Intersil Corporation EL5174ISZ Datasheet HTML 9Page - Intersil Corporation EL5174ISZ Datasheet HTML 10Page - Intersil Corporation EL5174ISZ Datasheet HTML 11Page - Intersil Corporation EL5174ISZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
FN7313.6
October 30, 2007
FIGURE 13. HARMONIC DISTORTION vs DIFFERENTIAL
OUTPUT VOLTAGE
FIGURE 14. HARMONIC DISTORTION vs DIFFERENTIAL
OUTPUT VOLTAGE
FIGURE 15. HARMONIC DISTORTION vs RLD
FIGURE 16. HARMONIC DISTORTION vs RLD
FIGURE 17. HARMONIC DISTORTION vs FREQUENCY
FIGURE 18. SMALL SIGNAL TRANSIENT RESPONSE
Typical Performance Curves (Continued)
VOP-P, DM (V)
-100
-90
-80
-70
-60
-50
-40
1
1.5
2
2.5
3
3.5
4
4.5
5
HD2 (f = 5MHz)
HD3 (f = 5MHz)
HD3 (f = 20MHz)
HD2 (f = 20MHz)
VS = ±5V, AV = 1, RLD = 1kΩ
-40
-50
-60
-70
-80
-90
27
16
9
410
-100
35
8
HD2 (f = 20MH
z)
HD3 (f = 20MHz)
HD3
(f =
5MH
z)
VOP-P, DM (V)
VS = ±5V, AV = 2, RLD = 1kΩ
HD2 (f = 5MHz)
-50
-55
-60
-70
-90
-80
200
600
RLD (Ω)
100
800
400
1000
-100
300
500
700
HD3 (f =
20MHz)
HD2 (f
= 20MH
z)
HD2 (f = 5
MHz)
-65
-75
-85
-95
900
VS = ±5V, AV = 1, VOP-P, DM = 1V
HD3 (f =
5MHz)
-50
-55
-60
-70
-90
-80
300
700
RLD (Ω)
200
800
500
1000
-100
400
600
HD3 (f = 20MHz)
HD2 (f = 20MHz)
HD2 (f = 5MHz)
-65
-75
-85
-95
900
VS = ±5V, AV = 2, VOP-P, DM = 2V
HD3 (f = 5MHz)
FREQUENCY (MHz)
-100
-90
-80
-70
-60
-50
-40
010
20
30
40
50
60
HD3 (AV = 2)
HD2
(AV
= 2)
HD3 (AV
= 1)
HD
2 (A
V
= 1
)
VS = ±5V, RLD = 1kΩ, VOP-P, DM = 1V for AV = 1,
VOP-P, DM = 2V for AV = 2
10ns/DIV
50mV/DIV
EL5174, EL5374


Similar Part No. - EL5174ISZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5174ISZ RENESAS-EL5174ISZ Datasheet
774Kb / 15P
   550MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5174ISZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5174 RENESAS-EL5174 Datasheet
774Kb / 15P
   550MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5177 INTERSIL-EL5177 Datasheet
441Kb / 11P
   550MHz Differential Twisted-Pair Driver
EL5177 INTERSIL-EL5177_05 Datasheet
423Kb / 11P
   550MHz Differential Twisted-Pair Driver
EL5177 INTERSIL-EL5177_07 Datasheet
269Kb / 11P
   550MHz Differential Twisted-Pair Driver
logo
Renesas Technology Corp
EL5177 RENESAS-EL5177 Datasheet
644Kb / 12P
   550MHz Differential Twisted-Pair Driver
logo
Intersil Corporation
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com