Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL8100ISZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL8100ISZ
Description  200MHz Rail-to-Rail Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8100ISZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL8100ISZ Datasheet HTML 6Page - Intersil Corporation EL8100ISZ Datasheet HTML 7Page - Intersil Corporation EL8100ISZ Datasheet HTML 8Page - Intersil Corporation EL8100ISZ Datasheet HTML 9Page - Intersil Corporation EL8100ISZ Datasheet HTML 10Page - Intersil Corporation EL8100ISZ Datasheet HTML 11Page - Intersil Corporation EL8100ISZ Datasheet HTML 12Page - Intersil Corporation EL8100ISZ Datasheet HTML 13Page - Intersil Corporation EL8100ISZ Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN7103.9
September 14, 2010
Single Supply Video Line Driver
The EL8100, EL8101 are wideband rail-to-rail output op
amplifiers with large output current, excellent dG, dP, and low
distortion that allow them to drive video signals in low supply
applications. Figure 31 is the single supply non-inverting
video line driver configuration and Figure 32 is the inverting
video ling driver configuration. The signal is AC-coupled by
C1. R1 and R2 are used to level shift the input and output to
provide the largest output swing. RF and RG set the AC gain.
C2 isolates the virtual ground potential. RT and R3 are the
termination resistors for the line. C1, C2 and C3 are selected
big enough to minimize the droop of the luminance signal.
FIGURE 30. ENABLE SIGNAL
0V
-0.5V
-1.5V
-2.5V
1V
0V
M = 50ns/DIV
A
ENABLE
B
-1V
FIGURE 31. 5V SINGLE SUPPLY NON INVERTING VIDEO LINE
DRIVER
5V
RF
VOUT
VIN
75
Ω
+
-
75
Ω
1k
Ω
75
Ω
C3
470µF
R3
C1
47µF
RT
10k
10k
R2
R1
1k
Ω
RG
C2
220µF
FIGURE 32. 5V SINGLE SUPPLY INVERTING VIDEO LINE
DRIVER
5V
RF
VOUT
VIN
75
Ω
-
+
75
Ω
500
Ω
75
Ω
C3
470µF
R3
C1
47µF
RT
10k
10k
R2
R1
1k
Ω
RG
C2
220µF
5V
FIGURE 33. VIDEO LINE DRIVER FREQUENCY RESPONSE
5
4
3
2
1
0
-1
-2
-3
-4
-5
100K
1M
10M
100M 200M
FREQUENCY (Hz)
AV = -2
AV = 2
EL8100, EL8101


Similar Part No. - EL8100ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8100ISZ INTERSIL-EL8100ISZ Datasheet
343Kb / 13P
   200MHz Rail-to-Rail Amplifiers
EL8100ISZ INTERSIL-EL8100ISZ Datasheet
561Kb / 14P
   200MHz Rail-to-Rail Amplifiers
September 14, 2010
logo
Renesas Technology Corp
EL8100ISZ RENESAS-EL8100ISZ Datasheet
748Kb / 14P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8100ISZ-T13 INTERSIL-EL8100ISZ-T13 Datasheet
343Kb / 13P
   200MHz Rail-to-Rail Amplifiers
EL8100ISZ-T13 INTERSIL-EL8100ISZ-T13 Datasheet
561Kb / 14P
   200MHz Rail-to-Rail Amplifiers
September 14, 2010
More results

Similar Description - EL8100ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8200 INTERSIL-EL8200 Datasheet
1Mb / 15P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100_07 Datasheet
343Kb / 13P
   200MHz Rail-to-Rail Amplifiers
EL8200 INTERSIL-EL8200_07 Datasheet
395Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8200 RENESAS-EL8200 Datasheet
830Kb / 16P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8100ISZ INTERSIL-EL8100ISZ Datasheet
561Kb / 14P
   200MHz Rail-to-Rail Amplifiers
September 14, 2010
EL8200 INTERSIL-EL8200_06 Datasheet
726Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8100 RENESAS-EL8100 Datasheet
748Kb / 14P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8300 INTERSIL-EL8300 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
logo
Renesas Technology Corp
EL8300 RENESAS-EL8300 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com