Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL22446UFV20Z Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL22446UFV20Z
Description  Quad Digitally Controlled Potentiometer XDCP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22446UFV20Z Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL22446UFV20Z Datasheet HTML 4Page - Intersil Corporation ISL22446UFV20Z Datasheet HTML 5Page - Intersil Corporation ISL22446UFV20Z Datasheet HTML 6Page - Intersil Corporation ISL22446UFV20Z Datasheet HTML 7Page - Intersil Corporation ISL22446UFV20Z Datasheet HTML 8Page - Intersil Corporation ISL22446UFV20Z Datasheet HTML 9Page - Intersil Corporation ISL22446UFV20Z Datasheet HTML 10Page - Intersil Corporation ISL22446UFV20Z Datasheet HTML 11Page - Intersil Corporation ISL22446UFV20Z Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
FN6181.2
September 9, 2009
Typical Performance Curves
FIGURE 1. WIPER RESISTANCE vs TAP POSITION
[ I(RW) = VCC/RTOTAL ] FOR 10kΩ (W)
FIGURE 2. STANDBY ICC vs VCC
FIGURE 3. DNL vs TAP POSITION IN VOLTAGE DIVIDER
MODE FOR 10k
Ω (W)
FIGURE 4. INL vs TAP POSITION IN VOLTAGE DIVIDER
MODE FOR 10k
Ω (W)
FIGURE 5. ZSERROR vs TEMPERATURE
FIGURE 6. FSERROR vs TEMPERATURE
0
10
20
30
40
50
60
70
80
90
100
020
40
60
80
100
120
TAP POSITION (DECIMAL)
VCC = 3.3V, T = +125°C
VCC = 3.3V, T = +20°C
VCC = 3.3V, T = -40°C
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
2.7
3.2
3.7
4.2
4.7
5.2
VCC (V)
T = +25°C
T = +125°C
-0.2
-0.1
0
0.1
0.2
0
20
406080
100
120
TAP POSITION (DECIMAL)
T = +25°C
VCC = 5.5V
VCC = 2.7V
-0.2
-0.1
0
0.1
0.2
0
20
40
60
80
100
120
TAP POSITION (DECIMAL)
T = +25°C
VCC = 5.5V
VCC = 2.7V
-0.3
-0.1
0.1
0.3
0.5
0.7
0.9
1.1
1.3
-40-20
0
20
40
60
80100
120
TEMPERATURE (°C)
VCC = 5.5V
VCC = 2.7V
50k
10k
-1.5
-1.2
-0.9
-0.6
-0.3
0.0
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (ºC)
VCC = 5.5V
VCC = 2.7V
50k
10k
ISL22446


Similar Part No. - ISL22446UFV20Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL22446UFV20Z RENESAS-ISL22446UFV20Z Datasheet
1Mb / 15P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 9, 2009
More results

Similar Description - ISL22446UFV20Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com