Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL8188FWZ-T7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL8188FWZ-T7
Description  Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8188FWZ-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  EL8188FWZ-T7 Datasheet HTML 1Page - Intersil Corporation EL8188FWZ-T7 Datasheet HTML 2Page - Intersil Corporation EL8188FWZ-T7 Datasheet HTML 3Page - Intersil Corporation EL8188FWZ-T7 Datasheet HTML 4Page - Intersil Corporation EL8188FWZ-T7 Datasheet HTML 5Page - Intersil Corporation EL8188FWZ-T7 Datasheet HTML 6Page - Intersil Corporation EL8188FWZ-T7 Datasheet HTML 7Page - Intersil Corporation EL8188FWZ-T7 Datasheet HTML 8Page - Intersil Corporation EL8188FWZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
¬
FN7467.6
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2004-2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
EL8188
Micropower Single Supply Rail-to-Rail
Input-Output Precision Op Amp
The EL8188 is a precision low power, operational amplifier.
The device is optimized for single supply operation between
2.4V to 5.5V. This enables operation from one lithium cell or
two Ni-Cd batteries. The input range includes both positive
and negative rail.
The EL8188 draws minimal supply current (55µA) while
meeting excellent DC-accuracy, noise, and output drive
specifications.
Features
• Typical 55µA Supply Current
• 1mV Max Offset Voltage
• Typical 1pA Input Bias Current
• 266kHz Gain-bandwidth Product
• Single Supply Operation Between 2.4V to 5.5V
• Rail-to-rail Input and Output
• Ground Sensing
• Output Sources and Sinks 26mA Load Current
• Pb-free (RoHS compliant)
Applications
• Battery - or Solar-powered Systems
• 4mA to 20mA Current Loops
• Handheld Consumer Products
• Medical Devices
• Thermocouple Amplifiers
• Photodiode Pre-amps
• pH Probe Amplifiers
Ordering Information
PART NUMBER
PART
MARKING
TEMP
RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
EL8188FIZ-T7*
(Note 2)
188Z
-40 to +125 6 Ld WLCSP
(1.5mmx1.0mm)
W3x2.6C
Coming Soon
EL8188FWZ-T7A*
(Note 1)
BBYA
-40 to +125 6 Ld SOT-23
MDP0038
Coming Soon
EL8188FWZ-T7*
(Note 1)
BBYA
-40 to +125 6 Ld SOT-23
MDP0038
Coming Soon
EL8188ISZ
(Note 1)
8188ISZ
-40 to +125 8 Ld SOIC
MDP0027
Coming Soon
EL8188ISZ-T7*
(Note 1)
8188ISZ
-40 to +125 8 Ld SOIC
MDP0027
Coming Soon
EL8188ISZ-T13*
(Note 1)
8188ISZ
-40 to +125 8 Ld SOIC
MDP0027
*Please refer to TB347 for details on reel specifications.
NOTES:
1. These Intersil Pb-free plastic packaged products employ special
Pb-free material sets, molding compounds/die attach materials,
and 100% matte tin plate plus anneal (e3 termination finish, which
is RoHS compliant and compatible with both SnPb and Pb-free
soldering operations). Intersil Pb-free products are MSL classified
at Pb-free peak reflow temperatures that meet or exceed the Pb-
free requirements of IPC/JEDEC J STD-020
2. These Intersil Pb-free WLCSP and BGA packaged products
products employ special Pb-free material sets; molding
compounds/die attach materials and SnAgCu - e1 solder ball
terminals, which are RoHS compliant and compatible with both
SnPb and Pb-free soldering operations. Intersil Pb-free WLCSP
and BGA packaged products are MSL classified at Pb-free peak
reflow temperatures that meet or exceed the Pb-free requirements
of IPC/JEDEC J STD-020.
Pinouts
EL8188
(6 LD SOT-23)
TOP VIEW
EL8188
(8 LD SO)
TOP VIEW
EL8188
(6 LD WLCSP)
TOP VIEW
1
2
3
6
4
5
+-
OUT
V-
IN+
V+
DNC
IN-
1
2
3
4
8
7
6
5
-
+
DNC
IN-
IN+
DNC
V+
OUT
V-
DNC
2
1
A
B
C
OUT
V-
IN+
DNC
V+
IN-
Data Sheet
May 29, 2009


Similar Part No. - EL8188FWZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8188FWZ-T7 INTERSIL-EL8188FWZ-T7 Datasheet
873Kb / 11P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
logo
Renesas Technology Corp
EL8188FWZ-T7 RENESAS-EL8188FWZ-T7 Datasheet
990Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
February 24, 2011
logo
Intersil Corporation
EL8188FWZ-T7A INTERSIL-EL8188FWZ-T7A Datasheet
873Kb / 11P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
logo
Renesas Technology Corp
EL8188FWZ-T7A RENESAS-EL8188FWZ-T7A Datasheet
990Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
February 24, 2011
More results

Similar Description - EL8188FWZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8176 INTERSIL-EL8176_06 Datasheet
476Kb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8176 INTERSIL-EL8176 Datasheet
1Mb / 18P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8186 INTERSIL-EL8186 Datasheet
497Kb / 9P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
logo
Renesas Technology Corp
EL8176 RENESAS-EL8176 Datasheet
1Mb / 16P
   Micropower Single Supply Rail-to-Rail Input/Output Precision Op Amp
logo
Intersil Corporation
EL8178 INTERSIL-EL8178 Datasheet
641Kb / 8P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8188 INTERSIL-EL8188_07 Datasheet
873Kb / 11P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
logo
Renesas Technology Corp
EL8188 RENESAS-EL8188 Datasheet
990Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
February 24, 2011
logo
Intersil Corporation
EL8178 INTERSIL-EL8178_08 Datasheet
804Kb / 15P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com