Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL8188FIZ-T7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL8188FIZ-T7
Description  Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8188FIZ-T7 Datasheet(HTML) 4 Page - Intersil Corporation

  EL8188FIZ-T7 Datasheet HTML 1Page - Intersil Corporation EL8188FIZ-T7 Datasheet HTML 2Page - Intersil Corporation EL8188FIZ-T7 Datasheet HTML 3Page - Intersil Corporation EL8188FIZ-T7 Datasheet HTML 4Page - Intersil Corporation EL8188FIZ-T7 Datasheet HTML 5Page - Intersil Corporation EL8188FIZ-T7 Datasheet HTML 6Page - Intersil Corporation EL8188FIZ-T7 Datasheet HTML 7Page - Intersil Corporation EL8188FIZ-T7 Datasheet HTML 8Page - Intersil Corporation EL8188FIZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN7467.6
May 29, 2009
Typical Performance Curves VS = ±2.5V, TA = +25°C, Unless Otherwise Specified
FIGURE 1. UNITY GAIN FREQUENCY RESPONSE at
VARIOUS SUPPLY VOLTAGES
FIGURE 2. FREQUENCY RESPONSE at VARIOUS CLOSED
LOOP GAINS
FIGURE 3. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 4. INPUT OFFSET VOLTAGE vs OUTPUT VOLTAGE
FIGURE 5. INPUT OFFSET VOLTAGE vs COMMON-MODE
INPUT VOLTAGE
FIGURE 6. OPEN LOOP GAIN AND PHASE vs FREQUENCY
(RL = 1kΩ)
-3
-2
-1
0
1
1k
10k
100k
1M
VS = ±1.0
VS = ±2.5
VS = ±1.2
FREQUENCY (Hz)
RL ≥ 10k
VOUT = 0.2VP-P
-20
-10
0
10
20
30
40
50
60
70
80
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
GAIN = 200
GAIN = 1k
GAIN = 500
GAIN = 100
GAIN = 10
GAIN = 1
GAIN = 5
GAIN = 2
RL ≥ 10k
VOUT = 0.2VP-P
2.0
3.0
4.0
5.5
0
SUPPLY VOLTAGE (V)
2.5
10
20
50
60
30
40
3.5
5.0
4.5
-0.5
5.5
-200
OUTPUT VOLTAGE (V)
-100
0
200
100
0.5
1.5
2.5
3.5
4.5
AV = -1
VCM = VDD/2
-0.5
5.5
-250
COMMON-MODE INPUT VOLTAGE (V)
-150
-50
250
150
0.5
1.5
2.5
3.5
4.5
50
-20
0
20
80
100
40
60
10
10
k
1M
FREQUENCY (Hz)
100
0
45
90
135
180
100
k
1
k
PHASE
GAIN
EL8188


Similar Part No. - EL8188FIZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL8188FIZ-T7 RENESAS-EL8188FIZ-T7 Datasheet
990Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
February 24, 2011
More results

Similar Description - EL8188FIZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8176 INTERSIL-EL8176_06 Datasheet
476Kb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8176 INTERSIL-EL8176 Datasheet
1Mb / 18P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8186 INTERSIL-EL8186 Datasheet
497Kb / 9P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
logo
Renesas Technology Corp
EL8176 RENESAS-EL8176 Datasheet
1Mb / 16P
   Micropower Single Supply Rail-to-Rail Input/Output Precision Op Amp
logo
Intersil Corporation
EL8178 INTERSIL-EL8178 Datasheet
641Kb / 8P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8188 INTERSIL-EL8188_07 Datasheet
873Kb / 11P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
logo
Renesas Technology Corp
EL8188 RENESAS-EL8188 Datasheet
990Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
February 24, 2011
logo
Intersil Corporation
EL8178 INTERSIL-EL8178_08 Datasheet
804Kb / 15P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com