Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6262ACRZ-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6262ACRZ-T
Description  Two-Phase Core Controller Santa Rosa, IMVP-6
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6262ACRZ-T Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6262ACRZ-T Datasheet HTML 1Page - Intersil Corporation ISL6262ACRZ-T Datasheet HTML 2Page - Intersil Corporation ISL6262ACRZ-T Datasheet HTML 3Page - Intersil Corporation ISL6262ACRZ-T Datasheet HTML 4Page - Intersil Corporation ISL6262ACRZ-T Datasheet HTML 5Page - Intersil Corporation ISL6262ACRZ-T Datasheet HTML 6Page - Intersil Corporation ISL6262ACRZ-T Datasheet HTML 7Page - Intersil Corporation ISL6262ACRZ-T Datasheet HTML 8Page - Intersil Corporation ISL6262ACRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
FN6343.1
December 23, 2008
CHANNEL FREQUENCY
Nominal Channel Frequency
fSW
RFSET = 6.9kΩ, 2 channel operation,
VCOMP = 2V
285
300
315
kHz
Adjustment Range
100
500
kHz
AMPLIFIERS
Droop Amplifier Offset
-0.3
0.3
mV
Error Amp DC Gain
AV0
90
dB
Error Amp Gain-Bandwidth Product
GBW
CL = 20pF
18
MHz
Error Amp Slew Rate
SR
CL = 20pF
5
V/µs
FB Input Current
IIN(FB)
10
150
nA
ISEN
Imbalance Voltage
2mV
Input Bias Current
20
nA
SOFT-START CURRENT
Soft-Start Current
ISS
-47
-42
-37
µA
Soft Geyserville Current
IGV
|SOFT - REF|>100mV
±180
±205
±230
µA
Soft Deeper Sleep Entry Current
IC4
DPRSLPVR = 3.3V
-47
-42
-37
µA
Soft Deeper Sleep Exit Current
IC4EA
DPRSLPVR = 3.3V
37
42
47
µA
Soft Deeper Sleep Exit Current
IC4EB
DPRSLPVR = 0V
180
205
230
µA
GATE DRIVER DRIVING CAPABILITY
UGATE Source Resistance
RSRC(UGATE)
500mA Source Current
1
1.5
Ω
UGATE Source Current
ISRC(UGATE)
VUGATE_PHASE = 2.5V
2
A
UGATE Sink Resistance
RSNK(UGATE)
500mA Sink Current
1
1.5
Ω
UGATE Sink Current
ISNK(UGATE)
VUGATE_PHASE = 2.5V
2
A
LGATE Source Resistance
RSRC(LGATE)
500mA Source Current
1
1.5
Ω
LGATE Source Current
ISRC(LGATE)
VLGATE = 2.5V
2
A
LGATE Sink Resistance
RSNK(LGATE)
500mA Sink Current
0.5
0.9
Ω
LGATE Sink Current
ISNK(LGATE)
VLGATE = 2.5V
4
A
UGATE to PHASE Resistance
Rp(UGATE)
1k
Ω
GATE DRIVER SWITCHING TIMING (refer to “ISL6262A Gate Driver Timing Diagram” on page 6)
UGATE Rise Time
tRU
PVCC = 5V, 3nF Load
8.0
ns
LGATE Rise Time
tRL
PVCC = 5V, 3nF Load
8.0
ns
UGATE Fall Time
tFU
PVCC = 5V, 3nF Load
8.0
ns
LGATE Fall Time
tFL
PVCC = 5V, 3nF Load
4.0
ns
UGATE Turn-on Propagation Delay
tPDHU
PVCC = 5V, Outputs Unloaded
30
ns
LGATE Turn-on Propagation Delay
tPDHU
PVCC = 5V, Outputs Unloaded
15
ns
BOOTSTRAP DIODE
Forward Voltage
VDDP = 5V, Forward Bias Current = 2mA
0.43
0.58
0.72
V
Leakage
VR = 16V
1
µA
POWER GOOD and PROTECTION MONITOR
PGOOD Low Voltage
VOL
IPGOOD = 4mA
0.26
0.4
V
PGOOD Leakage Current
IOH
PGOOD = 3.3V
-1
1
µA
Electrical Specifications
VDD = 5V, TA = -40°C to +100°C, unless otherwise specified. Parameters with MIN and/or MAX limits are 100%
tested at +25°C, unless otherwise specified. Temperature limits established by characterization and are not
production tested. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6262A


Similar Part No. - ISL6262ACRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6262ACRZ-T INTERSIL-ISL6262ACRZ-T Datasheet
631Kb / 28P
   Two-Phase Core Controller(Santa Rosa, IMVP-6)
December 23, 2008
logo
Renesas Technology Corp
ISL6262ACRZ-T RENESAS-ISL6262ACRZ-T Datasheet
1Mb / 28P
   Two-Phase Core Controller (Santa Rosa, IMVP-6)
December 23, 2008
More results

Similar Description - ISL6262ACRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6262ACRZ INTERSIL-ISL6262ACRZ Datasheet
631Kb / 28P
   Two-Phase Core Controller(Santa Rosa, IMVP-6)
December 23, 2008
logo
Renesas Technology Corp
ISL6262A RENESAS-ISL6262A Datasheet
1Mb / 28P
   Two-Phase Core Controller (Santa Rosa, IMVP-6)
December 23, 2008
ISL6263 RENESAS-ISL6263 Datasheet
799Kb / 19P
   5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
logo
Intersil Corporation
ISL6263 INTERSIL-ISL6263 Datasheet
493Kb / 19P
   5-Bit VID Single-Phase Voltage Regulator for IMVP-6 Santa Rosa GPU Core
ISL6266AHRZ INTERSIL-ISL6266AHRZ Datasheet
657Kb / 30P
   Two-phase Core Controllers (Montevina, IMVP-6)
logo
Renesas Technology Corp
ISL6266 RENESAS-ISL6266 Datasheet
1Mb / 31P
   Two-phase Core Controllers (Montevina, IMVP-6)
logo
Intersil Corporation
ISL6266HRZ INTERSIL-ISL6266HRZ Datasheet
802Kb / 31P
   Two-phase Core Controllers(Montevina, IMVP-6)
August 25, 2015
logo
Renesas Technology Corp
ISL6263B RENESAS-ISL6263B Datasheet
772Kb / 18P
   5-Bit VID Single-Phase Voltage Regulator with Current Monitor for IMVP-6 Santa Rosa GPU Core
ISL6263A RENESAS-ISL6263A Datasheet
841Kb / 20P
   5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
logo
Intersil Corporation
ISL6263A INTERSIL-ISL6263A Datasheet
490Kb / 19P
   5-Bit VID Single-Phase Voltage Regulator with Power Monitor for IMVP-6 Santa Rosa GPU Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com