Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6741IB Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6741IB
Description  Flexible Double Ended Voltage and Current Mode PWM Controllers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6741IB Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6741IB Datasheet HTML 6Page - Intersil Corporation ISL6741IB Datasheet HTML 7Page - Intersil Corporation ISL6741IB Datasheet HTML 8Page - Intersil Corporation ISL6741IB Datasheet HTML 9Page - Intersil Corporation ISL6741IB Datasheet HTML 10Page - Intersil Corporation ISL6741IB Datasheet HTML 11Page - Intersil Corporation ISL6741IB Datasheet HTML 12Page - Intersil Corporation ISL6741IB Datasheet HTML 13Page - Intersil Corporation ISL6741IB Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10
Pin Descriptions
VDD - VDD is the power connection for the IC. To optimize
noise immunity, bypass VDD to GND with a ceramic
capacitor as close to the VDD and GND pins as possible.
The total supply current, IDD, will be dependent on the load
applied to outputs OUTA and OUTB. Total IDD current is the
sum of the quiescent current and the average output current.
Knowing the operating frequency, Fsw, and the output
loading capacitance charge, Q, per output, the average
output current can be calculated from:
SYNC - A bidirectional synchronization signal used to
coordinate the switching frequency of multiple units.
Synchronization may be achieved by connecting the SYNC
signal of each unit together or by using an external master
clock signal. The oscillator timing capacitor, CT, is always
required regardless of the synchronization method used.
The paralleled unit with the highest oscillator frequency
assumes control.
RTC - This is the oscillator timing capacitor charge current
control pin. A resistor is connected between this pin and
GND. The current flowing through the resistor determines
the magnitude of the charge current. The charge current is
nominally twice this current. The PWM maximum ON time is
determined by the timing capacitor charge duration.
RTD - This is the oscillator timing capacitor discharge current
control pin. A resistor is connected between this pin and
GND. The current flowing through the resistor determines
the magnitude of the discharge current. The discharge
current is nominally 50x this current. The PWM deadtime is
determined by the timing capacitor discharge duration.
CT - The oscillator timing capacitor is connected between
this pin and GND.
VERROR - The inverting input of the PWM comparator. The
error voltage is applied to this pin to control the duty cycle.
Increasing the signal level increases the duty cycle. The
node may be driven with an external error amplifier or opto-
coupler.
Typical Performance Curves
FIGURE 1. REFERENCE VOLTAGE vs TEMPERATURE
FIGURE 2. OSCILLATOR CT DISCHARGE CURRENT GAIN
FIGURE 3. DEADTIME (TD) vs CAPACITANCE
FIGURE 4. CAPACITANCE vs FREQUENCY
1.001
1
0.999
0.998
0.997
-40
-25
-10
5
20
35
50
65
80
95
110
TEMPERATURE (°C)
65
60
55
50
45
40
0
50
100
150
200
250
300
350
400
450
500
RTD CURRENT (µA)
1•104
1•103
100
10
10
20
30
40
50
60
70
80
90
100
RTD (k
Ω)
470
330
220
100
CT (pF) =
680
1000
1•106
1•104
60
70
80
90
100
RTC (k
Ω)
10
20
30
40
50
680
1000
330
470
220
100
CT (pF) =
RTD = 10K
1•105
I
OUT
2QF
SW
=
A
(EQ. 1)
ISL6740, ISL6741


Similar Part No. - ISL6741IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6741IB INTERSIL-ISL6741IB Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6741IB INTERSIL-ISL6741IB Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6741IB INTERSIL-ISL6741IB Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6741IBZ INTERSIL-ISL6741IBZ Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6741IBZ INTERSIL-ISL6741IBZ Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
More results

Similar Description - ISL6741IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6741IVZ-T INTERSIL-ISL6741IVZ-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6740IBZ INTERSIL-ISL6740IBZ Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6740IBZ INTERSIL-ISL6740IBZ Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6740IV-T INTERSIL-ISL6740IV-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
logo
Renesas Technology Corp
ISL6740 RENESAS-ISL6740 Datasheet
1Mb / 30P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6722A RENESAS-ISL6722A Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
logo
Intersil Corporation
ISL6722AABZ INTERSIL-ISL6722AABZ Datasheet
613Kb / 26P
   Flexible Single Ended Current Mode PWM Controllers
September 29, 2015
ISL6722A INTERSIL-ISL6722A Datasheet
647Kb / 24P
   Flexible Single Ended Current Mode PWM
ISL6740A INTERSIL-ISL6740A Datasheet
320Kb / 15P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
logo
Renesas Technology Corp
ISL6740A RENESAS-ISL6740A Datasheet
660Kb / 14P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com