Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6740IBZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6740IBZ
Description  Flexible Double Ended Voltage and Current Mode PWM Controllers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6740IBZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6740IBZ Datasheet HTML 7Page - Intersil Corporation ISL6740IBZ Datasheet HTML 8Page - Intersil Corporation ISL6740IBZ Datasheet HTML 9Page - Intersil Corporation ISL6740IBZ Datasheet HTML 10Page - Intersil Corporation ISL6740IBZ Datasheet HTML 11Page - Intersil Corporation ISL6740IBZ Datasheet HTML 12Page - Intersil Corporation ISL6740IBZ Datasheet HTML 13Page - Intersil Corporation ISL6740IBZ Datasheet HTML 14Page - Intersil Corporation ISL6740IBZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
11
The ISL6740, ISL6741 features a built-in soft start. Soft start
is implemented as a clamp on the error voltage input.
OTS - The non-inverting input to the over temperature
shutdown comparator. The signal input at this pin is
compared to an internal threshold of VREF/2. If the voltage at
this pin exceeds the threshold, the Fault signal is asserted
and the outputs are disabled until the condition clears. There
is a nominal 25
µA switched current source used for
hysteresis. The amount of hysteresis is adjustable by varying
the source impedance of the signal into this pin.
OTS may be used to monitor parameters other than
temperature, such as voltage. Any signal for which a high
out-of-bounds monitor is desired may utilize the OTS
comparator.
FAULT - The Fault signal is asserted high whenever the
outputs, OUTA and OUTB, are disabled. This occurs during
an over temperature fault, an input UV fault, a VREF UV fault,
or during an over current (ISL6740) or short circuit shutdown
fault. Fault can be used to disable synchronous rectifiers
whenever the outputs are disabled.
Fault is a three-state output and is high impedance during
the soft start cycle. Adding a pull-up resistor to VREF or a
pull-down resistor to ground determines the state of Fault
during soft start. This feature allows the designer to use the
Fault signal to enable or disable output synchronous
rectifiers during soft start.
UV - Undervoltage monitor input pin. A resistor divider
between the input source voltage and GND sets the under
voltage lock out threshold. The signal is compared to an
internal 1.00V reference to detect an under voltage or inhibit
condition.
CS - This is the input to the current sense comparator(s).
The IC has the PWM comparator for peak current mode
control (ISL6741) and an over current protection comparator.
The over current comparator threshold is set at 0.600V
nominal.
The CS pin is shorted to GND at the end of each switching
cycle. Depending on the current sensing source impedance,
a series input resistor may be required due to the delay
between the internal clock and the external power switch.
This delay may allow an overlap such that the CS signal may
be discharged while the current signal is still active. If the
current sense source is low impedance it will cause
increased power dissipation.
ISL6740 - Exceeding the over-current threshold will start a
delayed shutdown sequence. Once an over current condition
is detected, the soft start charge current source is disabled.
The soft start capacitor begins discharging through a 25
µA
current source, and if it discharges to less than 4.25V
(Sustained Over Current Threshold), a shutdown condition
occurs and the OUTA and OUTB outputs are forced low.
When the soft start voltage reaches 0.27V (Reset Threshold)
a soft start cycle begins.
An over current condition must be absent for 50
µs before the
delayed shutdown control resets. If the over current condition
ceases, and an additional 50
µs period elapses before the
shutdown threshold is reached, no shutdown occurs. The SS
charging current is re-enabled and the soft start voltage is
allowed to recover.
ISL6741 - The ISL6741 current mode controller does not
shutdown due to an overcurrent condition. The pulse-by-
pulse current limit characteristic of peak current mode
control limits the output current to acceptable levels.
GND - Reference and power ground for all functions on this
device. Due to high peak currents and high frequency
operation, a low impedance layout is necessary. Ground
planes and short traces are highly recommended.
OUTA and OUTB - Alternate half cycle output stages. Each
output is capable of 0.5A peak currents for driving logic level
power MOSFETs or MOSFET drivers. Each output provides
very low impedance to overshoot and undershoot.
VREF - The 5.00V reference voltage output. +1/-2%
tolerance over line, load and operating temperature. Bypass
to GND with a 0.047
µF to 2.2µF ceramic capacitor.
Capacitors outside of this range may cause oscillation.
SS - Connect the soft start timing capacitor between this pin
and GND to control the duration of soft start. The value of
the capacitor determines the rate of increase of the duty
cycle during start up, controls the over current shutdown
delay (ISL6740), and the over current and short circuit
hiccup restart period.
SCSET - Sets the duty cycle threshold that corresponds to a
short circuit condition. A resistive divider between RTC and
GND or RTD and GND, or a voltage between 0 and 2V may
be used to adjust the SCSET threshold. If using a resistor
divider from either RTC or RTD, the impedance to GND
affects the oscillator timing and should be considered when
determining the oscillator timing components. Connecting
SCSET to GND disables short circuit shutdown and hiccup.
Functional Description
Features
The ISL6740, ISL6741 PWMs are an excellent choice for low
cost bridge and push-pull topologies for applications
requiring accurate duty cycle and deadtime control. With its
many protection and control features, a highly flexible design
with minimal external components is possible. Among its
many features are current mode control (ISL6741),
adjustable soft start, over current protection, thermal
protection, bidirectional synchronization, fault indication, and
adjustable frequency.
ISL6740, ISL6741


Similar Part No. - ISL6740IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6740IBZ INTERSIL-ISL6740IBZ Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6740IBZ INTERSIL-ISL6740IBZ Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6740IBZ INTERSIL-ISL6740IBZ Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
logo
Renesas Technology Corp
ISL6740IBZ RENESAS-ISL6740IBZ Datasheet
1Mb / 30P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
More results

Similar Description - ISL6740IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6741IVZ-T INTERSIL-ISL6741IVZ-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6740IBZ INTERSIL-ISL6740IBZ Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6740IBZ INTERSIL-ISL6740IBZ Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6740IV-T INTERSIL-ISL6740IV-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
logo
Renesas Technology Corp
ISL6740 RENESAS-ISL6740 Datasheet
1Mb / 30P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6722A RENESAS-ISL6722A Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
logo
Intersil Corporation
ISL6722AABZ INTERSIL-ISL6722AABZ Datasheet
613Kb / 26P
   Flexible Single Ended Current Mode PWM Controllers
September 29, 2015
ISL6722A INTERSIL-ISL6722A Datasheet
647Kb / 24P
   Flexible Single Ended Current Mode PWM
ISL6740A INTERSIL-ISL6740A Datasheet
320Kb / 15P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
logo
Renesas Technology Corp
ISL6740A RENESAS-ISL6740A Datasheet
660Kb / 14P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com