Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5167IWZ-T7A Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5167IWZ-T7A
Description  1.4GHz Current Feedback Amplifiers with Enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5167IWZ-T7A Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5167IWZ-T7A Datasheet HTML 5Page - Intersil Corporation EL5167IWZ-T7A Datasheet HTML 6Page - Intersil Corporation EL5167IWZ-T7A Datasheet HTML 7Page - Intersil Corporation EL5167IWZ-T7A Datasheet HTML 8Page - Intersil Corporation EL5167IWZ-T7A Datasheet HTML 9Page - Intersil Corporation EL5167IWZ-T7A Datasheet HTML 10Page - Intersil Corporation EL5167IWZ-T7A Datasheet HTML 11Page - Intersil Corporation EL5167IWZ-T7A Datasheet HTML 12Page - Intersil Corporation EL5167IWZ-T7A Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FN7365.6
September 14, 2010
Pin Descriptions
8 LD SOIC
6 LD SOT-23
5 LD SOT-23
PIN
NAME
FUNCTION
EQUIVALENT CIRCUIT
1, 5
NC
Not connected
2
4
4
IN-
Inverting input
CIRCUIT 1
3
3
3
IN+
Non-inverting input
(See circuit 1)
4
2
2
VS-
Negative supply
6
1
1
OUT
Output
CIRCUIT 2
7
6
5
VS+
Positive supply
85
CE
Chip enable
CIRCUIT 3
IN-
IN+
VS+
VS-
VS+
VS-
OUT
VS+
VS-
CE
EL5166, EL5167


Similar Part No. - EL5167IWZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5167IWZ-T7A INTERSIL-EL5167IWZ-T7A Datasheet
1Mb / 15P
   1.4GHz Current Feedback Amplifiers with Enable
EL5167IWZ-T7A INTERSIL-EL5167IWZ-T7A Datasheet
508Kb / 15P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5167IWZ-T7A RENESAS-EL5167IWZ-T7A Datasheet
972Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
More results

Similar Description - EL5167IWZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962-0625601QXC INTERSIL-5962-0625601QXC Datasheet
113Kb / 4P
   1.4GHz Current Feedback Amplifiers with Enable
EL5166 INTERSIL-EL5166_07 Datasheet
508Kb / 15P
   1.4GHz Current Feedback Amplifiers with Enable
EL5166 INTERSIL-EL5166_05 Datasheet
1Mb / 15P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5166 RENESAS-EL5166 Datasheet
972Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164_05 Datasheet
413Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com