Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6722AARZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6722AARZ
Description  Flexible Single Ended Current Mode PWM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6722AARZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6722AARZ Datasheet HTML 7Page - Intersil Corporation ISL6722AARZ Datasheet HTML 8Page - Intersil Corporation ISL6722AARZ Datasheet HTML 9Page - Intersil Corporation ISL6722AARZ Datasheet HTML 10Page - Intersil Corporation ISL6722AARZ Datasheet HTML 11Page - Intersil Corporation ISL6722AARZ Datasheet HTML 12Page - Intersil Corporation ISL6722AARZ Datasheet HTML 13Page - Intersil Corporation ISL6722AARZ Datasheet HTML 14Page - Intersil Corporation ISL6722AARZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
FN9237.1
July 11, 2007
The minimum amount of slope compensation required
corresponds to 1/2 the inductor downslope. However, adding
excessive slope compensation results in a control loop that
behaves more as a voltage mode controller than as current
mode controller.
The minimum amount of capacitance to place at the SLOPE
pin is:
where tON is the On time and Vslope is the amount of
voltage to be added as slope compensation to the current
feedback signal. In general, the amount of slope
compensation added is 2 to 3 times the minimum required.
Example:
Assume the inductor current signal presented at the ISENSE
pin decreases 125mV during the Off period, and:
Switching Frequency, fsw = 250kHz
Duty Cycle, D = 60%
tON = D/fsw = 0.6/250E3 = 2.4µs
tOFF = (1 - D)/fsw = 1.6µs
Determine the downslope:
Downslope = 0.125V/1.6µs = 78mV/µs. Now determine the
amount of voltage that must be added to the current sense
signal by the end of the On time.
Therefore,
The value calculated, 110pF, represents the minimum slope
compensation required. An appropriate slope compensation
capacitance for this example would be 1/2 to 1/3 the
calculated value, or between 68pF and 33pF.
A more rigorous treatment of slope compensation can be
obtained from the small signal current-mode model [1]. It can
be shown that the naturally-sampled modulator gain, Fm,
without slope compensation, is Equation 9:
where Sn is the slope of the sawtooth signal and tsw is the
switching frequency. When an external ramp is added, the
modulator gain becomes Equation 10:
where Se is slope of the external ramp.
The criteria for determining the correct amount of external
ramp can be determined by appropriately setting the
damping factor of the double-pole located at half the
oscillator frequency. The double-pole will be critically
damped if the Q-factor is set to 1, under-damped for Q > 1,
and over-damped for Q < 1. An under-damped condition
may result in current loop instability.
where D is the maximum duty cycle. Setting Q = 1 and
solving for Se yields:
Since Sn and Se are the on time slopes of the current ramp
and the external ramp, respectively, they can be multiplied
by tON to obtain the voltage change that occurs during tON.
where Vn is the change in the current feedback signal during
the on time and Ve is the voltage that must be added by the
external ramp.
For buck-derived topologies, Vn can be solved for in terms of
output voltage, current transducer components, and output
inductance yielding:
where RCS is the current sense burden resistor, NCT is the
current transformer turns ratio, LO is the output inductance,
VO is the output voltage, and Ns and Np are the secondary
and primary turns, respectively.
Time
Downslope
Current Sense Signal
FIGURE 5.
TIME
DOWNSLOPE
CURRENT SENSE SIGNAL
Cslope
4.24
6
×10
t
ON
Vslope
--------------------
=
F
(EQ. 6)
Vslope
1
2
---
0.078
2.4
94mV
==
(EQ. 7)
Cslope min
()
4.24
6
×10
2.4
6
×10
0.094
-----------------------
110pF
=
(EQ. 8)
Fm
1
Sn t
sw
---------------------
=
(EQ. 9)
Fm
1
Sn
Se
+
()t
sw
------------------------------------
1
m
c Sntsw
-------------------------
==
(EQ. 10)
m
c
1
Se
Sn
-------
+
=
(EQ. 11)
Q
1
π m
c 1D
() 0.5
()
-------------------------------------------------
=
(EQ. 12)
S
e
S
n
1
π
---
0.5
+
⎝⎠
⎛⎞ 1
1D
-------------
1
⎝⎠
⎛⎞
=
(EQ. 13)
V
e
V
n
1
π
---
0.5
+
⎝⎠
⎛⎞ 1
1D
-------------
1
⎝⎠
⎛⎞
=
(EQ. 14)
V
e
t
SW V
O
R
CS
N
CT LO
----------------------------------------
N
S
N
P
--------
1
π
---
D0.5
+
⎝⎠
⎛⎞
=
V
(EQ. 15)
ISL6722A, ISL6723A


Similar Part No. - ISL6722AARZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6722AARZ INTERSIL-ISL6722AARZ Datasheet
613Kb / 26P
   Flexible Single Ended Current Mode PWM Controllers
September 29, 2015
logo
Renesas Technology Corp
ISL6722AARZ RENESAS-ISL6722AARZ Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
More results

Similar Description - ISL6722AARZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6721ABZ-T INTERSIL-ISL6721ABZ-T Datasheet
386Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6721A RENESAS-ISL6721A_V01 Datasheet
1Mb / 36P
   Flexible Single-Ended Current Mode PWM Controller
Jul 24, 2018
logo
Intersil Corporation
ISL6721AB INTERSIL-ISL6721AB Datasheet
383Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
March 5, 2008
ISL6721AARZ INTERSIL-ISL6721AARZ Datasheet
673Kb / 24P
   Flexible Single-ended Current Mode PWM Controller
August 23, 2011
ISL6721 INTERSIL-ISL6721_07 Datasheet
425Kb / 21P
   Flexible Single Ended Current Mode PWM Controller
ISL6721 INTERSIL-ISL6721 Datasheet
393Kb / 22P
   Flexible Single-ended Current Mode PWM Controller
ISL6721A INTERSIL-ISL6721A Datasheet
673Kb / 24P
   Flexible Single-ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6722A RENESAS-ISL6722A Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
ISL6721 RENESAS-ISL6721 Datasheet
1,014Kb / 23P
   Flexible Single-Ended Current Mode PWM Controller
logo
Intersil Corporation
ISL6722AABZ INTERSIL-ISL6722AABZ Datasheet
613Kb / 26P
   Flexible Single Ended Current Mode PWM Controllers
September 29, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com