Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8105 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL8105
Description  5V or 12V Single-Phase Synchronous Buck Converter PWM Controller withIntegrated MOSFET Gate Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8105 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL8105 Datasheet HTML 1Page - Intersil Corporation ISL8105 Datasheet HTML 2Page - Intersil Corporation ISL8105 Datasheet HTML 3Page - Intersil Corporation ISL8105 Datasheet HTML 4Page - Intersil Corporation ISL8105 Datasheet HTML 5Page - Intersil Corporation ISL8105 Datasheet HTML 6Page - Intersil Corporation ISL8105 Datasheet HTML 7Page - Intersil Corporation ISL8105 Datasheet HTML 8Page - Intersil Corporation ISL8105 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
ISL8105, ISL8105A
+5V or +12V Single-Phase Synchronous
Buck Converter PWM Controller with
Integrated MOSFET Gate Drivers
The ISL8105 is a simple single-phase PWM controller for a
synchronous buck converter. It operates from +5V or +12V bias
supply voltage. With integrated linear regulator, boot diode, and
N-channel MOSFET gate drivers, the ISL8105 reduces
external component count and board space requirements.
These make the IC suitable for a wide range of applications.
Utilizing voltage-mode control, the output voltage can be
precisely regulated to as low as 0.6V. The 0.6V internal
reference features a maximum tolerance of ±1.0% over the
commercial temperature range, and ±1.5% over the
industrial temperature range. Two fixed oscillator frequency
versions are available; 300kHz (ISL8105 for high efficiency
applications) and 600kHz (ISL8105A for fast transient
applications).
The ISL8105 features the capability of safe start-up with
pre-biased load. It also provides overcurrent protection by
monitoring the on resistance of the bottom-side MOSFET to
inhibit PWM operation appropriately. During start-up interval,
the resistor connected to BGATE/BSOC pin is employed to
program overcurrent protection condition. This approach
simplifies the implementation and does not deteriorate
converter efficiency.
Pinouts
Features
• Operates from +5V or +12V Bias Supply Voltage
- 1.0V to 12V Input Voltage Range (up to 20V possible
with restrictions; see Input Voltage Considerations)
- 0.6V to VIN Output Voltage Range
• 0.6V Internal Reference Voltage
- ±1.0% Tolerance Over the Commercial Temperature
Range (0°C to +70°C)
- ±1.5% Tolerance Over the Industrial Temperature
Range (-40°C to +85°C).
• Integrated MOSFET Gate Drivers that Operate from VBias
(+5V to +12V)
- Bootstrapped High-side Gate Driver with Integrated
Boot Diode
- Drives N-Channel MOSFETs
• Simple Voltage-Mode PWM Control
• Fast Transient Response
- High-Bandwidth Error Amplifier
- Full 0% to 100% Duty Cycle
• Fixed Operating Frequency
- 300kHz for ISL8105
- 600kHz for ISL8105A
• Fixed Internal Soft-Start with Pre-biased Load Capability
• Lossless, Programmable Overcurrent Protection
- Uses Bottom-side MOSFET’s rDS(ON)
• Enable/Disable Function Using COMP/EN Pin
• Output Current Sourcing and Sinking Currents
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• 5V or 12V DC/DC Regulators
• Industrial Power Systems
• Telecom and Datacom Applications
• Test and Measurement Instruments
• Distributed DC/DC Power Architecture
• Point of Load Modules
ISL8105
(10 LD 3X3 DFN)
TOP VIEW
ISL8105
(8 LD SOIC)
TOP VIEW
BOOT
TGATE
N/C
GND
BGATE/BSOC
LX
COMP/EN
FB
N/C
VBIAS
2
3
4
1
5
9
8
7
10
6
GND
LX
COMP/EN
FB
VBIAS
BOOT
TGATE
GND
BGATE/BSOC
2
3
4
1
5
8
7
6
Data Sheet
December 6, 2006
FN6306.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005-2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL8105

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8105 RENESAS-ISL8105 Datasheet
1Mb / 16P
   5V or 12V Single-Phase Synchronous Buck Converter PWM Controller with Integrated MOSFET Gate Drivers
ISL8105ACRZ RENESAS-ISL8105ACRZ Datasheet
1Mb / 16P
   5V or 12V Single-Phase Synchronous Buck Converter PWM Controller with Integrated MOSFET Gate Drivers
ISL8105AEVAL1Z RENESAS-ISL8105AEVAL1Z Datasheet
1Mb / 16P
   5V or 12V Single-Phase Synchronous Buck Converter PWM Controller with Integrated MOSFET Gate Drivers
ISL8105AIBZ RENESAS-ISL8105AIBZ Datasheet
1Mb / 16P
   5V or 12V Single-Phase Synchronous Buck Converter PWM Controller with Integrated MOSFET Gate Drivers
ISL8105AIRZ RENESAS-ISL8105AIRZ Datasheet
1Mb / 16P
   5V or 12V Single-Phase Synchronous Buck Converter PWM Controller with Integrated MOSFET Gate Drivers
More results

Similar Description - ISL8105

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8105 RENESAS-ISL8105 Datasheet
1Mb / 16P
   5V or 12V Single-Phase Synchronous Buck Converter PWM Controller with Integrated MOSFET Gate Drivers
ISL8105B RENESAS-ISL8105B Datasheet
1Mb / 16P
   5V or 12V Single-Phase Synchronous Buck Converter PWM Controller with Integrated MOSFET Gate Drivers, Extended Soft-Start Time
logo
Intersil Corporation
ISL8105B INTERSIL-ISL8105B Datasheet
713Kb / 16P
   5V or 12V Single-Phase Synchronous Buck Converter PWM Controller with Integrated MOSFET Gate Drivers, Extended Soft-Start Time
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
   5V/12V Synchronous Buck PWM Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
   5V/12V Synchronous Buck PWM Controller
logo
Intersil Corporation
ISL6341ACRZ-T INTERSIL-ISL6341ACRZ-T Datasheet
308Kb / 17P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6545 INTERSIL-ISL6545 Datasheet
369Kb / 16P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
April 29, 2010
ISL6341 INTERSIL-ISL6341 Datasheet
302Kb / 17P
   5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com