Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL3221ECVZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ICL3221ECVZ
Description  짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3221ECVZ Datasheet(HTML) 2 Page - Intersil Corporation

  ICL3221ECVZ Datasheet HTML 1Page - Intersil Corporation ICL3221ECVZ Datasheet HTML 2Page - Intersil Corporation ICL3221ECVZ Datasheet HTML 3Page - Intersil Corporation ICL3221ECVZ Datasheet HTML 4Page - Intersil Corporation ICL3221ECVZ Datasheet HTML 5Page - Intersil Corporation ICL3221ECVZ Datasheet HTML 6Page - Intersil Corporation ICL3221ECVZ Datasheet HTML 7Page - Intersil Corporation ICL3221ECVZ Datasheet HTML 8Page - Intersil Corporation ICL3221ECVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
2
FN4910.21
February 22, 2010
TABLE 1. SUMMARY OF FEATURES
PART
NUMBER
NUMBER
OF Tx
NUMBER
OF Rx
NUMBER OF
MONITOR
RECEIVERS
(ROUTB)
DATA
RATE
(kbps)
RECEIVER
ENABLE
FUNCTION?
READY
OUTPUT?
MANUAL
POWER-DOWN?
AUTOMATIC
POWER-
DOWN
FUNCTION?
ICL3221E
1
1
0
250
Yes
No
Yes
Yes
ICL3222E
2
2
0
250
Yes
No
Yes
No
ICL3223E
2
2
0
250
Yes
No
Yes
Yes
ICL3232E
2
2
0
250
No
No
No
No
ICL3241E
3
5
2
250
Yes
No
Yes
No
ICL3243E
3
5
1
250
No
No
Yes
Yes
Typical Operating Circuits
ICL3221E
15
VCC
T1OUT
T1IN
T1
0.1µF
+0.1µF
+
0.1µF
11
13
2
4
3
7
V+
V-
C1+
C1-
C2+
C2-
+
0.1µF
5
6
R1OUT
R1IN
R1
8
9
5kΩ
C1
C2
+ C3
C4
EN
1
GND
+3.3V
+
0.1µF
14
TTL/CMOS
LOGIC LEVELS
RS-232
LEVELS
FORCEON
FORCEOFF
12
16
VCC
10
INVALID
TO POWER
CONTROL LOGIC
C3 (OPTIONAL CONNECTION, NOTE)
NOTE: THE NEGATIVE TERMINAL OF C3 CAN BE CONNECTED TO EITHER VCC OR GND
ICL3221E, ICL3222E, ICL3223E, ICL3232E, ICL3241E, ICL3243E


Similar Part No. - ICL3221ECVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3221ECVZ INTERSIL-ICL3221ECVZ Datasheet
699Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
logo
Renesas Technology Corp
ICL3221ECVZ RENESAS-ICL3221ECVZ Datasheet
1Mb / 33P
   ESD Protection for RS-232 I/O Pins to 짹15kV (IEC61000)
ICL3221ECVZ-T RENESAS-ICL3221ECVZ-T Datasheet
1Mb / 33P
   ESD Protection for RS-232 I/O Pins to 짹15kV (IEC61000)
More results

Similar Description - ICL3221ECVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3241EIA INTERSIL-ICL3241EIA Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3243EIA INTERSIL-ICL3243EIA Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3243ECVZ-T INTERSIL-ICL3243ECVZ-T Datasheet
699Kb / 33P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ICL3221EM INTERSIL-ICL3221EM Datasheet
238Kb / 12P
   짹15kV ESD Protected, 3V, 1關A, 250kbps, RS-232 Transmitters/Receivers
ISL83385E INTERSIL-ISL83385E_05 Datasheet
275Kb / 11P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83220E RENESAS-ISL83220E Datasheet
511Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL83239E INTERSIL-ISL83239E Datasheet
567Kb / 12P
   짹15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ISL83239E INTERSIL-ISL83239E_04 Datasheet
343Kb / 11P
   짹15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ISL83385E INTERSIL-ISL83385E Datasheet
94Kb / 11P
   15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com