Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32656S7334561 Datasheet(PDF) 10 Page - EPCOS

Part # B32656S7334561
Description  Film Capacitors Metallized Polyester Film Capacitors (MKT)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32656S7334561 Datasheet(HTML) 10 Page - EPCOS

Back Button B32656S7334561 Datasheet HTML 6Page - EPCOS B32656S7334561 Datasheet HTML 7Page - EPCOS B32656S7334561 Datasheet HTML 8Page - EPCOS B32656S7334561 Datasheet HTML 9Page - EPCOS B32656S7334561 Datasheet HTML 10Page - EPCOS B32656S7334561 Datasheet HTML 11Page - EPCOS B32656S7334561 Datasheet HTML 12Page - EPCOS B32656S7334561 Datasheet HTML 13Page - EPCOS B32656S7334561 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Electrical specifications, ordering codes and packing units
VR
V DC
VRMS
f
≤1kHz
V AC
CR
nF
Max. dimensions
w
× h × l
mm
IRMS
100 kHz
A
ESR
100 kHz
m
Ordering code
(composition see
below)
Ter-
minal
pcs./
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
K =
±10%
J =
±5%
1000 480
1500 30.0
× 45.0 × 42.0 15
5.0
B32656S0155+561
T1
48
1500 30.0
× 45.0 × 42.0 15
5.0
B32656S0155+562
T2
48
1500 30.0
× 45.0 × 42.0 15
5.0
B32656S0155+563
T3
96
1500 30.0
× 45.0 × 42.0 15
5.0
B32656S0155+566
T6
48
1500 30.0
× 45.0 × 42.0 15
5.0
B32656S0155+577
T7
96
1800 30.0
× 45.0 × 42.0 16
4.5
B32656S0185+561
T1
48
1800 30.0
× 45.0 × 42.0 16
4.5
B32656S0185+562
T2
48
1800 30.0
× 45.0 × 42.0 16
4.5
B32656S0185+563
T3
96
1800 30.0
× 45.0 × 42.0 16
4.5
B32656S0185+566
T6
48
1800 30.0
× 45.0 × 42.0 16
4.5
B32656S0185+577
T7
96
2200 30.0
× 45.0 × 42.0 19
3.5
B32656S0225+561
T1
48
2200 30.0
× 45.0 × 42.0 19
3.5
B32656S0225+562
T2
48
2200 30.0
× 45.0 × 42.0 19
3.5
B32656S0225+563
T3
96
2200 30.0
× 45.0 × 42.0 19
3.5
B32656S0225+566
T6
48
2200 30.0
× 45.0 × 42.0 19
3.5
B32656S0225+577
T7
96
2700 33.0
× 48.0 × 43.0 23
2.5
B32656S0275+561
T1
84
2700 33.0
× 48.0 × 43.0 23
2.5
B32656S0275+562
T2
84
2700 33.0
× 48.0 × 43.0 23
2.5
B32656S0275+563
T3
64
2700 33.0
× 48.0 × 43.0 23
2.5
B32656S0275+566
T6
84
2700 33.0
× 48.0 × 43.0 23
2.5
B32656S0275+577
T7
84
1250 500
120 12.0
× 22.5 × 42.0 5
15.0
B32656S7124+563
T3
224
120 12.0
× 22.5 × 42.0 5
15.0
B32656S7124+564
T4
384
150 12.0
× 22.5 × 42.0 6
15.0
B32656S7154+563
T3
224
150 12.0
× 22.5 × 42.0 6
15.0
B32656S7154+564
T4
384
220 14.0
× 25.0 × 42.0 8
10.0
B32656S7224+563
T3
168
220 14.0
× 25.0 × 42.0 8
10.0
B32656S7224+564
T4
288
220 14.0
× 25.0 × 42.0 8
10.0
B32656S7224+565
T5
288
270 14.0
× 25.0 × 42.0 8
9.0
B32656S7274+563
T3
168
270 14.0
× 25.0 × 42.0 8
9.0
B32656S7274+564
T4
288
270 14.0
× 25.0 × 42.0 8
9.0
B32656S7274+565
T5
288
B32656S
Snubber (wound)
Page 10 of 31
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32656S7334561

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32656S7474K418 TDK-B32656S7474K418 Datasheet
200Kb / 25P
   Laser marking for EPCOS film capacitors from Nashik and Zhuhai
April 8, 2016
More results

Similar Description - B32656S7334561

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32520 TDK-B32520 Datasheet
1Mb / 49P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32671L_672L EPCOS-B32671L_672L Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32794_798 EPCOS-B32794_798 Datasheet
304Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32601L_602L EPCOS-B32601L_602L Datasheet
484Kb / 25P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32572 TDK-B32572 Datasheet
276Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
EPCOS
B32522C1225K EPCOS-B32522C1225K Datasheet
1Mb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32612_614 EPCOS-B32612_614 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32651_656 EPCOS-B32651_656 Datasheet
652Kb / 40P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32520_529 EPCOS-B32520_529 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
logo
TDK Electronics
B32231 TDK-B32231 Datasheet
339Kb / 17P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32559C TDK-B32559C Datasheet
410Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com