Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6112INZA Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6112INZA
Description  Dual Slot PCI-Express Power Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6112INZA Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6112INZA Datasheet HTML 1Page - Intersil Corporation ISL6112INZA Datasheet HTML 2Page - Intersil Corporation ISL6112INZA Datasheet HTML 3Page - Intersil Corporation ISL6112INZA Datasheet HTML 4Page - Intersil Corporation ISL6112INZA Datasheet HTML 5Page - Intersil Corporation ISL6112INZA Datasheet HTML 6Page - Intersil Corporation ISL6112INZA Datasheet HTML 7Page - Intersil Corporation ISL6112INZA Datasheet HTML 8Page - Intersil Corporation ISL6112INZA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4
FN6456.0
September 28, 2007
Pin Descriptions (Pin Numbers and Names are Related)
PIN NUMBER
PIN NAME
PIN FUNCTION
5, 32
12VINA, 12VINB
Provides 12VMAIN power supply and the high side of the sense resistor inputs. This must be a Kelvin
connection between IC and sense resistor. An undervoltage lockout circuit (UVLO) prevents the switches
from turning on while this input is less than its lockout threshold.
12, 25
3VINA, 3VINB
Provides 3.3VMAIN power supply and the high side of the sense resistor inputs. This must be a Kelvin
connection between IC and sense resistor. An undervoltage lockout circuit (UVLO) prevents the switches
from turning on while this input is less than its lockout threshold.
16, 21
3VOUTA, 3VOUTB 3.3VOUT. Connected to 3.3V FET source. These are used to monitor the 3.3V output voltages for Power
Good status.
10, 27
12VOUTA,
12VOUTB
12VOUT. Connected to 12V FET drain. These are used to monitor the 3.3V output voltages for Power
Good status.
8, 29
12VSENSEA,
12VSENSEB
12VMAIN low side of sense resistor connection. When either current limit threshold of the load current
across the sense resistor = 50mV is reached, the related 12VGATE pin is modulated to maintain a
constant voltage across the sense resistor and thus a constant current into the load. If the 50mV threshold
is exceeded for tFLT, the isolation protection is tripped and the GATE pin for the affected supply’s external
MOSFET is immediately pulled high. This must be a Kelvin connection between IC and sense resistor.
13, 24
3VSENSEA,
3VSENSEB
3.3VMAIN low side of sense resistor connection. When either current limit threshold of the load current
across the sense resistor = 50mV is reached, the related 3V GATE pin is modulated to maintain a constant
voltage across the sense resistor and thus a constant current into the load. If the 50mV threshold is
exceeded for tFLT, the isolation protection is tripped and the GATE pin for the affected supply’s external
MOSFET is immediately pulled low. This must be a Kelvin connection between IC and sense resistor.
3, 34
12VGATEA
12VGATEB
12V Gate Drive Outputs: Each pin connects to the gate of an external P-Channel MOSFET. During
power-up, the CGATE and the CGS of the MOSFETs are connected to a 25µA current sink. This controls
the value of dv/dt seen at the source of the MOSFETs. During current limit events, the voltage at this pin
is adjusted to maintain constant current through the switch for a period of tFLT. Whenever an overcurrent,
thermal shutdown, or input undervoltage fault condition occurs, the GATE pin for the affected slot is
immediately brought high. These pins are charged by an internal current source during power-down.
14, 23
3VGATEA
3VGATEB
3V Gate Drive Outputs: Each pin connects to the gate of an external N-Channel MOSFET. During power-
up, the CGATE and the CGS of the MOSFETs are connected to a 25µA current source. This controls the
value of dv/dt seen at the source of the MOSFETs, and hence the current flowing into the load capacitance.
During current limit events, the voltage at this pin is adjusted to maintain constant current through the
switch for a period of tFLT. Whenever an overcurrent, thermal shutdown, or input undervoltage fault
condition occurs, the GATE pin for the affected slot is immediately brought low. During power-down, these
pins are discharged by an internal current source.
11, 26
VSTBYA, VSTBYB
3.3V Standby Input Voltage: Required to support PCI Express VAUX output. Additionally, the SMBus logic
and internal registers run off of VSTBY to ensure that the chip is accessible during standby modes. A
UVLO circuit prevents turn-on of this supply until VSTBY rises above its UVLO threshold. Both pins must
be externally connected together at the ISL6112 controller.
15, 22
VAUXA, VAUXB
3.3VAUX Outputs to PCI Express Card Slots: These outputs connect the 3.3AUX pin of the PCI Express
connectors to VSTBY via internal 400m
Ω MOSFETs. These outputs are 1A current limited and protected
against short-circuit faults.
44, 43
ONA, ONB
Enable Inputs: Rising-edge triggered. Used to enable or disable the MAINA and MAINB (+3.3V and +12V)
outputs. Taking ON low after a fault resets the +12V and/or +3.3V fault latches for the affected slot. Tie
these pins to GND if using SMI power control. Also, see pin description for FAULTA and FAULTB.
45, 42
AUXENA, AUXENB Level sensitive auxiliary enable Inputs. Used to enable or disable the VAUX outputs. Taking AUXEN low
after a fault resets the respective slot’s Aux Output Fault Latch. Tie these pins to GND if using SMI power
control. Also, see pin description for FAULTA and FAULTB.
2, 35
CFILTERA,
CFILTERB
Overcurrent Timers: Capacitors connected between these pins and GND set the duration of CRTIM.
CRTIM is the amount of time for which a slot remains in current limit before its isolation protection is
invoked.
6, 31
PWRGDA
PWRGDB
Power-is-Good Outputs: Open-drain, active-low. Asserted when a slot has been commanded to turn on
and has successfully begun delivering power to its respective +12V, +3.3V, and VAUX outputs. Each pin
requires an external pull-up resistor to VSTBY.
ISL6112


Similar Part No. - ISL6112INZA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6112IRZA RENESAS-ISL6112IRZA Datasheet
1Mb / 30P
   Dual Slot PCI-Express Hot Plug Controller
More results

Similar Description - ISL6112INZA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6112 RENESAS-ISL6112 Datasheet
1Mb / 30P
   Dual Slot PCI-Express Hot Plug Controller
logo
Micrel Semiconductor
MIC2591B MICREL-MIC2591B_05 Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2592B MICREL-MIC2592B Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2592B MICREL-MIC2592B_05 Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2341 MICREL-MIC2341 Datasheet
1Mb / 32P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2591B MICREL-MIC2591B Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
logo
Linear Technology
LTC4242 LINER-LTC4242_15 Datasheet
356Kb / 24P
   Dual Slot Hot Swap Controller for PCI Express
LTC4242 LINER-LTC4242 Datasheet
350Kb / 24P
   Dual Slot Hot Swap Controller for PCI Express
logo
Maxim Integrated Produc...
MAX5946 MAXIM-MAX5946 Datasheet
1,019Kb / 23P
   Dual PCI Express, Hot-Plug Controller
Rev 0; 11/04
logo
Texas Instruments
TPS2340A TI-TPS2340A Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com