Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5166ISZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL5166ISZ
Description  1.4GHz Current Feedback Amplifiers with Enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5166ISZ Datasheet(HTML) 2 Page - Intersil Corporation

  EL5166ISZ Datasheet HTML 1Page - Intersil Corporation EL5166ISZ Datasheet HTML 2Page - Intersil Corporation EL5166ISZ Datasheet HTML 3Page - Intersil Corporation EL5166ISZ Datasheet HTML 4Page - Intersil Corporation EL5166ISZ Datasheet HTML 5Page - Intersil Corporation EL5166ISZ Datasheet HTML 6Page - Intersil Corporation EL5166ISZ Datasheet HTML 7Page - Intersil Corporation EL5166ISZ Datasheet HTML 8Page - Intersil Corporation EL5166ISZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
FN7365.6
September 14, 2010
Ordering Information
PART NUMBER
(Note 1)
PART
MARKING
PACKAGE
(Pb-free)
PKG.
DWG. #
EL5166ISZ
5166ISZ
8 Ld SOIC (150 mil)
M8.15E
EL5166ISZ-T7*
5166ISZ
8 Ld SOIC (150 mil)
M8.15E
EL5166ISZ-T13*
5166ISZ
8 Ld SOIC (150 mil)
M8.15E
EL5166IWZ-T7*
BAPA (Note 2)
6 Ld SOT-23
P6.064A
EL5166IWZ-T7A*
BAPA (Note 2)
6 Ld SOT-23
P6.064A
EL5167ICZ-T7*
BFA (Note 2)
5 Ld SC-70 (1.25mm)
P5.049
EL5167ICZ-T7A*
BFA (Note 2)
5 Ld SC-70 (1.25mm)
P5.049
EL5167IWZ-T7*
BARA (Note 2)
5 Ld SOT-23
P5.064A
EL5167IWZ-T7A*
BARA (Note 2)
5 Ld SOT-23
P5.064A
*Please refer to TB347 for details on reel specifications.
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
J STD-020.
2. The part marking is located on the bottom of the part.
EL5166, EL5167


Similar Part No. - EL5166ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5166ISZ INTERSIL-EL5166ISZ Datasheet
1Mb / 15P
   1.4GHz Current Feedback Amplifiers with Enable
EL5166ISZ INTERSIL-EL5166ISZ Datasheet
508Kb / 15P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5166ISZ RENESAS-EL5166ISZ Datasheet
972Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5166ISZ-T13 INTERSIL-EL5166ISZ-T13 Datasheet
1Mb / 15P
   1.4GHz Current Feedback Amplifiers with Enable
EL5166ISZ-T13 INTERSIL-EL5166ISZ-T13 Datasheet
508Kb / 15P
   1.4GHz Current Feedback Amplifiers with Enable
More results

Similar Description - EL5166ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962-0625601QXC INTERSIL-5962-0625601QXC Datasheet
113Kb / 4P
   1.4GHz Current Feedback Amplifiers with Enable
EL5166 INTERSIL-EL5166_07 Datasheet
508Kb / 15P
   1.4GHz Current Feedback Amplifiers with Enable
EL5166 INTERSIL-EL5166_05 Datasheet
1Mb / 15P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5166 RENESAS-EL5166 Datasheet
972Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164_05 Datasheet
413Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com