Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6306CRZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6306CRZ
Description  4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6306CRZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6306CRZ Datasheet HTML 7Page - Intersil Corporation ISL6306CRZ Datasheet HTML 8Page - Intersil Corporation ISL6306CRZ Datasheet HTML 9Page - Intersil Corporation ISL6306CRZ Datasheet HTML 10Page - Intersil Corporation ISL6306CRZ Datasheet HTML 11Page - Intersil Corporation ISL6306CRZ Datasheet HTML 12Page - Intersil Corporation ISL6306CRZ Datasheet HTML 13Page - Intersil Corporation ISL6306CRZ Datasheet HTML 14Page - Intersil Corporation ISL6306CRZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
11
FN9226.0
March 9, 2006
Functional Pin Description
VCC - Supplies the power necessary to operate the chip.
The controller starts to operate when the voltage on this pin
exceeds the rising POR threshold and shuts down when the
voltage on this pin drops below the falling POR threshold.
Connect this pin directly to a +5V supply.
GND - Bias and reference ground for the IC. The bottom
metal base of ISL6306 is the GND.
EN_PWR - This pin is a threshold-sensitive enable input for
the controller. Connecting the 12V supply to EN_PWR
through an appropriate resistor divider provides a means to
synchronize power-up of the controller and the MOSFET
driver ICs. When EN_PWR is driven above 0.875V, the
ISL6306 is active depending on status of EN_VTT, the
internal POR, and pending fault states. Driving EN_PWR
below 0.745V will clear all fault states and prime the ISL6306
to soft-start when re-enabled.
EN_VTT - This pin is another threshold-sensitive enable
input for the controller. It’s typically connected to VTT output
of VTT voltage regulator in the computer mother board.
When EN_VTT is driven above 0.875V, the ISL6306 is active
depending on status of ENLL, the internal POR, and pending
fault states. Driving EN_VTT below 0.745V will clear all fault
states and prime the ISL6306 to soft-start when re-enabled.
FS - Use this pin to set up the desired switching frequency. A
resistor, placed from FS to ground will set the switching
frequency. The relationship between the value of the resistor
and the switching frequency will be described by an
approximate equation.
SS - Use this pin to set up the desired start-up oscillator
frequency. A resistor, placed from SS to ground will set up
the soft-start ramp rate. The relationship between the value
of the resistor and the soft-start ramp up time will be
described by an approximate equation.
VID7, VID6, VID5, VID4, VID3, VID2, VID1 and VID0 -
These are the inputs to the internal DAC that generates the
reference voltage for output regulation. Connect these pins
either to open-drain outputs with or without external pull-up
resistors or to active-pull-up outputs. All VID pins have 40µA
internal pull-up current sources that diminish to zero as the
voltage rises above the logic-high level. These inputs can be
pulled up externally as high as VCC plus 0.3V.
When a OFF VID code causes shut-down, the controller
needs to be reset before it starts again.
VRSEL - use this pin to select Internal VID code. When it is
connected to GND, the extended VR10 code is selected.
When it’s floated or pulled to high, VR11 code is selected.
This input can be pulled up as high as VCC plus 0.3V.
VDIFF, VSEN, and RGND - VSEN and RGND form the
precision differential remote-sense amplifier. This amplifier
converts the differential voltage of the remote output to a
single-ended voltage referenced to local ground. VDIFF is
the amplifier’s output and the input to the regulation and
protection circuitry. Connect VSEN and RGND to the sense
pins of the remote load.
FB and COMP - Inverting input and output of the error
amplifier respectively. FB can be connected to VDIFF
through a resistor. A properly chosen resistor between
VDIFF and FB can set the load line (droop), when IDROOP
pin is tied to FB pin. The droop scale factor is set by the ratio
of the ISEN resistors and the inductor DCR or the lower
MOSFET RDS(ON). COMP is tied back to FB through an
external R-C network to compensate the regulator.
DAC and REF - The DAC pin is the output of the precision
internal DAC reference. The REF pin is the positive input of
the Error Amp. In typical applications, a 1k
Ω, 1% resistor is
used between DAC and REF to generate a precision offset
voltage. This voltage is proportional to the offset current
determined by the offset resistor from OFS to ground or
VCC. A capacitor is used between REF and ground to
smooth the voltage transition during Dynamic VID™
operations.
PWM1, PWM2, PWM3, PWM4 - Pulse width modulation
outputs. Connect these pins to the PWM input pins of the
Intersil driver IC. The number of active channels is
determined by the state of PWM3 and PWM4. Tie PWM3 to
VCC to configure for 2-phase operation. Tie PWM4 to VCC
to configure for 3-phase operation.
ISEN1+, ISEN1-; ISEN2+, ISEN2-; ISEN3+, ISEN3-;
ISEN4+, ISEN4- - The ISEN+ and ISEN- pins are current
sense inputs to individual differential amplifiers. The sensed
current is used for channel current balancing, overcurrent
protection, and droop regulation. Inactive channels should
have their respective current sense inputs left open (for
example, open ISEN4+ and ISEN4- for 3-phase operation).
For DCR sensing, connect each ISEN- pin to the node
between the RC sense elements. Tie the ISEN+ pin to the
other end of the sense capacitor through a resistor, RISEN.
The voltage across the sense capacitor is proportional to the
inductor current. Therefore, the sense current is proportional
to the inductor current, and scaled by the DCR of the
inductor and RISEN.
When configured for RDS(ON) current sensing, the ISEN1-,
ISEN2-, ISEN3-, and ISEN4- pins are grounded at the lower
MOSFET sources. The ISEN1+, ISEN2+, ISEN3+, and
ISEN4+ pins are then held at a virtual ground. Therefore, a
resistor, connected between these current sense pins and
the drain terminals of the associated lower MOSFET, will
carry the current proportional to the current flowing through
that channel. The sensed current is determined by the
negative voltage across the lower MOSFET when it is ON,
which is the channel current scaled by RDS(ON) and RISEN.
ISL6306


Similar Part No. - ISL6306CRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6306CRZ RENESAS-ISL6306CRZ Datasheet
1Mb / 33P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6306CRZ-TK RENESAS-ISL6306CRZ-TK Datasheet
1Mb / 33P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS(ON) or DCR Differential Current Sensing
More results

Similar Description - ISL6306CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6326 INTERSIL-ISL6326 Datasheet
630Kb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6306 RENESAS-ISL6306 Datasheet
1Mb / 33P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6326 RENESAS-ISL6326 Datasheet
1Mb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
logo
Intersil Corporation
ISL6326B INTERSIL-ISL6326B Datasheet
548Kb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6326B RENESAS-ISL6326B Datasheet
1Mb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
logo
Intersil Corporation
ISL6564 INTERSIL-ISL6564 Datasheet
798Kb / 27P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6307 RENESAS-ISL6307 Datasheet
1Mb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
logo
Intersil Corporation
ISL6307 INTERSIL-ISL6307 Datasheet
976Kb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
logo
Renesas Technology Corp
ISL6564 RENESAS-ISL6564 Datasheet
1Mb / 28P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Intersil Corporation
ISL6564A INTERSIL-ISL6564A Datasheet
659Kb / 28P
   Multiphase PWM Controller with Linear 6-Bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com