Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54205BIRTZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL54205BIRTZ
Description  MP3/USB 2.0 High Speed Switch with Negative Signal Handling
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54205BIRTZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL54205BIRTZ Datasheet HTML 1Page - Intersil Corporation ISL54205BIRTZ Datasheet HTML 2Page - Intersil Corporation ISL54205BIRTZ Datasheet HTML 3Page - Intersil Corporation ISL54205BIRTZ Datasheet HTML 4Page - Intersil Corporation ISL54205BIRTZ Datasheet HTML 5Page - Intersil Corporation ISL54205BIRTZ Datasheet HTML 6Page - Intersil Corporation ISL54205BIRTZ Datasheet HTML 7Page - Intersil Corporation ISL54205BIRTZ Datasheet HTML 8Page - Intersil Corporation ISL54205BIRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
FN6557.0
September 25, 2007
Pinouts (Note 1)
ISL54205B
(10 LD
μTQFN)
TOP VIEW
ISL54205B
(10 LD TDFN)
TOP VIEW
NOTE:
1. ISL54205B Switches shown for VBUS = Logic “0” and CTRL = Logic “1”.
1
3
4
D-
COM -
L
VBUS
CTRL
2
10
5
7
8
D+
COM +
R
GND
9
6
VDD
LOGIC
CONTROL
4M
4M
50k
50k
2
4
5
D-
COM -
L
VBUS
3
7
8
D+
COM +
R
9
6
VDD
LOGIC
CONTROL
4M
50k
50k
1
GND
10
4M
CTRL
Truth Table
ISL54205B
VBUS
CTRL
L, R
D+, D-
00
OFF
OFF
01
ON
OFF
1X
OFF
ON
CTRL: Logic “0” when
≤ 0.5V or Float, Logic “1” when ≥ 1.4V
VBUS: Logic “0” when ≤ VDD + 0.2V or Float, Logic “1” when ≥VDD + 0.8V
Ordering Information
PART NUMBER
PART MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG. DWG. #
ISL54205BIRUZ-T*
(Note 2)
FW
-40 to +85
10 Ld µTQFN
Tape and Reel
L10.2.1x1.6A
ISL54205BIRTZ-T*
(Note 3)
205B
-40 to +85
10 Ld TDFN
Tape and Reel
L10.3x3A
ISL54205BIRTZ
(Note 3)
205B
-40 to +85
10 Ld TDFN
L10.3x3A
ISL54205EVAL1Z
Evaluation Board
*Please refer to TB347 for details on reel specifications.
NOTES:
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu
plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100%
matte tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering
operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
ISL54205B


Similar Part No. - ISL54205BIRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54205BIRTZ RENESAS-ISL54205BIRTZ Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205BIRTZ-T RENESAS-ISL54205BIRTZ-T Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results

Similar Description - ISL54205BIRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A RENESAS-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 RENESAS-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A_1010 INTERSIL-ISL54206A_1010 Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205A INTERSIL-ISL54205A Datasheet
357Kb / 14P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com