Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6312IRZ-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6312IRZ-T
Description  Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6312IRZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6312IRZ-T Datasheet HTML 1Page - Intersil Corporation ISL6312IRZ-T Datasheet HTML 2Page - Intersil Corporation ISL6312IRZ-T Datasheet HTML 3Page - Intersil Corporation ISL6312IRZ-T Datasheet HTML 4Page - Intersil Corporation ISL6312IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL6312IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL6312IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL6312IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL6312IRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1
®
FN9289.1
ISL6312
Four-Phase Buck PWM Controller with
Integrated MOSFET Drivers for Intel VR10,
VR11, and AMD Applications
The ISL6312 four-phase PWM control IC provides a
precision voltage regulation system for advanced
microprocessors. The integration of power MOSFET drivers
into the controller IC marks a departure from the separate
PWM controller and driver configuration of previous
multiphase product families. By reducing the number of
external parts, this integration is optimized for a cost and
space saving power management solution.
One outstanding feature of this controller IC is its
multi-processor compatibility, allowing it to work with both Intel
and AMD microprocessors. Included are programmable VID
codes for Intel VR10, VR11, as well as AMD DAC tables. A
unity gain, differential amplifier is provided for remote voltage
sensing, compensating for any potential difference between
remote and local grounds. The output voltage can also be
positively or negatively offset through the use of a single
external resistor.
The ISL6312 also includes advanced control loop features
for optimal transient response to load apply and removal.
One of these features is highly accurate, fully differential,
continuous DCR current sensing for load line programming
and channel current balance. Active Pulse Positioning (APP)
modulation is another unique feature, allowing for quicker
initial response to high di/dt load transients.
This controller also allows the user the flexibility to choose
between PHASE detect or LGATE detect adaptive dead time
schemes. This ability allows the ISL6312 to be used in a
multitude of applications where either scheme is required.
Protection features of this controller IC include a set of
sophisticated overvoltage, undervoltage, and overcurrent
protection. Furthermore, the ISL6312 includes protection
against an open circuit on the remote sensing inputs.
Combined, these features provide advanced protection for the
microprocessor and power system.
Features
• Integrated Multiphase Power Conversion
- 2 or 3-Phase Operation with Internal Drivers
- 4-Phase Operation with External PWM Driver Signal
• Precision Core Voltage Regulation
- Differential Remote Voltage Sensing
-
±0.5% System Accuracy Over Temperature
- Adjustable Reference-Voltage Offset
• Optimal Transient Response
- Active Pulse Positioning (APP) Modulation
- Adaptive Phase Alignment (APA)
• Fully Differential, Continuous DCR Current Sensing
- Accurate Load Line Programming
- Precision Channel Current Balancing
• User Selectable Adaptive Dead Time Scheme
- PHASE Detect or LGATE Detect for Application
Flexibility
• Variable Gate Drive Bias: 5V to 12V
• Multi-Processor Compatible
- Intel VR10 and VR11 Modes of Operation
- AMD Mode of Operation
• Microprocessor Voltage Identification Inputs
-8-bit DAC
- Selectable between Intel’s Extended VR10, VR11, AMD
5-bit, and AMD 6-bit DAC Tables
- Dynamic VID Technology
• Overcurrent Protection
• Multi-Tiered Overvoltage Protection
• Digital Soft-Start
• Selectable Operation Frequency up to 1.5MHz Per Phase
• Pb-Free Plus Anneal Available (RoHS Compliant)
Ordering Information
PART
NUMBER*
(Note)
PART
MARKING
TEMP.
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL6312CRZ ISL6312CRZ
0 to +70 48 Ld 7x7 QFN
L48.7x7
ISL6312IRZ
ISL6312IRZ
-40 to +85 48 Ld 7x7 QFN
L48.7x7
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
*Add “-T” suffix for tape and reel.
Data Sheet
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
August 21, 2006


Similar Part No. - ISL6312IRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6312IRZ-T RENESAS-ISL6312IRZ-T Datasheet
1Mb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
More results

Similar Description - ISL6312IRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6312A RENESAS-ISL6312A Datasheet
1Mb / 36P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
logo
Intersil Corporation
ISL6312 INTERSIL-ISL6312_07 Datasheet
748Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
ISL6312A INTERSIL-ISL6312A Datasheet
736Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
ISL6312ACRZ INTERSIL-ISL6312ACRZ Datasheet
1Mb / 36P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
January 22, 2015
ISL6312A INTERSIL-ISL6312A Datasheet
849Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
logo
Renesas Technology Corp
ISL6312 RENESAS-ISL6312 Datasheet
1Mb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
logo
Intersil Corporation
ISL6322CRZ INTERSIL-ISL6322CRZ Datasheet
800Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
August 2, 2007
ISL6322 INTERSIL-ISL6322_07 Datasheet
793Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
ISL6322 INTERSIL-ISL6322 Datasheet
774Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
logo
Renesas Technology Corp
ISL6322 RENESAS-ISL6322 Datasheet
1Mb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com