Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6312IRZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6312IRZ
Description  Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6312IRZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6312IRZ Datasheet HTML 4Page - Intersil Corporation ISL6312IRZ Datasheet HTML 5Page - Intersil Corporation ISL6312IRZ Datasheet HTML 6Page - Intersil Corporation ISL6312IRZ Datasheet HTML 7Page - Intersil Corporation ISL6312IRZ Datasheet HTML 8Page - Intersil Corporation ISL6312IRZ Datasheet HTML 9Page - Intersil Corporation ISL6312IRZ Datasheet HTML 10Page - Intersil Corporation ISL6312IRZ Datasheet HTML 11Page - Intersil Corporation ISL6312IRZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
8
FN9289.1
August 21, 2006
Timing Diagram
Overvoltage Threshold (Alternate)
OVPSEL tied to +5V, VSEN rising
VDAC +
325mV
VDAC +
350mV
VDAC +
375mV
V
Overvoltage Hysteresis
VSEN falling
-
100
-
mV
SWITCHING TIME (Note 3)
UGATE Rise Time
tRUGATE; VPVCC = 12V, 3nF load, 10% to 90%
-
26
-
ns
LGATE Rise Time
tRLGATE; VPVCC = 12V, 3nF load, 10% to 90%
-
18
-
ns
UGATE Fall Time
tFUGATE; VPVCC = 12V, 3nF load, 90% to 10%
-
18
-
ns
LGATE Fall Time
tFLGATE; VPVCC = 12V, 3nF load, 90% to 10%
-
12
-
ns
UGATE Turn-On Non-Overlap
tPDHUGATE; VPVCC = 12V, 3nF load, adaptive
-
10
-
ns
LGATE Turn-On Non-Overlap
tPDHLGATE; VPVCC = 12V, 3nF load, adaptive
-
10
-
ns
GATE DRIVE RESISTANCE (Note 3)
Upper Drive Source Resistance
VPVCC = 12V, 15mA source current
1.25
2.0
3.0
Upper Drive Sink Resistance
VPVCC = 12V, 15mA sink current
0.9
1.65
3.0
Lower Drive Source Resistance
VPVCC = 12V, 15mA source current
0.85
1.25
2.2
Lower Drive Sink Resistance
VPVCC = 12V, 15mA sink current
0.60
0.80
1.35
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
UGATE
LGATE
tFLGATE
tPDHUGATE
tRUGATE
tFUGATE
tPDHLGATE
tRLGATE
ISL6312
ISL6312


Similar Part No. - ISL6312IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6312IRZ INTERSIL-ISL6312IRZ Datasheet
748Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
logo
Renesas Technology Corp
ISL6312IRZ RENESAS-ISL6312IRZ Datasheet
1Mb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
ISL6312IRZ-T RENESAS-ISL6312IRZ-T Datasheet
1Mb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
More results

Similar Description - ISL6312IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6312A RENESAS-ISL6312A Datasheet
1Mb / 36P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
logo
Intersil Corporation
ISL6312 INTERSIL-ISL6312_07 Datasheet
748Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
ISL6312A INTERSIL-ISL6312A Datasheet
736Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
ISL6312ACRZ INTERSIL-ISL6312ACRZ Datasheet
1Mb / 36P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
January 22, 2015
ISL6312A INTERSIL-ISL6312A Datasheet
849Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
logo
Renesas Technology Corp
ISL6312 RENESAS-ISL6312 Datasheet
1Mb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
logo
Intersil Corporation
ISL6322CRZ INTERSIL-ISL6322CRZ Datasheet
800Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
August 2, 2007
ISL6322 INTERSIL-ISL6322_07 Datasheet
793Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
ISL6322 INTERSIL-ISL6322 Datasheet
774Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
logo
Renesas Technology Corp
ISL6322 RENESAS-ISL6322 Datasheet
1Mb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com