Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54406EVAL1Z Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL54406EVAL1Z
Description  Stereo Click and Pop Eliminator with Audio Muting
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54406EVAL1Z Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL54406EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL54406EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL54406EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL54406EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL54406EVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL54406EVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL54406EVAL1Z Datasheet HTML 11Page - Intersil Corporation ISL54406EVAL1Z Datasheet HTML 12Page - Intersil Corporation ISL54406EVAL1Z Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ISL54406
9
FN6578.1
July 14, 2010
Application Block Diagram
Detailed Description
The ISL54406 device is a dual single pole-single throw
(SPST) analog switch that operates from a single DC
power supply in the range of +2.7V to +5V. It was
designed to function as a transient suppressor to
eliminate Click and Pop noise on headphones. It comes in
a 10 Ld (3mmx3mm) TDFN or a tiny 10 Ld
(1.8mmx1.4mm) µTQFN package for use in MP3 players,
PDAs, cellphones, and other personal media players.
The part consist of a pair of 2.5Ω audio switches. The
audio switches can accept signals that swing below
ground by as much as -1.5V. They were designed to pass
audio left and right stereo signals that are ground
referenced with minimal distortion.
The ISL54406 was specifically designed for MP3 players,
personal media players and cellphone applications that
require but do not have Click and Pop elimination. See
“Application Block Diagram” on page 9.
The ISL54406 contains logic control pins SEL1 and SEL2
that will determine the state of the switch. See the “Truth
Table” on page 2 for a description of each state. A
detailed description of the audio switches are provided in
the section that follows.
Audio Switches
The two 2.5Ω audio switches (L, R) are designed to pass
signals that swing 1.5V above and below ground.
Crosstalk between the audio switches is -90dB over the
audio band. These switches have excellent off-isolation of
110dB over the audio bandwidth with a 32Ω load.
Over a signal range of ±1V (0.707VRMS) with VDD >
2.7V, these switches have an extremely low rON
resistance variation (0.03Ω). They can pass ground
referenced audio signals with very low distortion
(<0.04% THD+N) when delivering 4mW into a 32Ω
headphone speaker load. See Figures 10, 11, 12 and 13
for THD+N performance curves.
The audio drivers should be connected at the LIN and RIN
side of the switch and the speaker loads should be
connected at the LOUT and ROUT side of the switch for
proper Click and Pop elimination. The switches have Click
and Pop circuitry on the LIN and RIN side that is activated
when the SEL1 pin is driven High and SEL2 pin is driven
Low. The audio switches are turned OFF in this state. The
ISL54406 should be put in this mode before powering down
or powering up of the audio source drivers. The high
off-isolation of the audio switches along with the Click and
Pop circuitry will prevent the transients generated during
power-up and power-down of the audio source from getting
through to the headphones, thus eliminating Click and Pop
noise in the headphones. The audio switches are turned ON
and the Click and Pop circuitry disabled whenever SEL1 and
SEL2 is driven High.
ISL54406 Operation
The discussion that follows will describe using the
ISL54406 in the “Application Block Diagram” on page 9.
LOGIC CONTROL
The state of the ISL54406 device is determined by the
logic level at the SEL1 and SEL2 pins. The part has four
states or modes of operation. The Audio Playback Mode,
Audio Mute Mode, Click and Pop Mode, and Shutdown
Mode. Refer to “Truth Table” on page 2 for the logic state
of each mode of operation. The SEL1 and SEL2 pins are
internally pulled low through 4MΩ resistors to ground and
can be left floating to pull the logic pins Low.
Logic Control Voltage Levels:
SEL1 and SEL2 = Logic “0” (Low) when 0.5V or
Floating.
SEL1 and SEL2 = Logic “1” (High) when 1.4V
4MΩ
ISL54406
AUDIO
LOUT
ROUT
SEL1
GND
LIN
VDD
SEL2
LOGIC CONTROL
µCONTROLLER
4MΩ
CODEC
CLICK AND POP
3.3V
220kΩ
220kΩ
CIRCUITRY
RIN
LSHUNT
RSHUNT
220µF
220µF
0.1µF
SPEAKER
LEFT
SPEAKER
RIGHT


Similar Part No. - ISL54406EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54406EVAL1Z INTERSIL-ISL54406EVAL1Z Datasheet
764Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
July 14, 2010
logo
Renesas Technology Corp
ISL54406EVAL1Z RENESAS-ISL54406EVAL1Z Datasheet
946Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
More results

Similar Description - ISL54406EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54406IRUZ-T INTERSIL-ISL54406IRUZ-T Datasheet
764Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
July 14, 2010
logo
Renesas Technology Corp
ISL54406 RENESAS-ISL54406 Datasheet
946Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
logo
Maxim Integrated Produc...
MAX9892 MAXIM-MAX9892 Datasheet
202Kb / 9P
   Shunt Mode Audio Click-and-Pop Eliminator
Rev 0; 10/08
logo
Anpec Electronics Corop...
APA2192 ANPEC-APA2192 Datasheet
246Kb / 14P
   Shut Mode Audio Click-and-Pop Eliminator
logo
Maxim Integrated Produc...
MAX9892 MAXIM-MAX9892_V01 Datasheet
812Kb / 7P
   Shunt Mode Audio Click-and-Pop Eliminator
19-4295; Rev 1; 12/16
MAX9890 MAXIM-MAX9890 Datasheet
368Kb / 12P
   Audio Click-Pop Suppressor
Rev 0; 8/03
MAX9890 MAXIM-MAX9890_V01 Datasheet
1Mb / 12P
   Audio Click-Pop Suppressor
19-2932; Rev 4; 5/17
logo
Will Semiconductor Ltd.
WSP6582C WILLSEMI-WSP6582C Datasheet
814Kb / 9P
   SwitchPro Family High Fidelity Stereo SPDT Switch with Pop and Click Suppression
logo
Intersil Corporation
ISL54409IRTZ-T INTERSIL-ISL54409IRTZ-T Datasheet
376Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
ISL54409 INTERSIL-ISL54409 Datasheet
387Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com