Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54406EVAL1Z Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL54406EVAL1Z
Description  Stereo Click and Pop Eliminator with Audio Muting
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54406EVAL1Z Datasheet(HTML) 4 Page - Intersil Corporation

  ISL54406EVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL54406EVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL54406EVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL54406EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL54406EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL54406EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL54406EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL54406EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL54406EVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ISL54406
4
FN6578.1
July 14, 2010
Absolute Maximum Ratings
Thermal Information
VDD to GND. . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 5.5V
Input Voltages
LIN, RIN (Note 6). . . . . . . . . . . . . . -2V to ((VDD) + 0.3V)
SEL1 (Note 6) . . . . . . . . . . . . . . . -0.3V to ((VDD) + 0.3V)
SEL2 (Note 6) . . . . . . . . . . . . . . . -0.3 to ((VDD) + 0.3V)
Output Voltages
LOUT, ROUT (Note 6) . . . . . . . . . . . -2V to ((VDD) + 0.3V)
Continuous Current . . . . . . . . . . . . . . . . . . . . . . ±150mA
Peak Current
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . ±300mA
ESD Rating:
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . >5kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . >300V
Charged Device Model . . . . . . . . . . . . . . . . . . . . .>1.5kV
Latch-up Tested per JEDEC; Class II Level A . . . . . at +85°C
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
10 Ld µTQFN (Note 7, 8) . . . . . . . .
160
105
10 Ld TDFN (Notes 9, 10) . . . . . . .
55
18
Maximum Junction Temperature (Plastic Package). . +150°C
Maximum Storage Temperature Range. . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
6. Signals on LIN, RIN, LOUT, ROUT, SEL1, and SEL2 exceeding VDD or GND by specified amount are clamped. Limit current to
maximum current ratings.
7. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
8. For θJC, the “case temp” location is taken at the package top center.
9. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach”
features. See Tech Brief TB379.
10. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.0V, GND = 0V, VSELx_H = 1.4V,
VSELx_L= 0.5V, (Notes 11), Unless Otherwise Specified
Boldface limits apply over the operating temperature range,
-40°C to +85°C.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 12, 13) TYP
MAX
(Notes 12, 13) UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Input Signal Range,
VANALOG
VDD = 3.3V, VSEL2 = 1.4V, VSEL1 = 1.4V
Full
-1.5
-
1.5
V
ON-Resistance, rON
VDD = 3.0V, VSEL2 = 1.4V, VSEL1 = 1.4V
IXOUT = 40mA, VLIN or VRIN = -0.85V to
0.85V, (See Figure 2, Note 16)
+25
-
2.5
2.8
Ω
Full
-
-
4.0
Ω
rON Flatness, rFLAT(ON)
VDD = 3.0V, VSEL2 = 1.4V, VSEL1 = 1.4V
IXOUT = 40mA, VLIN or VRIN = -0.85V to
0.85V, (Notes 14, 16)
+25
-
2
-
m
Ω
Full
-
-
m
Ω
rON Matching Between
Channels, ΔrON
VDD = 3.0V, VSEL2 = 1.4V, VSEL1 = 1.4V
IXOUT = 40mA, VLIN or VRIN = Voltage at
max rON over signal range of -0.85V to
0.85V, (Note 15, 16)
+25
-
0.09
0.25
Ω
Full
-
-
0.35
Ω
Discharge Pull-Down
Resistance, RL, RR
VDD = 3.6V, VSEL2 = 1.4V, VSEL1= 1.4V ,
VROUT or VLOUT = -0.85V, 0.85V. Measure
current through the discharge pull down
resistor and calculate resistance value.
+25
-
240
-
Click and Pop Discharge
Resistance
VDD = 3.0V, VSEL2 = 0V, VSEL1= 1.4V,
VINL or V INR = -0.85V, 0.85V. Measure
current through the Click and Pop
discharge resistance and calculate
resistance value.
+25
-
35
-
Ω


Similar Part No. - ISL54406EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54406EVAL1Z INTERSIL-ISL54406EVAL1Z Datasheet
764Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
July 14, 2010
logo
Renesas Technology Corp
ISL54406EVAL1Z RENESAS-ISL54406EVAL1Z Datasheet
946Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
More results

Similar Description - ISL54406EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54406IRUZ-T INTERSIL-ISL54406IRUZ-T Datasheet
764Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
July 14, 2010
logo
Renesas Technology Corp
ISL54406 RENESAS-ISL54406 Datasheet
946Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
logo
Maxim Integrated Produc...
MAX9892 MAXIM-MAX9892 Datasheet
202Kb / 9P
   Shunt Mode Audio Click-and-Pop Eliminator
Rev 0; 10/08
logo
Anpec Electronics Corop...
APA2192 ANPEC-APA2192 Datasheet
246Kb / 14P
   Shut Mode Audio Click-and-Pop Eliminator
logo
Maxim Integrated Produc...
MAX9892 MAXIM-MAX9892_V01 Datasheet
812Kb / 7P
   Shunt Mode Audio Click-and-Pop Eliminator
19-4295; Rev 1; 12/16
MAX9890 MAXIM-MAX9890 Datasheet
368Kb / 12P
   Audio Click-Pop Suppressor
Rev 0; 8/03
MAX9890 MAXIM-MAX9890_V01 Datasheet
1Mb / 12P
   Audio Click-Pop Suppressor
19-2932; Rev 4; 5/17
logo
Will Semiconductor Ltd.
WSP6582C WILLSEMI-WSP6582C Datasheet
814Kb / 9P
   SwitchPro Family High Fidelity Stereo SPDT Switch with Pop and Click Suppression
logo
Intersil Corporation
ISL54409IRTZ-T INTERSIL-ISL54409IRTZ-T Datasheet
376Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
ISL54409 INTERSIL-ISL54409 Datasheet
387Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com