Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSP50210JI-52Z Datasheet(PDF) 9 Page - Intersil Corporation

Part # HSP50210JI-52Z
Description  Digital Costas Loop
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50210JI-52Z Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HSP50210JI-52Z Datasheet HTML 5Page - Intersil Corporation HSP50210JI-52Z Datasheet HTML 6Page - Intersil Corporation HSP50210JI-52Z Datasheet HTML 7Page - Intersil Corporation HSP50210JI-52Z Datasheet HTML 8Page - Intersil Corporation HSP50210JI-52Z Datasheet HTML 9Page - Intersil Corporation HSP50210JI-52Z Datasheet HTML 10Page - Intersil Corporation HSP50210JI-52Z Datasheet HTML 11Page - Intersil Corporation HSP50210JI-52Z Datasheet HTML 12Page - Intersil Corporation HSP50210JI-52Z Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
FN3652.5
July 2, 2008
9
The I and D filter consists of an accumulator, a
programmable shifter and a two sample summer, as shown
in Figure 3. The programmable shifter is provided to
compensate for the gain introduced by the accumulator (see
Table 15). The accumulator provides Integrate and Dump
Filtering for decimation factors up to 16. The two sample
summer provides the moving average required for an
additional decimation factor of 2. A decimation factor of 1
(bypass), 2, 4, 8, 16, or 32 may be selected. At the maximum
decimation rate, a baseband signal sampled at 32x the
symbol rate can be filtered.
The output of the two sample summer is demultiplexed into
two sample streams at the symbol rate. The demultiplexed
data streams from the I and Q processing paths are fed to
the Symbol Tracking Block and Soft decision slicer. The
multiplexed data streams on I and Q are provided as one of
the selectable inputs for the Cartesian-to-Polar Converter.
Cartesian/Polar Converter
The Cartesian/Polar Converter maps samples on the I and Q
processing paths to their equivalent phase/magnitude
representation. The magnitude conversion is equivalent to
Equation 5:
where 0.81 is the gain of the conversion process. The
magnitude output is an 8-bit unsigned value ranging from 0.0
to 1.9922.
0
-20
-40
-60
-80
-100
0
fCLK
FREQUENCY (NORMALIZED TO INPUT SAMPLE RATE)
FIGURE 4. RRC FILTER IN HSP50210
10
2fCLK
10
3fCLK
10
4fCLK
10
fCLK
2
0
-0.18
-0.36
-0.54
-0.72
-0.90
0
-0.07
-0.14
-0.21
-0.28
-0.35
0
FREQUENCY (NORMALIZED TO INPUT SAMPLE RATE)
fCLK
25
2fCLK
25
3fCLK
25
4fCLK
25
fCLK
5
FIGURE 5. PASSBAND RIPPLE OF RRC FILTER IN HSP50210
SHOWN BELOW
ENLARGED FOR CLARITY
0
fCLK
40
fCLK
20
3fCLK
40
fCLK
10
3fCLK
20
5fCLK
40
TABLE 1. ROOT RAISED COSINE COEFFICIENTS
COEFFICIENT INDEX
COEFFICIENT
02
1-2
21
38
4-16
5-14
686
7
160
886
9-14
10
-16
11
8
12
1
13
-2
14
2
Mag (I, Q)
0.81
()∗ I
2
Q
2
+
()
=
(EQ. 5)
HSP50210


Similar Part No. - HSP50210JI-52Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSP50210JI-52Z RENESAS-HSP50210JI-52Z Datasheet
1Mb / 51P
   Digital Costas Loop
More results

Similar Description - HSP50210JI-52Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSP50210 RENESAS-HSP50210 Datasheet
1Mb / 51P
   Digital Costas Loop
logo
Texas Instruments
CD74ACT297 TI-CD74ACT297 Datasheet
196Kb / 12P
[Old version datasheet]   DIGITAL PHASE-LOCKED LOOP
CD74ACT297 TI1-CD74ACT297_14 Datasheet
463Kb / 18P
[Old version datasheet]   DIGITAL PHASE-LOCKED LOOP
SN54LS297 TI-SN54LS297_07 Datasheet
513Kb / 15P
[Old version datasheet]   DIGITAL PHASE-LOCKED-LOOP FILTERS
SN54LS297 TI-SN54LS297 Datasheet
307Kb / 7P
[Old version datasheet]   DIGITAL PHASE-LOCKED-LOOP FILTERS
logo
Motorola, Inc
MC145422 MOTOROLA-MC145422 Datasheet
264Kb / 20P
   UNIVERSAL DIGITAL-LOOP TRANSCEIVER(UDLT)
logo
NXP Semiconductors
74HC297 PHILIPS-74HC297 Datasheet
101Kb / 12P
   Digital phase-locked-loop filter
September 1993
logo
Magnetrol International...
009-5762-021 MAGNETROL-009-5762-021 Datasheet
184Kb / 4P
   Digital Meters Loop and Line Powered
logo
Freescale Semiconductor...
MC145423E FREESCALE-MC145423E Datasheet
4Mb / 30P
   Universal Digital Loop Transceiver (UDLT-3)
logo
Motorola, Inc
MC145421 MOTOROLA-MC145421 Datasheet
271Kb / 16P
   ISDN Universal Digital Loop Transceivers II
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com