Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54213 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL54213
Description  MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Mute Function
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54213 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL54213 Datasheet HTML 1Page - Intersil Corporation ISL54213 Datasheet HTML 2Page - Intersil Corporation ISL54213 Datasheet HTML 3Page - Intersil Corporation ISL54213 Datasheet HTML 4Page - Intersil Corporation ISL54213 Datasheet HTML 5Page - Intersil Corporation ISL54213 Datasheet HTML 6Page - Intersil Corporation ISL54213 Datasheet HTML 7Page - Intersil Corporation ISL54213 Datasheet HTML 8Page - Intersil Corporation ISL54213 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
FN6663.0
March 26, 2008
rON Matching Between
Channels,
ΔrON
VDD = 3.3V, IN = 1.4V, CTRL = 1.4V, ICOMx = 40mA, VD+ or
VD- = Voltage at max rON (Notes 12 and 13)
25
-
0.05
0.25
Ω
Full
-
-
0.55
Ω
rON Flatness, rFLAT(ON)
VDD = 3.3V, IN = 1.4V, CTRL = 1.4V, ICOMx = 40mA, VD+ or
VD- = 0V to 400mV (Notes 11 and 12)
25
-
0.5
0.55
Ω
Full
-
-
1.0
Ω
ON-resistance, rON
(Full-Speed)
VDD = 3.3V, IN = 1.4V, CTRL = 1.4V, ICOMx = 1mA, VD+ or
VD- = 3.3V (see Figure 4, Note 12)
25
-
25
30
Ω
Full
-
-
35
Ω
ON-resistance, rON
VDD = 5.0V, IN = VDD, CTRL = VDD, ICOMx = 1mA, VD+ or
VD- = 5V (see Figure 4)
+25
-
20
-
Ω
ON-resistance, rON
VDD = 4.2V, IN = VDD, CTRL = VDD, ICOMx = 1mA, VD+ or
VD- = 4.2V (see Figure 4)
25
-
22
-
Ω
ON-resistance, rON
VDD = 2.85V, IN = VDD, CTRL = VDD, ICOMx = 1mA, VD+ or
VD- = 2.85V (see Figure 4)
25
-
28
-
Ω
OFF-Leakage Current,
ID+(OFF) or ID-(OFF)
VDD = 3.6V, IN = 0V, CTRL = 3.6V, VCOM- or VCOM+ = 0.5V, 0V,
VD+ or VD- = 0V, 0.5V, VL and VR = float
25
-5
1.5
5
nA
Full
-60
-
60
nA
ON-Leakage Current, IDX
VDD = 3.6V, IN = VDD, CTRL = 0V or VDD, VD+ or VD- = 2.7V,
VCOM- or VCOM+ = Float, VL and VR = float
25
-11
2.5
11
nA
Full
-70
-
70
nA
DYNAMIC CHARACTERISTICS
USB Turn-ON Time, tON
VDD = 3.0V, RL = 50Ω, CL = 10pF (see Figure 1)
25
-
52
-
ns
USB Turn-OFF Time, tOFF
VDD = 3.0V, RL = 50Ω, CL = 10pF (see Figure 1)
25
-
20
-
ns
Audio Turn-ON Time, tON
VDD = 3.0V, RL = 50Ω, CL = 10pF (see Figure 1)
25
-
2.5
-
μs
Audio Turn-OFF Time, tOFF
VDD = 3.0V, RL = 50Ω, CL = 10pF (see Figure 1)
25
-
50
-
ns
Break-Before-Make Time Delay,
tD
VDD = 3.0V, RL = 50Ω, CL = 10pF (see Figure 2)
25
-
44
-
ns
Skew, tSKEW
VDD = 3.0V, IN = 3V, CTRL = 3V, RL = 45Ω,
CL = 10pF, tR = tF = 720ps at 480Mbps, (Duty Cycle = 50%)
(see Figure 7)
25
-
50
-
ps
Total Jitter, tJ
VDD =3.0V, IN = 3V, CTRL = 3V, RL = 50Ω,
CL = 10pF, tR = tF = 750ps at 480Mbps
25
-
210
-
ps
Propagation Delay, tPD
VDD = 3.0V, IN = 3V, CTRL = 3V, RL = 45Ω, CL = 10pF
(see Figure 7)
25
-
250
-
ps
Audio Crosstalk
R to COM-, L to COM+
VDD = 3.0V, IN = 0V, CTRL = 3.0V, RL = 32Ω, f = 20Hz to 20kHz,
VR or VL = 0.707VRMS (2VP-P) (see Figure 6)
25
-
-112
-
dB
Crosstalk
(Audio to USB, USB to Audio)
VDD = 3.0V, RL = 50Ω, f = 100kHz (see Figure 6)
25
-
-95
-
dB
OFF-isolation
VDD = 3.0V, RL = 50Ω, f = 100kHz
25
-
95
-
dB
OFF-isolation
VDD = 3.0V, RL = 32Ω, f = 20Hz to 20kHz
25
-
112
-
dB
Total Harmonic Distortion
f = 20Hz to 20kHz, VDD = 3.0V, IN = 0V, CTRL = 3.0V,
VL or VR = 180mVRMS (509mVP-P), RL = 32Ω
25
-
0.013
-
%
Total Harmonic Distortion
f = 20Hz to 20kHz, VDD = 3.0V, IN = 0V, CTRL = 3.0V,
VL or VR = 0.707VRMS (2VP-P), RL = 32Ω
25
-
0.06
-
%
USB Switch -3dB Bandwidth
Signal = 0dBm, 0.2VDC offset, RL = 50Ω, CL = 5pF
25
-
736
-
MHz
D+/D- OFF-capacitance,
CDxOFF
f = 1MHz, VDD = 3.0V, IN = 0V, CTRL = 3.0V, VD- or
VD+ = VCOMx = 0V (see Figure 5)
25
-
3
-
pF
L/R OFF-capacitance, CLOFF,
CROFF
f = 1MHz, VDD = 3.0V, IN = 3.0V, CTRL = 0V or 3V, VL or
VR = VCOMx = 0V (see Figure 5)
25
-
5
-
pF
COM ON-capacitance,
CCOMx(ON)
f = 1MHz, VDD = 3.0V, IN = 3.0V, CTRL = 0V or 3V, VD- or
VD+ = VCOMx = 0V (see Figure 5)
25
-
8
-
pF
Electrical Specifications - 2.7V to 3.6V Supply
Test Conditions: VDD = +3.0V, GND = 0V, VINH = VCTRLH = 1.4V, VINL = VCTRLL = 0.5V,
(Note 8), Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 9, 10) TYP
MAX
(Notes 9, 10) UNITS
ISL54213


Similar Part No. - ISL54213

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54213 INTERSIL-ISL54213 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54213 RENESAS-ISL54213 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Mute Function
ISL54213IRTZ RENESAS-ISL54213IRTZ Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Mute Function
ISL54213IRTZ-T RENESAS-ISL54213IRTZ-T Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Mute Function
ISL54213IRUZ-T RENESAS-ISL54213IRUZ-T Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Mute Function
More results

Similar Description - ISL54213

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54213 RENESAS-ISL54213 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Mute Function
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A RENESAS-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 RENESAS-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com