Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5178IY Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5178IY
Description  700MHz Differential Twisted-Pair Drivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5178IY Datasheet(HTML) 3 Page - Intersil Corporation

  EL5178IY Datasheet HTML 1Page - Intersil Corporation EL5178IY Datasheet HTML 2Page - Intersil Corporation EL5178IY Datasheet HTML 3Page - Intersil Corporation EL5178IY Datasheet HTML 4Page - Intersil Corporation EL5178IY Datasheet HTML 5Page - Intersil Corporation EL5178IY Datasheet HTML 6Page - Intersil Corporation EL5178IY Datasheet HTML 7Page - Intersil Corporation EL5178IY Datasheet HTML 8Page - Intersil Corporation EL5178IY Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
FN7491.4
August 25, 2010
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage (VS+ to VS-) . . . . . . . . . . . . . . . . . . . . . . . . . . . .12V
Supply Voltage Rate-of-rise (dV/dT) . . . . . . . . . . . . . . . . . . . . 1V/µs
Input Voltage (IN+, IN- to VS+, VS-). . . . . . VS- - 0.3V to VS+ + 0.3V
Differential Input Voltage (IN+ to IN-) . . . . . . . . . . . . . . . . . . . . ±4.8V
Maximum Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . ±60mA
Input Current (all inputs and references) . . . . . . . . . . . . . . . . . . 4mA
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +135°C
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
Electrical Specifications
VS+ = +5V, VS- = -5V, TA = +25°C, VIN = 0V, RLD = 1kΩ, CLD = 2.7pF, [RF = 604Ω, RG = 402Ω (EL5178)],
[RF = 402Ω, RG = 274Ω (EL5378)], unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
BW
-3dB Bandwidth
AV = 2, CLD = 2.7pF
700
MHz
AV = 5, CLD = 2.7pF
80
MHz
AV = 2, CLD = 2.7pF, RLD = 200Ω
320
MHz
BW
±0.1dB Bandwidth
AV = 2, CLD = 2.7pF
45
MHz
SR
Slew Rate, Differential (EL5178)
VOUT = 3VP-P, 20% to 80%
650
850
V/µs
Slew Rate, Differential (EL5378)
VOUT = 3VP-P, 20% to 80%
650
1000
V/µs
tSTL
Settling Time to 0.1%
VOUT = 2VP-P
35
ns
tOVR
Output Overdrive Recovery Time
AV = 2
20
ns
GBWP
Gain Bandwidth Product
350
MHz
VREFBW (-3dB) VREF -3dB Bandwidth (EL5378)
CLD = 2.7pF
110
MHz
VREFSR+
VREF Slew Rate - Rise (EL5378)
VOUT = 2VP-P, 20% to 80%
134
V/µs
VREFSR-
VREF Slew Rate - Fall (EL5378)
VOUT = 2VP-P, 20% to 80%
70
V/µs
VN
Input Voltage Noise
at 10kHz
18
nV/
√Hz
IN
Input Current Noise
at 10kHz
1.5
pA/
√Hz
HD2
Second Harmonic Distortion
VOUT = 2VP-P, 5MHz
-83
dBc
VOUT = 2VP-P, 20MHz
-72
dBc
HD3
Third Harmonic Distortion
VOUT = 2VP-P, 5MHz
-88
dBc
VOUT = 2VP-P, 20MHz
-70
dBc
dG
Differential Gain at 3.58MHz
RLD = 300Ω, AV = 2
0.06
%
d
θ
Differential Phase at 3.58MHz
RLD = 300Ω, AV = 2
0.13
°
eS
Channel Separation (EL5378)
at F = 1MHz
90
dB
INPUT CHARACTERISTICS
VOS
Input Referred Offset Voltage
±1.9
±30
mV
IIN
Input Bias Current (VIN+, VIN-)
-20
-14
-7
µA
IREF
Input Bias Current (VREF) (EL5378)
VREF = ±3.0V
0.05
2.3
4
µA
RIN
Differential Input Resistance
150
k
Ω
CIN
Differential Input Capacitance
1
pF
EL5178, EL5378


Similar Part No. - EL5178IY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5178IY INTERSIL-EL5178IY Datasheet
720Kb / 18P
   700MHz Differential Twisted-Pair Drivers
EL5178IY-T13 INTERSIL-EL5178IY-T13 Datasheet
720Kb / 18P
   700MHz Differential Twisted-Pair Drivers
EL5178IY-T7 INTERSIL-EL5178IY-T7 Datasheet
720Kb / 18P
   700MHz Differential Twisted-Pair Drivers
EL5178IYZ INTERSIL-EL5178IYZ Datasheet
720Kb / 18P
   700MHz Differential Twisted-Pair Drivers
EL5178IYZ INTERSIL-EL5178IYZ Datasheet
839Kb / 18P
   700MHz Differential Twisted-Pair Drivers
August 19, 2015
More results

Similar Description - EL5178IY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5178ISZ INTERSIL-EL5178ISZ Datasheet
839Kb / 18P
   700MHz Differential Twisted-Pair Drivers
August 19, 2015
EL5178 INTERSIL-EL5178_07 Datasheet
720Kb / 18P
   700MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171_06 Datasheet
331Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com