Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54209IRTZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL54209IRTZ
Description  MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54209IRTZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL54209IRTZ Datasheet HTML 7Page - Intersil Corporation ISL54209IRTZ Datasheet HTML 8Page - Intersil Corporation ISL54209IRTZ Datasheet HTML 9Page - Intersil Corporation ISL54209IRTZ Datasheet HTML 10Page - Intersil Corporation ISL54209IRTZ Datasheet HTML 11Page - Intersil Corporation ISL54209IRTZ Datasheet HTML 12Page - Intersil Corporation ISL54209IRTZ Datasheet HTML 13Page - Intersil Corporation ISL54209IRTZ Datasheet HTML 14Page - Intersil Corporation ISL54209IRTZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
FN6627.4
June 10, 2010
Detailed Description
The ISL54209 device is a dual single pole/double throw
(SPDT) analog switch that operates from a single DC
power supply in the range of 2.5V to 5.0V. It was
designed to function as a dual 2 to 1 multiplexer to select
between USB differential data signals and audio L and R
stereo signals. It comes in tiny µTQFN and TDFN
packages for use in MP3 players, PDAs, cellular phones
and other personal media players.
The part consists of two 2.5Ω audio switches and two 5Ω
USB switches. The audio switches can accept signals that
swing below ground. They were designed to pass audio
left and right stereo signals, that are ground referenced,
with minimal distortion. The USB switches were designed
to pass high-speed USB differential data signals with
minimal edge and phase distortion.
The ISL54209 was specifically designed for MP3 players,
personal media players and cellular phone applications
that need to combine the audio headphone jack and the
USB data connector into a single shared connector,
thereby saving space and component cost. “Typical
Application Block Diagrams” on page 10 of this
functionality are shown in Figures 8 and 9.
The ISL54209 has a single logic control pin (IN) that
selects between the audio switches and the USB
switches. This pin can be driven Low or High to switch
between the audio CODEC drivers and USB transceiver of
the MP3 player or cellular phone. The ISL54209 also
contains a logic control pin (CTRL) that when driven Low
while IN is Low, opens all switches and puts the part into
a low power state, drawing typically 1nA of IDD current.
Detailed descriptions of the two types of switches are
provided in the following sections.
Audio Switches
The two audio switches (L, R) are 2.5Ω switches that can
pass signals that swing below ground by as much as
1.5V. They were designed to pass ground reference
stereo signals with minimal insertion loss and very low
distortion over a ±1V signal range.
Crosstalk between the audio channels is -110dB over the
audio band. Crosstalk between the audio channel and
USB channel is -95dB at 100kHz. These switches have
excellent OFF-isolation, 114dB, over the audio band with
a 32Ω load.
Over a signal range of ±1V (0.707VRMS) with
VDD > 2.7V, these switches have an extremely low rON
resistance variation. They can pass ground referenced
audio signals with very low distortion (<0.06% THD+N)
when delivering 15.6mW into a 32Ω headphone speaker
load. See Figures 10 and 11.
These switches are bi-directional switches. In typical
applications, the audio drivers would be connected at the
L and R side of the switch and the speaker loads would
be connected at the COM side of the switch.
The audio switches are active (turned ON) whenever the
IN voltage is ≤ 0.5V or floating and the CTRL voltage ≥ to
1.4V.
USB Switches
The two USB switches (D+, D-) are bidirectional switches
that can pass rail-to-rail signals. When powered with a
3.3V supply, these switches have a nominal rON of 5Ω
over the signal range of 0V to 400mV with a rON flatness
of 0.45Ω. The rON matching between the D+ and D-
switches over this signal range is only 0.05Ω ensuring
minimal impact by the switches to USB high speed signal
transitions. As the signal level increases, the rON
resistance increases. At a signal level of 3.3V, the switch
resistance is nominally 25Ω.
The USB switches were specifically designed to pass USB
2.0 high-speed (480Mbps) differential signals typically in
the range of 0V to 400mV. They have low capacitance
and high bandwidth to pass the USB high-speed signals
with minimum edge and phase distortion to meet USB
2.0 high speed signal quality specifications. See
Figure 12.
The USB switches can also pass USB full-speed signals
(12Mbps) with minimal distortion and meet all the USB
requirements for USB 2.0 full-speed signaling. See
Figure 13 for Full-speed Eye Pattern taken with switch in
the signal path.
The USB switches are active (turned ON) whenever the
IN voltage is ≥ to 1.4V.
COM+, COM-, 1D-, 1D+, 2D-, AND 2D+ ARE
OVERVOLTAGE TOLERANT UP TO 5.5V AND
DOWN TO -1.5V
For normal operation, the signal range for the USB
switches is from -1V to VDD. During normal operation,
the signal voltage at D- and D+ should not be allowed
to exceed the VDD voltage rail or go below ground by
more than -1.0V. However, the ISL54209, with a VDD
supply voltage in the range of 0V to 5.0V, can
withstand an overvoltage of up to 5.5V or down to
-1.5V applied at its COM pins (COM-, COM+) and/or
USB signal pins (1D-, 1D+, 2D-, 2D+) without
damage. In this overvoltage condition, the part draws
<1mA of current and causes no stress to the IC.
Note: When in the overvoltage state, the fault voltage
at a COM pin will pass thru the USB switch to the signal
side of the switch, so the media player’s USB
transceiver must have protection circuitry to protect it
from damage.
ISL54209 Operation
The following will discuss using the ISL54209 in the
“Typical Application Block Diagrams” on page 10 shown
in Figures 8 and 9.
VDD SUPPLY
The DC power supply connected at VDD pin provides the
required bias voltage for proper switch operation. The
ISL54209


Similar Part No. - ISL54209IRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54209IRTZ RENESAS-ISL54209IRTZ Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
ISL54209IRTZ-T RENESAS-ISL54209IRTZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
More results

Similar Description - ISL54209IRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54215 RENESAS-ISL54215 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
logo
Intersil Corporation
ISL54215 INTERSIL-ISL54215 Datasheet
660Kb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
logo
Renesas Technology Corp
ISL54209 RENESAS-ISL54209 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com