Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54209IRUZ-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL54209IRUZ-T
Description  MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54209IRUZ-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL54209IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54209IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54209IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54209IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54209IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54209IRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54209IRUZ-T Datasheet HTML 10Page - Intersil Corporation ISL54209IRUZ-T Datasheet HTML 11Page - Intersil Corporation ISL54209IRUZ-T Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
FN6627.4
June 10, 2010
Test Circuits and Waveforms
Logic input waveform is inverted for switches that have the
opposite logic sense.
FIGURE 1A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 1B. TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
FIGURE 2A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 2B. TEST CIRCUIT
FIGURE 2. BREAK-BEFORE-MAKE TIME
FIGURE 3. AUDIO rON TEST CIRCUIT
FIGURE 4. USB rON TEST CIRCUIT
50%
tr < 20ns
tf < 20ns
tOFF
90%
VINH
0V
VINPUT
VINL
tON
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
90%
VOUT
VOUT
V(INPUT)
RL
RL rON
+
------------------------
=
SWITCH
INPUT
VIN
VOUT
RL
CL
COMx
AUDIO OR USB
IN
50
Ω
10pF
GND
VDD
C
CTRL
VINPUT
90%
VINH
VINL
tD
LOGIC
INPUT
SWITCH
OUTPUT
0V
VOUT
VIN
IN
COMx
RL
CL
VOUT
10pF
50
Ω
D- OR D+
L OR R
VDD
GND
VINPUT
C
CTRL
VDD
C
0V OR FLOAT
L OR R
COMx
IN
GND
VL OR VR
V1
rON = V1/40mA
40mA
Repeat test for all switches.
CTRL
VDD
C
VDD
D- OR D+
COMx
IN
GND
VD- OR VD+
V1
rON = V1/40mA
40mA
Repeat test for all switches.
CTRL
ISL54209


Similar Part No. - ISL54209IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54209IRUZ-T RENESAS-ISL54209IRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
More results

Similar Description - ISL54209IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54215 RENESAS-ISL54215 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
logo
Intersil Corporation
ISL54215 INTERSIL-ISL54215 Datasheet
660Kb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
logo
Renesas Technology Corp
ISL54209 RENESAS-ISL54209 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com