Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8540IVEZ-T Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL8540IVEZ-T
Description  DC/DC Power Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8540IVEZ-T Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL8540IVEZ-T Datasheet HTML 3Page - Intersil Corporation ISL8540IVEZ-T Datasheet HTML 4Page - Intersil Corporation ISL8540IVEZ-T Datasheet HTML 5Page - Intersil Corporation ISL8540IVEZ-T Datasheet HTML 6Page - Intersil Corporation ISL8540IVEZ-T Datasheet HTML 7Page - Intersil Corporation ISL8540IVEZ-T Datasheet HTML 8Page - Intersil Corporation ISL8540IVEZ-T Datasheet HTML 9Page - Intersil Corporation ISL8540IVEZ-T Datasheet HTML 10Page - Intersil Corporation ISL8540IVEZ-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
FN6495.5
September 9, 2008
Typical Performance Curves Circuit of Figure 2, VIN = 24V, EN = 0V, FS = 500KHz, VOUT = 5V, unless otherwise noted.
Typical values are at TA = +25°C.
FIGURE 4. EFFICIENCY vs LOAD (12V INPUT - 500kHz)
FIGURE 5. EFFICIENCY vs LOAD (24V INPUT - 500kHz)
FIGURE 6. EFFICIENCY vs LOAD (36V INPUT - 500kHz)
FIGURE 7. VOUT REGULATION vs LOAD
(VOUT = 3.3V - 500kHz)
FIGURE 8. VOUT REGULATION vs LOAD
(VOUT = 5V - 500kHz)
FIGURE 9. VOUT REGULATION vs LOAD
(VOUT = 12V - 500kHz)
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
OUTPUT LOAD (A)
5V VOUT
3.3V VOUT
2.5V VOUT
1.2V VOUT
1.8V VOUT
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
OUTPUT LOAD (A)
12V VOUT
5V VOUT
1.2V VOUT
1.8V VOUT
2.5V VOUT
3.3V VOUT
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
OUTPUT LOAD (A)
12V VOUT
1.8V VOUT
2.5V VOUT
24V VOUT
5V VOUT
3.3V VOUT
3.20
3.23
3.26
3.29
3.32
3.35
3.38
0.0
0.5
1.0
1.5
2.0
2.5
OUTPUT LOAD (A)
12V VIN
24V VIN
36V VIN
4.80
4.85
4.90
4.95
5.00
5.05
5.10
0.0
0.5
1.0
1.5
2.0
2.5
OUTPUT LOAD (A)
12V VIN
24V VIN
36V VIN
11.7
11.8
11.9
12.0
12.1
12.2
12.3
0.0
0.5
1.0
1.5
2.0
2.5
OUTPUT LOAD (A)
24V VIN
36V VIN
ISL8540


Similar Part No. - ISL8540IVEZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8540IVEZ-T RENESAS-ISL8540IVEZ-T Datasheet
1Mb / 17P
   DC/DC Power Switching Regulator
More results

Similar Description - ISL8540IVEZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8560 RENESAS-ISL8560 Datasheet
1Mb / 17P
   DC/DC Power Switching Regulator
ISL8560MR RENESAS-ISL8560MR Datasheet
200Kb / 3P
   DC/DC Power Switching Regulator
November 11, 2011
logo
Intersil Corporation
ISL8560MREP INTERSIL-ISL8560MREP Datasheet
90Kb / 2P
   DC/DC Power Switching Regulator
logo
Renesas Technology Corp
ISL8540 RENESAS-ISL8540 Datasheet
1Mb / 17P
   DC/DC Power Switching Regulator
logo
Intersil Corporation
ISL8560MR INTERSIL-ISL8560MR Datasheet
100Kb / 2P
   DC/DC Power Switching Regulator
November 11, 2011
logo
Toshiba Semiconductor
2SK4023 TOSHIBA-2SK4023 Datasheet
215Kb / 6P
   Switching Regulator, DC/DC Converter
2SK4023 TOSHIBA-2SK4023_09 Datasheet
188Kb / 6P
   Switching Regulator, DC/DC Converter
logo
Intersil Corporation
ISL8560 INTERSIL-ISL8560 Datasheet
1,023Kb / 17P
   DC/DC Power Switching Regulator Voltage feedforward mode
logo
Fairchild Semiconductor
KSA1156OS FAIRCHILD-KSA1156OS Datasheet
96Kb / 5P
   High Voltage Switching Low Power Switching Regulator DC-DC Converter
KSA1156 FAIRCHILD-KSA1156 Datasheet
65Kb / 5P
   High Voltage Switching Low Power Switching Regulator DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com